Part Number Hot Search : 
HT7627 FW359 C91CA TS358CD K0358 X9C103PI 15N60C3 PAM2845
Product Description
Full Text Search
 

To Download IXFN20N120P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2008 ixys corporation, all rights reserved ds99889a (04/08) v dss = 1200v i d25 = 20a r ds(on) 570 m t rr 300 ns n-channel enhancement mode avalanche rated fast intrinsic diode symbol test conditions maximum ratings v dss t j = 25 c to 150 c 1200 v v dgr t j = 25 c to 150 c, r gs = 1m 1200 v v gss continuous 30 v v gsm transient 40 v i d25 t c = 25 c20a i dm t c = 25 c, pulse width limited by t jm 50 a i a t c = 25 c10a e as t c = 25 c1j dv/dt i s i dm , v dd v dss ,t j 150 c 20 v/ns p d t c = 25 c 595 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6mm (0.062 in.) from case for 10s 300 c v isol 50/60 hz, rms t = 1min 2500 v~ i isol 1ma t = 1s 3000 v~ m d mounting torque 1.5/13 nm/lb.in. terminal connection torque 1.3/11.5 nm/lb.in. weight 30 g IXFN20N120P symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 1ma 1200 v v gs(th) v ds = v gs , i d = 1ma 3.5 6.5 v i gss v gs = 30v, v ds = 0v 200 na i dss v ds = v dss 25 a v gs = 0v t j = 125 c 5 ma r ds(on) v gs = 10v, i d = 10a, note 1 570 m g d s s minibloc, sot-227 b (ixfn) e153432 g = gate d = drain s = source either source terminal s can be used as the source terminal or the kelvin source (gate return) terminal. features ? international standard package ? encapsulating epoxy meets ul 94 v-0, flammability classification ? minibloc with aluminium nitride isolation ? fast recovery diode ? unclamped inductive switching (uis) rated ? low package inductance - easy to drive and to protect advantages ? easy to mount ? space savings ? high power density polar tm power mosfet hiperfet tm applications: z high voltage switched-mode and resonant-mode power supplies z high voltage pulse power applications z high voltage discharge circuits in lasers pulsers, spark igniters, rf generators z high voltage dc-dc converters z high voltage dc-ac inverters
ixys reserves the right to change limits, test conditions, and dimensions. IXFN20N120P symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 20v, i d = 10a, note 1 10 16 s c iss 11.1 nf c oss v gs = 0v, v ds = 25v, f = 1mhz 600 pf c rss 60 pf r gi gate input resistance 1.60 t d(on) resistive switching times 49 ns t r v gs = 10v, v ds = 0.5 ? v dss , i d = 10a 45 ns t d(off) r g = 1 (external) 72 ns t f 70 ns q g(on) 193 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 10a 74 nc q gd 85 nc r thjc 0.21 c /w r thcs 0.05 c /w source-drain diode characteristic values t j = 25 c unless otherwise specified) min. typ. max. i s v gs = 0v 20 a i sm repetitive, pulse width limited by t jm 80 a v sd i f = i s , v gs = 0v, note 1 1.5 v t rr 300 ns q rm 0.84 c i rm 9 a ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 note 1: pulse test, t 300 s; duty cycle, d 2%. i f = 10a, -di/dt = 100a/ s v r = 100v sot-227b outline
? 2008 ixys corporation, all rights reserved IXFN20N120P fig. 6. maximum drain current vs. case temperature 0 2 4 6 8 10 12 14 16 18 20 22 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes fig. 1. output characteristics @ 25oc 0 2 4 6 8 10 12 14 16 18 20 024681012 v ds - volts i d - amperes v gs = 10v 9v 7 v 8 v fig. 2. extended output characteristics @ 25oc 0 5 10 15 20 25 30 35 40 0 5 10 15 20 25 30 v ds - volts i d - amperes v gs = 10v 9v 7 v 8 v fig. 3. output characteristics @ 125oc 0 2 4 6 8 10 12 14 16 18 20 0 2 4 6 8 101214161820222426 v ds - volts i d - amperes v gs = 10v 8v 7v 6v fig. 4. r ds(on) normalized to i d = 10a value vs. junction temperature 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 20a i d = 10a fig. 5. r ds(on) normalized to i d = 10a value vs. drain current 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 0 5 10 15 20 25 30 35 40 i d - amperes r ds(on) - normalized v gs = 10v t j = 125oc t j = 25oc
ixys reserves the right to change limits, test conditions, and dimensions. IXFN20N120P ixys ref: f_20n120p(86) 04-03-08-b fig. 12. maximum transient thermal impedance 0.001 0.010 0.100 1.000 0.00001 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w fig. 7. input admittance 0 5 10 15 20 25 30 35 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 v gs - volts i d - amperes t j = 125oc 25oc - 40oc fig. 8. transconductance 0 5 10 15 20 25 30 35 0 5 10 15 20 25 30 35 i d - amperes g f s - siemens t j = - 40oc 125oc 25oc fig. 9. forward voltage drop of intrinsic diode 0 10 20 30 40 50 60 0.30.40.50.60.70.80.91.01.11.21.3 v sd - volts i s - amperes t j = 125oc t j = 25oc fig. 10. gate charge 0 2 4 6 8 10 12 14 16 0 40 80 120 160 200 240 280 q g - nanocoulombs v gs - volts v ds = 600v i d = 10a i g = 10ma fig. 11. capacitance 10 100 1,000 10,000 100,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads f = 1 mhz c iss c rss c oss


▲Up To Search▲   

 
Price & Availability of IXFN20N120P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X