Part Number Hot Search : 
VA4ASK JEGC0158 HN62344 FR151 ATV622 R15KP20C AON7240 MAX1715
Product Description
Full Text Search
 

To Download DTA123J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd DTA123J pnp silicon transistor www.unisonic.com.tw 1 of 2 copyright ? 2011 unisonic technologies co., ltd qw-r206-075.ca digital transistors (built- in bias resistors) ? features * built-in bias resistors that im plies easy on/off applications. * the bias resistors are thin-film resistors with complete isolation to allow positive input. ? equivalent circuit sot-23 (jedec to-236) 3 2 1 sot-323 3 2 1 sot-523 3 2 1 to-92 1 to-92sp 1 ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 DTA123Jl-ae3-r DTA123Jg-ae3-r sot-23 g i o tape reel DTA123Jl-al3-r DTA123Jg-al3-r sot-323 g i o tape reel DTA123Jl-an3-r DTA123Jg-an3-r sot-523 g i o tape reel DTA123Jl-t92-b DTA123Jg-t92-b to-92 g o i tape box DTA123Jl-t92-k DTA123Jg-t92-k to-92 g o i bulk DTA123Jl-t92-r DTA123Jg-t92-r to-92 g o i tape reel DTA123Jl-t9s-k DTA123Jg-t9s-k to-92sp g o i bulk note: pin assignment: g: gnd, i: in, o: out ? marking (for sot-23/s ot-323/sor-523 package)
DTA123J pnp silicon transistor unisonic technologies co., ltd 2 of 2 www.unisonic.com.tw qw-r206-075.ca ? absolute maximum ratings (t a =25 c, unless otherwise specified) parameter symbol ratings unit supply voltage v cc 50 v input voltage v in -12 ~ +5 v output current i o -100 ma i c ( max ) -100 power dissipation sot-23/ sot-323 p d 200 mw sot-523 150 to-92 625 to-92sp 550 junction temperature t j 150 c storage temperature t stg -55 ~ +150 c note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? electrical characteristics (t a =25 c) parameter symbol test conditions min typ max unit input voltage v i ( off ) v cc =-5v, i o =-100 a -0.5 v v i ( on ) v o =-0.3v, i o =-5ma -1.1 output voltage v o ( on ) i o /i i =-5ma/-0.25ma -0.1 -0.3 v input current i i v i =-5v -3.6 ma output current i o ( off ) v cc =-50v, v i =0v -0.5 a dc current gain g i v o =-5v, i o =-10ma 80 input resistance r 1 1.54 2.2 2.86 k ? resistance ratio r 2 /r 1 17 21 26 transition frequency f t v ce =-10v, i e = ? 5ma, f=100mhz (note) 250 mhz note: transition frequency of the device utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of DTA123J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X