Part Number Hot Search : 
RF1404Z LT0199 MKI010V FSJ160R4 TZX6V8A 2SC5295 1N5261 TC670ECH
Product Description
Full Text Search
 

To Download DDS001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  e detect eC 24 dimensions are shown: mm specifications and dimensions subject to change www.ck-components.com third angle projection dds series micro mini thru-hole detect switches features/benefits ? v ertical or horizontal actuation ? 2mm overtraveldeal for detector applications ? low actuations force (less than 40 grams) ? rohs compliant and compatible typical applications ? detect the presence of a mechanical device ? medical devices ? consumer electronic devices specifications contact rating: 0.1a @ 30 vdc. mechanical & electrical life: 50,000 cycles. contact resistance: 150 m max. initial. insulation resistance: 100 m min. @ 100 vdc. operating temperature: C0?oto +70?. dielectric strength: 100 volts ac @ 60 hz. p ackaging: bulk. materials housing: p.p.s. actuator: pa66 mov able contact: tin bronze, silver plated. note: specifications and materials listed above ar e for switches with standard options. for information on specific and custom switches, consult customer service center. how to order complete part numbers for dds series switches are shown below. DDS001 spst pc mo unt i ng spst n.o. v ertical actuator DDS001 schematic description p art number
detect e eC5 dimensions are shown: mm specifications and dimensions subject to change www.ck-components.com third angle projection dds series micro mini thru-hole detect switches dds002 spst o n s ta r ti n g posi t io n tot al tra v el posi t io n pc mo u nt i ng o n s ta r ti n g posi t io n to t al tra v el posi t io n pc mo u nt i ng spst n.o. right angle, actuator right dds002 schema tic description p art number spst n.o. right angle, actuator left dds003 schematic description p art number


▲Up To Search▲   

 
Price & Availability of DDS001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X