Part Number Hot Search : 
SK373 1H222M IDT72 V2383 100BCA LTC1480 SE145 363AM
Product Description
Full Text Search
 

To Download CY14B108L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CY14B108L cy14b108n 8-mbit (1024 k 8/512 k 16) nvsram cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document #: 001-45523 rev. *j revised july 13, 2011 8-mbit (1024 k 8/512 k 16) nvsram features 20 ns, 25 ns, and 45 ns access times internally organized as 1024 k 8 (CY14B108L) or 512 k 16 (cy14b108n) hands off automatic store on power-down with only a small capacitor store to quantumtrap nonvolatile elements initiated by software, device pin, or autostore on power-down recall to sram initiated by software or power-up infinite read, write, and recall cycles 1 million store cycles to quantumtrap 20 year data retention single 3 v +20 ? , ?10 ? operation industrial temperature packages ? 44-/54-pin thin small outline package (tsop) type ii ? 48-ball fine-pitch ball grid array (fbga) pb-free and restriction of hazardous substances (rohs) compliant functional description the cypress CY14B108L/cy14b108n is a fast static ram (sram), with a nonvolatile element in each memory cell. the memory is organized as 1024 kbytes of 8 bits each or 512 k words of 16 bits each. the embedded nonvolatile elements incorporate quantumtrap technology, producing the world?s most reliable nonvolatile memory. the sram provides infinite read and write cycles, while independent nonvolatile data resides in the highly reliable quantumtrap cell. data transfers from the sram to the nonvolatile elements (the store operation) takes place automatically at power-down. on power-up, data is restored to the sram (the recall operation) from the nonvolatile memory. both the store and recall operations are also available under software control. static ram array 2048 x 2048 x 2 r o w d e c o d e r column i/o column dec i n p u t b u f f e r s power control store/recall control quatrum trap 2048 x 2048 x 2 store recall v cc v cap hsb a 9 a 10 a 11 a 12 a 13 a 14 a 15 a 16 software detect a 14 - a 2 oe ce we bhe ble a 0 a 1 a 2 a 3 a 4 a 5 a 6 a 7 a 8 a 17 a 18 dq 0 dq 1 dq 2 dq 3 dq 4 dq 5 dq 6 dq 7 dq 8 dq 9 dq 10 dq 11 dq 12 dq 13 dq 14 dq 15 a 19 logic block diagram [1, 2, 3] notes 1. address a 0 ?a 19 for 8 configuration and address a 0 ?a 18 for 16 configuration. 2. data dq 0 ?dq 7 for 8 configuration and data dq 0 ?dq 15 for 16 configuration. 3. bhe and ble are applicable for 16 configuration only. [+] feedback www..net
CY14B108L cy14b108n document #: 001-45523 rev. *j page 2 of 25 contents pinouts .............................................................................. 3 pin definitions .................................................................. 4 device operation .............................................................. 5 sram read ....................................................................... 5 sram write ....................................................................... 5 autostore operation ........................................................ 5 hardware store operation ............................................ 5 hardware recall (power-up) ....................................... 6 software store ............................................................... 6 software recall ............................................................. 6 preventing autostore ....................................................... 8 data protection ................................................................. 8 noise considerations ....................................................... 8 best practices ................................................................... 8 maximum ratings ............................................................. 9 operating range ............................................................... 9 dc electrical characteristics .......................................... 9 data retention and endurance ..................................... 10 capacitance .................................................................... 10 thermal resistance ........................................................ 10 ac test loads ................................................................ 10 ac test conditions ........................................................ 10 ac switching characteristics ....................................... 11 switching waveforms .................................................... 11 autostore/power-up recall ....................................... 14 switching waveforms .................................................... 14 software controlled store/recall cycle ................ 15 switching waveforms .................................................... 15 hardware store cycle ................................................. 16 switching waveforms .................................................... 16 truth table for sram operations ................................ 17 ordering information ...................................................... 18 ordering code definitions ..... .................................... 18 package diagrams .......................................................... 19 acronyms ........................................................................ 22 document conventions ................................................. 22 units of measure ....................................................... 22 document history page ................................................. 23 sales, solutions, and legal information ...................... 25 worldwide sales and design s upport ......... .............. 25 products .................................................................... 25 psoc solutions ......................................................... 25 [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 3 of 25 pinouts figure 1. pin diagram ? 48-ball fbga figure 2. pin diagram ? 44/54-pin tsop ii we v cc a 11 a 10 v cap a 6 a 0 a 3 ce nc nc dq 0 a 4 a 5 nc dq 2 dq 3 nc v ss a 9 a 8 oe v ss a 7 nc nc nc a 17 a 2 a 1 nc v cc dq 4 nc dq 5 dq 6 nc dq 7 nc a 15 a 14 a 13 a 12 hsb 3 2 6 5 4 1 d e b a c f g h a 16 a 18 a 19 dq 1 we v cc a 11 a 10 v cap a 6 a 0 a 3 ce dq 10 dq 8 dq 9 a 4 a 5 dq 13 dq 12 dq 14 dq 15 v ss a 9 a 8 oe v ss a 7 dq 0 bhe nc a 17 a 2 a 1 ble v cc dq 2 dq 1 dq 3 dq 4 dq 5 dq 6 dq 7 a 15 a 14 a 13 a 12 hsb 3 2 6 5 4 1 d e b a c f g h a 16 a 18 nc dq 11 (not to scale) top view ( 16) (not to scale) top view ( 8) nc a 8 nc nc v ss dq 6 dq 5 dq 4 v cc a 13 dq 3 a 12 dq 2 dq 1 dq 0 oe a 9 ce nc a 0 a 1 a 2 a 3 a 4 a 5 a 6 a 11 a 7 a 14 a 15 a 16 a 17 a 18 a 19 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 top view (not to scale) a 10 nc we dq 7 hsb nc v ss v cc v cap nc [4] 54-pin tsop ii ( 16) 44-pin tsop ii ( 8) a 17 dq 7 dq 6 dq 5 dq 4 v cc dq 3 dq 2 dq 1 dq 0 nc a 0 a 1 a 2 a 3 a 4 a 5 a 6 a 7 v cap we a 8 a 10 a 11 a 12 a 13 a 14 a 15 a 16 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 top view (not to scale) oe ce v cc nc v ss nc a 9 nc nc a 18 nc nc nc 54 53 52 51 49 50 hsb bhe ble dq 15 dq 14 dq 13 dq 12 v ss dq 11 dq 10 dq 9 dq 8 [4] note 4. address expansion for 16-mbit . nc pin not connected to die. [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 4 of 25 pin definitions pin name i/o type description a 0 ?a 19 input address inputs. used to select one of the 1,048,576 bytes of the nvsr am for 8 configuration. a 0 ?a 18 address inputs. used to select one of the 524,288 words of the nvsram for 16 configuration. dq 0 ?dq 7 input/output bidirectional data i/o lines for 8 configurat ion. used as input or output lines depending on operation. dq 0 ?dq 15 bidirectional data i/o lines for 16 configuration. used as input or output lines depending on operation. we input write enable input, active low. when selected lo w, data on the i/o pins is written to the specific address location. ce input chip enable input, active low. when low, selects the chip. when high, deselects the chip. oe input output enable, active low. the active low oe input enables the data output buffers during read cycles. i/o pins are tristated on deasserting oe high. bhe input byte high enable, active low. controls dq 15 ?dq 8 . ble input byte low enable, active low. controls dq 7 ?dq 0 . v ss ground ground for the device. must be connected to the ground of the system. v cc power supply power supply inputs to the device. hsb input/output hardware store busy (hsb ). when low this output indicates that a hardware store is in progress. when pulled low external to the chip it initiates a nonvolatile store operation. after each hardware and software store operation, hsb is driven high for a short time (t hhhd ) with standard output high current and then a weak internal pull-up resistor keeps this pin high (e xternal pull-up resistor connection optional). v cap power supply autostore capacitor. supplies power to the nvsram during power loss to store data from sram to nonvolatile elements. nc no connect no connect. this pin is not connected to the die. [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 5 of 25 device operation the CY14B108L/cy14b108n nvsram is made up of two functional components paired in the same physical cell. they are a sram memory cell and a nonvolatile quantumtrap cell. the sram memory cell operates as a standard fast static ram. data in the sram is transferred to the nonvolatile cell (the store operation), or from the nonvolatile cell to the sram (the recall operation). using this unique arch itecture, all cells are stored and recalled in parallel. during the store and recall operations, sram read and write operations are inhibited. the CY14B108L/cy14b108n supports infinite reads and writes similar to a typical sram. in addition, it provides infinite recall operations from the nonvolatile cells and up to 1 million store operations. see truth table for sram operations on page 17 for a complete description of read and write modes. sram read the CY14B108L/cy14b 108n performs a read cycle when ce and oe are low and we and hsb are high. the address specified on pins a 0?19 or a 0?18 determines which of the 1,048,576 data bytes or 524,288 words of 16 bits each are accessed. byte enables (bhe , ble ) determine which bytes are enabled to the output, in the case of 16-bit words. when the read is initiated by an address transition, the outputs are valid after a delay of t aa (read cycle 1). if the read is initiated by ce or oe , the outputs are valid at t ace or at t doe , whichever is later (read cycle 2). the data output rep eatedly responds to address changes within the t aa access time without the need for transitions on any control input pins. this remains valid until another address change or until ce or oe is brought high, or we or hsb is brought low. sram write a write cycle is performed when ce and we are low and hsb is high. the address inputs must be stable before entering the write cycle and must re main stable until ce or we goes high at the end of the cycle. the data on the common i/o pins dq 0?15 are written into the memory if the data is valid t sd before the end of a we controlled write or bef ore the end of an ce controlled write. the byte enable inputs (bhe , ble ) determine which bytes are written, in the case of 16-bit words. keep oe high during the entire write cycle to avoi d data bus contention on common i/o lines. if oe is left low, internal circuitry turns off the output buffers t hzwe after we goes low. autostore operation the CY14B108L/cy14b108n stores data to the nvsram using one of the following three storage operations: hardware store activated by the hsb ; software store activated by an address sequence; autostore on device power-down. the autostore operation is a unique feature of quantumtrap technology and is enabled by default on the CY14B108L/cy14b108n. during a normal operation, the device draws current from v cc to charge a capacitor connected to the v cap pin. this stored charge is used by the chip to perform a single store operation. if the voltage on the v cc pin drops below v switch , the part automatically disconnects the v cap pin from v cc . a store operation is initiated with power provided by the v cap capacitor. note if the capacitor is not connected to v cap pin, autostore must be disabled using the soft sequence specified in preventing autostore on page 8 . in case autostore is enabled without a capacitor on v cap pin, the device attempts an autostore operation without sufficient char ge to complete the store. this corrupts the data stored in nvsram. figure 3 shows the proper connection of the storage capacitor (v cap ) for automatic store operation. refer to dc electrical characteristics on page 9 for the size of v cap . the voltage on the v cap pin is driven to v cc by a regulator on the chip. a pull-up should be placed on we to hold it inactive during power-up. this pull-up is effective only if the we signal is tristate during power-up. many mpus tristate their controls on power-up. this should be verified when using the pull-up. when the nvsram comes out of power-on-recall, the mpu must be active or the we held inactive until the mpu comes out of reset. to reduce unnecessary nonvolatile stores, autostore and hardware store operations are ignored unless at least one write operation has taken place since the most recent store or recall cycle. software initiat ed store cycles are performed regardless of whether a write operation has taken place. the hsb signal is monitored by the syst em to detect if an autostore cycle is in progress. figure 3. autostore mode hardware store operation the CY14B108L/cy14b108n provides the hsb pin to control and acknowledge the store operations. use the hsb pin to request a hardware store cycle. when the hsb pin is driven low, the CY14B108L/cy14b108n conditionally initiates a store operation after t delay . an actual store cycle only begins if a write to the sram has taken place since the last store or recall cycle. the hsb pin also acts as an open drain driver (internal 100 k ? weak pull-up resistor) that is inter- nally driven low to indicate a busy condition when the store (initiated by any means) is in progress. note after each hardware and software store operation hsb is driven high for a short time (t hhhd ) with standard output high current and then remains high by internal 100 k ? pull-up resistor. 0.1 uf v cc 10 kohm v cap we v cap v ss v cc [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 6 of 25 sram write operations that are in progress when hsb is driven low by any means are given time (t delay ) to complete before the store operation is initiat ed. however, any sram write cycles requested after hsb goes low are inhibited until hsb returns high. in case the write latch is not set, hsb is not driven low by the CY14B108L/cy14b108n. but any sram read and write cycles are inhibited until hsb is returned high by mpu or other external source. during any store operation, rega rdless of how it is initiated, the CY14B108L/cy14b108n continues to drive the hsb pin low, releasing it only when the store is complete. upon completion of the store operation, the nvsram memory access is inhibited for t lzhsb time after hsb pin returns high. leave the hsb unconnected if it is not used. hardware recall (power-up) during power-up or after any low power condition (v cc CY14B108L/cy14b108n software store cycle is initia ted by executing sequential ce or oe controlled read cycles from si x specific address locations in exact order. during the store cycle an erase of the previous nonvolatile data is first performed, followed by a program of the nonvolatile elem ents. after a store cycle is initiated, further input and output are disabled until the cycle is completed. because a sequence of reads from specific addresses is used for store initiation, it is important that no other read or write accesses intervene in the sequence, or the sequence is aborted and no store or recall takes place. to initiate the software store cycle, the following read sequence must be performed. 1. read address 0x4e38 valid read 2. read address 0xb1c7 valid read 3. read address 0x83e0 valid read 4. read address 0x7c1f valid read 5. read address 0x703f valid read 6. read address 0x8fc0 initiate store cycle the software sequence may be clocked with ce controlled reads or oe controlled reads, with we kept high for all the six read sequences. after the sixth address in the sequence is entered, the store cycle commences and the chip is disabled. hsb is driven low. after the t store cycle time is fulfilled, the sram is activated again for the read and write operation. software recall data is transferred from the nonvolatile memory to the sram by a software address sequence. a software recall cycle is initiated with a sequence of read operations in a manner similar to the software store initiation. to initiate the recall cycle, the following sequence of ce or oe controlled read operations must be performed. 1. read address 0x4e38 valid read 2. read address 0xb1c7 valid read 3. read address 0x83e0 valid read 4. read address 0x7c1f valid read 5. read address 0x703f valid read 6. read address 0x4c63 initiate recall cycle internally, recall is a two-step procedure. first, the sram data is cleared; then, the nonvolatile information is transferred into the sram cells. after the t recall cycle time, the sram is again ready for read and write operations. the recall operation does not alter the data in the nonvolatile elements. [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 7 of 25 table 1. mode selection ce we oe bhe , ble [5] a 15 ?a 0 [6] mode i/o power h x x x x not selected output high z standby l h l l x read sram output data active l l x l x write sram input data active l h l x 0x4e38 0xb1c7 0x83e0 0x7c1f 0x703f 0x8b45 read sram read sram read sram read sram read sram autostore disable output data output data output data output data output data output data active [7] l h l x 0x4e38 0xb1c7 0x83e0 0x7c1f 0x703f 0x4b46 read sram read sram read sram read sram read sram autostore enable output data output data output data output data output data output data active [7] l h l x 0x4e38 0xb1c7 0x83e0 0x7c1f 0x703f 0x8fc0 read sram read sram read sram read sram read sram nonvolatile store output data output data output data output data output data output high z active i cc2 [7] l h l x 0x4e38 0xb1c7 0x83e0 0x7c1f 0x703f 0x4c63 read sram read sram read sram read sram read sram nonvolatile recall output data output data output data output data output data output high z active [7] notes 5. bhe and ble are applicable for 16 configuration only. 6. while there are 20 address lines on the CY14B108L (19 address lines on the cy14b108n), only the 13 address lines (a 14 ?a 2 ) are used to control software modes. rest of the address lines are don?t care. 7. the six consecutive address locations must be in the order listed. we must be high during all six cycles to enable a nonvolatile cycle. [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 8 of 25 preventing autostore the autostore function is disabled by initiating an autostore disable sequence. a sequence of read operations is performed in a manner similar to the software store initiation. to initiate the autostore disable sequence, the following sequence of ce or oe controlled read operations must be performed: 1. read address 0x4e38 valid read 2. read address 0xb1c7 valid read 3. read address 0x83e0 valid read 4. read address 0x7c1f valid read 5. read address 0x703f valid read 6. read address 0x8b45 autostore disable the autostore is re-enabled by initiating an autostore enable sequence. a sequence of read operations is performed in a manner similar to the software recall initiation. to initiate the autostore enable sequence, the following sequence of ce or oe controlled read operations must be performed: 1. read address 0x4e38 valid read 2. read address 0xb1c7 valid read 3. read address 0x83e0 valid read 4. read address 0x7c1f valid read 5. read address 0x703f valid read 6. read address 0x4b46 autostore enable if the autostore function is disabled or re-enabled, a manual store operation (hardware or software) must be issued to save the autostore state through subsequent power-down cycles. the part comes from the factory with autostore enabled. data protection the CY14B108L/cy14b108n protects data from corruption during low voltage conditions by inhibiting all externally initiated store and write operations. the low voltage condition is detected when v cc < v switch . if the CY14B108L/cy14b108n is in a write mode (both ce and we are low) at power-up, after a recall or store, the write is inhibited until the sram is enabled after t lzhsb (hsb to output active). this protects against inadvertent writes during power -up or brown out conditions. noise considerations refer to cy application note an1064 . best practices nvsram products have been used effectively for over 27 years. while ease-of-use is one of t he product?s main system values, experience gained working with h undreds of applications has resulted in the following suggestions as best practices: the nonvolatile cells in this nv sram product are delivered from cypress with 0x00 written in all cells. incoming inspection routines at customer or co ntract manufacturer?s sites sometimes reprogram these values. final nv patterns are typically repeating patterns of aa, 55, 00, ff, a5, or 5a. end product?s firmware should not assume an nv array is in a set programmed state. routines that check memory content values to determine first time system configuration, cold or warm boot status, and so on should always program a unique nv pattern (that is, complex 4-byte pattern of 46 e6 49 53 hex or more random bytes) as part of the final system manufacturing test to ensure these system routines work consistently. power-up boot firmware routines should rewrite the nvsram into the desired state (for example, autostore enabled). while the nvsram is shipped in a pres et state, best practice is to again rewrite the nvsram into the desired state as a safeguard against events that might flip the bit inadvertently such as program bugs and incoming inspection routines. the v cap value specified in this data sheet includes a minimum and a maximum value size. best practice is to meet this requirement and not exceed the maximum v cap value because the nvsram internal algorithm calculates v cap charge and discharge time based on this maximum v cap value. customers that want to use a larger v cap value to make sure there is extra store charge and store time should discuss their v cap size selection with cypress to understand any impact on the v cap voltage level at the end of a t recall period. [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 9 of 25 maximum ratings exceeding maximum ratings may impair the useful life of the device. these user guidelines are not tested. storage temperature ..... ............ ............... ?65 ? c to +150 ? c maximum accumulated storage time at 150 ? c ambient temperature ...................... 1000 h at 85 ? c ambient temperature ..................... 20 years ambient temperature with power applied .... .............. .............. .......... ?55 ? c to +150 ? c supply voltage on v cc relative to v ss ...........?0.5 v to 4.1 v voltage applied to outputs in high z state .................................... ?0.5 v to v cc + 0.5 v input voltage ........................................?0.5 v to vcc + 0.5 v transient voltage (< 20 ns) on any pin to ground potential ................. ?2.0 v to v cc + 2.0 v package power dissipation capability (t a = 25 c) ................................................. 1.0 w surface mount pb soldering temperature (3 seconds) ........ .............. .............. ..... +260 ? c dc output current (1 output at a time, 1s duration) .... 15 ma static discharge voltage (per mil-std-883, method 3015) .............. ............ > 2001 v latch up current .................................................... > 200 ma operating range range ambient temperature v cc industrial ?40 ? c to +85 ? c 2.7 v to 3.6 v dc electrical characteristics over the operating range (v cc = 2.7 v to 3.6 v) parameter description test conditions min typ [8] max unit v cc power supply 2.7 3.0 3.6 v i cc1 average v cc current t rc = 20 ns t rc = 25 ns t rc = 45 ns values obtained without output loads (i out = 0 ma) ??75 75 57 ma ma ma i cc2 average v cc current during store all inputs don?t care, v cc = max average current for duration t store ??20ma i cc3 average v cc current at t rc = 200 ns, v cc(typ) , 25 c all inputs cycling at cmos levels. values obtained without output loads (i out = 0 ma). ?40?ma i cc4 average v cap current during autostore cycle all inputs don?t care. average current for duration t store ??10ma i sb v cc standby current ce > (v cc ? 0.2 v). v in < 0.2 v or > (v cc ? 0.2 v). standby current level after nonvolatile cycle is complete. inputs are static. f = 0 mhz. ??10ma i ix [9] input leakage current (except hsb ) v cc = max, v ss < v in < v cc ?2 ? +2 ? a input leakage current (for hsb )v cc = max, v ss < v in < v cc ?200 ? +2 ? a i oz off-state output leakage current v cc = max, v ss < v out < v cc , ce or oe > v ih or bhe /ble > v ih or we < v il ?2 ? +2 ? a v ih input high voltage 2.0 ? v cc + 0.5 v v il input low voltage v ss ? 0.5 ? 0.8 v v oh output high voltage i out = ?2 ma 2.4 ? ? v v ol output low voltage i out = 4 ma ? ? 0.4 v v cap [10] storage capacitor between v cap pin and v ss , 5 v rated 122 150 360 ? f notes 8. typical values are at 25 c, v cc = v cc(typ) . not 100% tested. 9. the hsb pin has i out = ?2 a for v oh of 2.4 v when both active high and low drivers are disabled. when they are enabled standard v oh and v ol are valid. this parameter is characterized but not tested. 10. min v cap value guarantees that there is a sufficient charge available to complete a successful autostore operation. max v cap value guarantees that the capacitor on v cap is charged to a minimum voltage during a power-up recall cycle so that an immediate power-down cycle can complete a successful autostore. therefore it is always recommended to use a capacitor within the specified min and max limits. refer application note an43593 for more details on v cap options. [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 10 of 25 ac test conditions input pulse levels ................................................... 0 v to 3 v input rise and fall times (10% ?90%) ........................... < 3 ns input and output timing referenc e levels ...................... 1.5 v data retention and endurance over the operating range parameter description min unit data r data retention 20 years nv c nonvolatile store operations 1,000 k capacitance parameter [11] description test conditions max unit c in input capacitance t a = 25 ? c, f = 1 mhz, v cc = v cc(typ) 14 pf c out output capacitance 14 pf thermal resistance parameter [11] description test conditions 48-ball fbga 44-pin tsop ii 54-pin tsop ii unit ? ja thermal resistance (junction to ambient) test conditions follow standard test methods and procedures for measuring thermal impedance, in accordance with eia/jesd51. 42.2 45.3 44.22 ? c/w ? jc thermal resistance (junction to case) 6.3 5.2 8.26 ? c/w ac test loads figure 4. ac test loads 3.0 v output 5 pf r1 r2 789 ? 3.0 v output 30 pf r1 r2 789 ? for tristate specs 577 ? 577 ? 11. these parameters are guaranteed by design but not tested. [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 11 of 25 ac switching ch aracteristics over the operating range parameters [12] description 20 ns 25 ns 45 ns unit cypress parameter alt parameter min max min max min max sram read cycle t ace t acs chip enable access time ? 20 ? 25 ? 45 ns t rc [13] t rc read cycle time 20 ? 25 ? 45 ? ns t aa [14] t aa address access time ? 20 ? 25 ? 45 ns t doe t oe output enable to data valid ? 10 ? 12 ? 20 ns t oha [14] t oh output hold after address change 3?3?3?ns t lzce [15, 16] t lz chip enable to output active 3?3?3?ns t hzce [15, 16] t hz chip disable to output inactive ? 8 ? 10 ? 15 ns t lzoe [15, 16] t olz output enable to output active 0?0?0?ns t hzoe [15, 16] t ohz output disable to output inactive ? 8 ? 10 ? 15 ns t pu [15] t pa chip enable to power active 0?0?0?ns t pd [15] t ps chip disable to power standby ? 20 ? 25 ? 45 ns t dbe ? byte enable to data valid ? 10 ? 12 ? 20 ns t lzbe [15] ? byte enable to output active 0?0?0?ns t hzbe [15] ? byte disable to output inactive ? 8 ? 10 ? 15 ns sram write cycle t wc t wc write cycle time 20 ? 25 ? 45 ? ns t pwe t wp write pulse width 15 ? 20 ? 30 ? ns t sce t cw chip enable to end of write 15 ? 20 ? 30 ? ns t sd t dw data setup to end of write 8 ? 10 ? 15 ? ns t hd t dh data hold after end of write 0?0?0?ns t aw t aw address setup to end of write 15 ? 20 ? 30 ? ns t sa t as address setup to start of write 0?0?0?ns t ha t wr address hold after end of write 0?0?0?ns t hzwe [15, 16, 17] t wz write enable to output disable ? 8 10 ? 15 ns t lzwe [15, 16] t ow output active after end of write 3?3?3?ns t bw ? byte enable to end of write 15 ? 20 ? 30 ? ns switching waveforms figure 5. sram read cycle #1 (address controlled) [13, 14, 18] address data output address valid previous data valid output data valid t rc t aa t oha notes 12. test conditions assume signal transition time of 3 ns or less, timing reference levels of v cc /2, input pulse levels of 0 to v cc(typ) , and output loading of the specified i ol /i oh and load capacitance shown in figure 4 on page 10 . 13. we must be high during sram read cycles. 14. device is continuously selected with ce , oe and bhe / ble low. 15. these parameters are guaranteed by design but not tested. 16. measured 200 mv from steady state output voltage. 17. if we is low when ce goes low, the outputs remain in the high impedance state. 18. hsb must remain high during read and write cycles. [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 12 of 25 figure 6. sram read cycle #2 (ce and oe controlled) [19, 20, 21] figure 7. sram write cycle #1 (we controlled) [19, 21, 22, 23] switching waveforms (continued) address valid address data output output data valid standby active high impedance ce oe bhe, ble i cc t hzce t rc t ace t aa t lzce t doe t lzoe t dbe t lzbe t pu t pd t hzbe t hzoe data output data input input data valid high impedance address valid address previous data t wc t sce t ha t bw t aw t pwe t sa t sd t hd t hzwe t lzwe we bhe, ble ce notes 19. bhe and ble are applicable for 16 configuration only. 20. we must be high during sram read cycles. 21. hsb must remain high during read and write cycles. 22. if we is low when ce goes low, the outputs remain in the high impedance state. 23. ce or we must be > v ih during address transitions. [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 13 of 25 figure 8. sram write cycle #2 (ce controlled) [24, 25, 26, 27] figure 9. sram write cycle #3 (bhe and ble controlled) [24, 25, 26, 27] switching waveforms (continued) data output data input input data valid high impedance address valid address t wc t sd t hd bhe, ble we ce t sa t sce t ha t bw t pwe data output data input input data valid high impedance address valid address t wc t sd t hd bhe, ble we ce t sce t sa t bw t ha t aw t pwe notes 24. bhe and ble are applicable for 16 configuration only. 25. if we is low when ce goes low, the outputs remain in the high impedance state. 26. hsb must remain high during read and write cycles. 27. ce or we must be > v ih during address transitions. [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 14 of 25 autostore/power-up recall over the operating range parameter description 20 ns 25 ns 45 ns unit min max min max min max t hrecall [28] power-up recall duration ? 20 ? 20 ? 20 ms t store [29] store cycle duration ? 8 ? 8 ? 8 ms t delay [30] time allowed to complete sram write cycle ?20?25?25ns v switch low voltage trigger level ? 2.65 ? 2.65 ? 2.65 v t vccrise [31] v cc rise time 150 ? 150 ? 150 ? ? s v hdis [31] hsb output disable voltage ? 1.9 ? 1.9 ? 1.9 v t lzhsb [31] hsb to output active time ? 5 ? 5 ? 5 ? s t hhhd [31] hsb high active time ? 500 ? 500 ? 500 ns switching waveforms figure 10. autostore or power-up recall [32] v switch v hdis t vccrise t store t store t hhhd t hhhd t delay t delay t lzhsb t lzhsb t hrecall t hrecall hsb out autostore power- up recall read & write inhibited (rwi) power-up recall read & write brown out autostore power-up recall read & write power down autostore note note note note v cc 29 29 33 33 notes 28. t hrecall starts from the time v cc rises above v switch . 29. if an sram write has not taken place since the last nonvolatile cycle, no autostore or hardware store takes place. 30. on a hardware store and autostore initiation, sram write operation continues to be enabled for time t delay . 31. these parameters are guaranteed by design but not tested. 32. read and write cycles are ignored during store, recall, and while v cc is below v switch . 33. during power-up and power-down, hsb glitches when hsb pin is pulled up through an external resistor. [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 15 of 25 software controlled store/recall cycle over the operating range parameter [34, 35] description 20 ns 25 ns 45 ns unit min max min max min max t rc store/recall initiation cycle time 20 ? 25 ? 45 ? ns t sa address setup time 0 ? 0 ? 0 ? ns t cw clock pulse width 15?20?30?ns t ha address hold time 0 ? 0 ? 0 ? ns t recall recall duration ? 200 ? 200 ? 200 ? s switching waveforms figure 11. ce and oe controlled software store/recall cycle [35] figure 12. autostore enable/disable cycle t rc t rc t sa t cw t cw t sa t ha t lzce t hzce t ha t ha t ha t store /t recall t hhhd t lzhsb high impedance address #1 address #6 address ce oe hsb (store only) dq (data) rwi t delay note 36 t rc t rc t sa t cw t cw t sa t ha t lzce t hzce t ha t ha t ha t delay address #1 address #6 address ce oe dq (data) t ss note 36 notes 34. the software sequence is clocked with ce controlled or oe controlled reads. 35. the six consecutive addr esses must be read in the order listed in table 1 on page 7 . we must be high during a ll six consecutive cycles. 36. dq output data at the sixth read may be invalid since the output is disabled at t delay time. [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 16 of 25 hardware store cycle over the operating range parameter description 20 ns 25 ns 45 ns unit min max min max min max t dhsb hsb to output active time when write latch not set ?20?25?25ns t phsb hardware store pulse width 15 ? 15 ? 15 ? ns t ss [37, 38] soft sequence processing time ? 100 ? 100 ? 100 ? s switching waveforms figure 13. hardware store cycle [39] figure 14. soft sequence processing [37, 38] t phsb t phsb t delay t dhsb t delay t store t hhhd t lzhsb write latch set write latch not set hsb (in) hsb (out) dq (data out) rwi hsb (in) hsb (out) rwi hsb pin is driven high to v c c only by internal sram is disabled as long as hsb (in) is driven low . hsb driver is disabled t dhsb 100 kohm resistor, address #1 address #6 address #1 address #6 soft sequence command t ss t ss ce address v cc t sa t cw soft sequence command t cw notes 37. this is the amount of time it takes to take action on a soft sequence command. vcc power must remain high to effectively reg ister command. 38. commands such as store and recall lock out i/o until operation is complete which further incr eases this time. see the specif ic command. 39. if an sram write has not taken place since the last nonvolatile cycle, no autostore or hardware store takes place. [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 17 of 25 truth table for sram operations hsb should remain high for sram operations. table 2. truth table for 8 configuration ce we oe inputs/outputs [40] mode power h x x high z deselect/power-down standby l h l data out (dq 0 ?dq 7 ); read active l h h high z output disabled active l l x data in (dq 0 ?dq 7 ); write active table 3. truth table for 16 configuration ce we oe bhe [41] ble [41] inputs/outputs [40] mode power h x x x x high z deselect/power-down standby l x x h h high z output disabled active lhllldata out (dq 0 ?dq 15 ) read active l h l h l data out (dq 0 ?dq 7 ); dq 8 ?dq 15 in high z read active l h l l h data out (dq 8 ?dq 15 ); dq 0 ?dq 7 in high z read active l h h l l high z output disabled active l h h h l high z output disabled active l h h l h high z output disabled active llxlldata in (dq 0 ?dq 15 ) write active llxhldata in (dq 0 ?dq 7 ); dq 8 ?dq 15 in high z write active llxlhdata in (dq 8 ?dq 15 ); dq 0 ?dq 7 in high z write active notes 40. data dq 0 ?dq 7 for 8 configuration and data dq 0 ?dq 15 for 16 configuration. 41. bhe and ble are applicable for 16 configuration only. [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 18 of 25 ordering code definitions ordering information speed (ns) ordering code package diagram package type operating range 20 CY14B108L-zs20xit 51-85087 44-pin tsop ii industrial CY14B108L-zs20xi 51-85087 44-pin tsop ii 25 CY14B108L-zs25xit 51-85087 44-pin tsop ii CY14B108L-zs25xi 51-85087 44-pin tsop ii CY14B108L-ba25xit 51-85128 48-ball fbga CY14B108L-ba25xi 51-85128 48-ball fbga cy14b108n-ba25xit 51-85128 48-ball fbga cy14b108n-ba25xi 51-85128 48-ball fbga cy14b108n-zsp25xit 51-85160 54-pin tsop ii cy14b108n-zsp25xi 51-85160 54-pin tsop ii 45 CY14B108L-zs45xit 51-85087 44-pin tsop ii CY14B108L-zs45xi 51-85087 44-pin tsop ii CY14B108L-ba45xit 51-85128 48-ball fbga CY14B108L-ba45xi 51-85128 48-ball fbga cy14b108n-ba45xit 51-85128 48-ball fbga cy14b108n-ba45xi 51-85128 48-ball fbga cy14b108n-zsp45xit 51-85160 54-pin tsop ii cy14b108n-zsp45xi 51-85160 54-pin tsop ii all the above parts are pb-free. option: t - tape & reel blank - std. speed: 20 - 20 ns 25 - 25 ns data bus: l - 8 n - 16 density: 108 - 8 mb voltage: b - 3.0 v cypress cy 14 b 108 l - zs 20 x i t nvsram 14 - temperature: i - industrial (?40 to 85 c) pb-free package: ba - 48-ball fbga zs - 44-pin tsop ii 45 - 45 ns zsp - 54-pin tsop ii [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 19 of 25 package diagrams figure 15. 44-pin tsop ii, 51-85087 51-85087 *c [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 20 of 25 figure 16. 48-ball fbga (6 10 1.2 mm), 51-85128 package diagrams (continued) 51-85128 *f [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 21 of 25 figure 17. 54-pin tsop ii (22.4 11.84 1.0 mm), 51-85160 package diagrams (continued) 51-85160 *a [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 22 of 25 acronyms document conventions units of measure acronym description cmos complementary metal oxide semiconductor bhe byte high enable ble byte low enable ce chip enable eia electronic industries alliance fbga fine-pitch ball grid array hsb hardware store busy i/o input/output nvsram non-volatile static random access memory oe output enable rohs restriction of hazardous substances rwi read and write inhibited sram static random access memory tsop thin small outline package we write enable symbol unit of measure c degree celsius k ? kilo ohms khz kilo hertz mhz mega hertz ? a micro amperes ? f micro farads ? s micro seconds ma milli amperes ms milli seconds ns nano seconds ? ohms % percent pf pico farads s seconds v volts w watts [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 23 of 25 document history page document title: CY14B108L/cy14b108n, 8-mbit (1024 k 8/512 k 16) nvsram document number: 001-45523 rev. ecn no. orig. of change submission date description of change ** 2428826 gvch see ecn new data sheet *a 2520023 gvch / pyrs 06/23/08 updated i cc1 for trc=20ns, 25ns and 45ns access speed for both industrial and commercial temperature grade updated thermal resistance values for 48-fbga,44-tsop ii and 54-tsop ii packages changed t cw value from 16ns to 15ns *b 2676670 gvch / pyrs 03/20/2009 added maximum accumulated storage time for 150 ? c and 85 ? c temperature added best practices changed i cc2 from 12ma to 20ma changed i cc3 from 38ma to 40ma changed i cc4 from 12ma to 10ma changed i sb from 6ma to 10ma changed v cap from 164uf to 360uf changed input rise and fall times from 5ns to 3ns updated i cc1 , i cc3 , i sb and i oz test conditions changed t delay to 20ns, 25ns, 25ns for 15ns, 20ns, 45ns part respectively changed t store from 15ms to 8ms added v hdis , t hhhd and t lzhsb parameters software controlled store/recall cycle table: changed t as to t sa changed t ghax to t ha added t dhsb parameter changed t hlhx to t phsb updated t ss from 70us to 100us added truth table for sram operations updated ordering information *c 2712462 gvch / pyrs 05/29/2009 moved data sheet status from preliminary to final updated autostore operation updated i sb test condition updated footnote 7 referenced footnote 9 to v ccrise , t hhhd and t lzhsb parameters updated v hdis parameter description *d 2746310 gvch 07/29/2009 page 4: updated hardware store (hsb ) operation description page 5: updated software store description updated t delay parameter description updated footnote 18 and added footnote 23 referenced footnote 23 to figure 11 and figure 12 *e 2759948 gvch 09/04/2009 removed commercial temperature related specs *f 2828257 gvch 12/15/2009 c hanged store cycles to quantumtrap from 200k to 1 million added contents on page 2 *g 2894560 gvch 03/18/2010 removed part numbers cy14b108n-zsp20xit and cy14b108n-zsp20xi from ordering information table. updated package diagrams 51-85160 and 51-85087. updated sales, solution, and legal information section. updated copyright section. updated table of contents. *h 2923475 gvch / aesa 04/27/2010 table 1 : added more clarity on hsb pin operation hardware store operation : added more clarity on hsb pin operation table 1 : added more clarity on bhe /ble pin operation updated hsb pin operation in figure 10 updated footnote 33 [+] feedback
CY14B108L cy14b108n document #: 001-45523 rev. *j page 24 of 25 *i 3143765 gvch 01/17/2011 48-ball fbga package: 16 mb address expansion is not supported updated thermal resistance values for all packages added acronyms table and document conventions table *j 3311413 gvch 07/13/2011 updated dc electrical characteristics (added note 10 and referred the same note in v cap parameter). updated ac switching characteristics (added note 12 and referred the same note in parameters). updated package diagrams . document history page (continued) document title: CY14B108L/cy14b108n, 8-mbit (1024 k 8/512 k 16) nvsram document number: 001-45523 rev. ecn no. orig. of change submission date description of change [+] feedback
document #: 001-45523 rev. *j revised july 13, 2011 page 25 of 25 all products and company names mentioned in this document may be the trademarks of their respective holders. CY14B108L cy14b108n ? cypress semiconductor corporation, 2008-2011. the information contained herein is subject to change without notice. cypress s emiconductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under patent or other rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement wi th cypress. furthermore, cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. the inclusion of cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. any source code (software and/or firmware) is owned by cypress semiconductor corporation (cypress) and is protected by and subj ect to worldwide patent protection (united states and foreign), united states copyright laws and internatio nal treaty provisions. cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the cypress source code and derivative works for the sole purpose of creating custom software and or firmware in su pport of licensee product to be used only in conjunction with a cypress integrated circuit as specified in the applicable agreement. any reproduction, modification, translation, compilation, or repre sentation of this source code except as specified above is prohibited without the express written permission of cypress. disclaimer: cypress makes no warranty of any kind, express or implied, with regard to this material, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose. cypress reserves the right to make changes without further notice to t he materials described herein. cypress does not assume any liability arising out of the application or use of any product or circuit described herein. cypress does not authori ze its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. the inclusion of cypress? prod uct in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies cypress against all charges. use may be limited by and subject to the applicable cypress software license agreement. sales, solutions, and legal information worldwide sales and design support cypress maintains a worldwide network of offices, solution center s, manufacturer?s representatives, and distributors. to find t he office closest to you, visit us at cypress locations . products automotive cypress.co m/go/automotive clocks & buffers cypress.com/go/clocks interface cypress. com/go/interface lighting & power control cypress.com/go/powerpsoc cypress.com/go/plc memory cypress.com/go/memory optical & image sensing cypress.com/go/image psoc cypress.com/go/psoc touch sensing cyp ress.com/go/touch usb controllers cypress.com/go/usb wireless/rf cypress.com/go/wireless psoc solutions psoc.cypress.com/solutions psoc 1 | psoc 3 | psoc 5 [+] feedback


▲Up To Search▲   

 
Price & Availability of CY14B108L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X