Part Number Hot Search : 
ECM100UT ENA1307 C1015 D7554 54100 SR103 74ACT02 FNA41560
Product Description
Full Text Search
 

To Download BZT52C2V0S12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bzt52c2v0s - bzt52c39s document number: ds30093 rev. 18 - 2 1 of 4 www.diodes.com may 2012 ? diodes incorporated bzt52c2v0s - bzt52c39s surface mount zener diode features ? planar die construction ? small surface mount package ? ideally suited for automated assembly processes ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (notes 3 & 4) ? qualified to aec-q101 standards for high reliability mechanical data ? case: sod323 ? case material: molded plastic. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: matte tin finish annealed over alloy 42 leadframe (lead free plating). solderable per mil-std-202, method 208 ? polarity: cathode band ? weight: 0.0049 grams (approximate) ordering information (note 5) part number qualification case packaging (type number)-7-f* commercial sod323 3000/tape & reel (type number)q-7-f* automotive sod323 3000/tape & reel *add ?-7-f? to the appropriate type number in electrical c haracteristics table, example: 6.2v zener ? bzt52c6v2s-7-f. notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com for more in formation about diodes incorpor ated?s definitions of halogen- and antimony-free, "gree n" and lead-free. ? 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm br omine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds. 4. product manufactured with date code v9 (week 33, 2008) and newer are built with green molding compound. product manufactured prior to date code v9 are built with non-green molding compound and may contain halogens or sb 2 o 3 fire retardants. 5. for packaging details, go to our website at http://www.diodes.com. marking information top view xx = product type marking code (see electrical characteristics table) xx sod323
bzt52c2v0s - bzt52c39s document number: ds30093 rev. 18 - 2 2 of 4 www.diodes.com may 2012 ? diodes incorporated bzt52c2v0s - bzt52c39s maximum ratings @t a = 25c unless otherwise specified single phase, half wave, 60hz, re sistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit forward voltage (note 6) @ i f = 10ma v f 0.9 v thermal characteristics characteristic symbol value unit power dissipation (note 7) p d 200 mw thermal resistance, junction to ambient air (note 7) r ja 625 c/w operating and storage temperature range t j , t stg -65 to +150 c electrical characteristics @t a = 25c unless otherwise specified type number marking code zener voltage range (note 4) maximum zener impedance f = 1khz maximum reverse current (note 6) temperature coefficient of zener voltage @ i zt = 5ma mv/ c v z @ i zt i zt z zt @ i zt z zk @ i zk i zk i r @ v r nom (v) min (v) max (v) (ma) ma ua v min max bzt52c2v0s wy 2.0 1.91 2.09 5 100 600 1.0 150 1.0 -3.5 0 bzt52c2v4s wx 2.4 2.20 2.60 5 100 600 1.0 50 1.0 -3.5 0 bzt52c2v7s w1 2.7 2.5 2.9 5 100 600 1.0 20 1.0 -3.5 0 bzt52c3v0s w2 3.0 2.8 3.2 5 95 600 1.0 10 1.0 -3.5 0 bzt52c3v3s w3 3.3 3.1 3.5 5 95 600 1.0 5 1.0 -3.5 0 bzt52c3v6s w4 3.6 3.4 3.8 5 90 600 1.0 5 1.0 -3.5 0 bzt52c3v9s w5 3.9 3.7 4.1 5 90 600 1.0 3 1.0 -3.5 0 bzt52c4v3s w6 4.3 4.0 4.6 5 90 600 1.0 3 1.0 -3.5 0 bzt52c4v7s w7 4.7 4.4 5.0 5 80 500 1.0 2 2.0 -3.5 0.2 bzt52c5v1s w8 5.1 4.8 5.4 5 60 480 1.0 1 2.0 -2.7 1.2 bzt52c5v6s w9 5.6 5.2 6.0 5 40 400 1.0 3 2.0 -2.0 2.5 bzt52c6v2s wa 6.2 5.8 6.6 5 10 150 1.0 2 4.0 0.4 3.7 bzt52c6v8s wb 6.8 6.4 7.2 5 15 80 1.0 1 4.0 1.2 4.5 bzt52c7v5s wc 7.5 7.0 7.9 5 15 80 1.0 0.7 5.0 2.5 5.3 bzt52c8v2s wd 8.2 7.7 8.7 5 15 80 1.0 0.5 5.0 3.2 6.2 bzt52c9v1s we 9.1 8.5 9.6 5 15 100 1.0 0.2 6.0 3.8 7.0 bzt52c10s wf 10 9.4 10.6 5 20 150 1.0 0.1 7.0 4.5 8.0 bzt52c11s wg 11 10.4 11.6 5 20 150 1.0 0.1 8.0 5.4 9.0 bzt52c12s wh 12 11.4 12.7 5 25 150 1.0 0.1 8.0 6.0 10.0 bzt52c13s wi 13 12.4 14.1 5 30 170 1.0 0.1 8.0 7.0 11.0 bzt52c15s wj 15 13.8 15.6 5 30 200 1.0 0.1 10.5 9.2 13.0 bzt52c16s wk 16 15.3 17.1 5 40 200 1.0 0.1 11.2 10.4 14.0 bzt52c18s wl 18 16.8 19.1 5 45 225 1.0 0.1 12.6 12.4 16.0 bzt52c20s wm 20 18.8 21.2 5 55 225 1.0 0.1 14.0 14.4 18.0 bzt52c22s wn 22 20.8 23.3 5 55 250 1.0 0.1 15.4 16.4 20.0 bzt52c24s wo 24 22.8 25.6 5 70 250 1.0 0.1 16.8 18.4 - bzt52c27s wp 27 25.1 28.9 2 80 300 0.5 0.1 18.9 21.4 - bzt52c30s wq 30 28.0 32.0 2 80 300 0.5 0.1 21.0 24.4 - bzt52c33s wr 33 31.0 35.0 2 80 325 0.5 0.1 23.1 27.4 - bzt52c36s ws 36 34.0 38.0 2 90 350 0.5 0.1 25.2 30.4 - bzt52c39s wt 39 37.0 41.0 2 130 350 0.5 0.1 27.3 33.4 - notes: 6. short duration pulse test used to minimize self-heating effect. 7. part mounted on fr-4 pc board with recomm ended pad layout, as per http://www.diodes.com.
bzt52c2v0s - bzt52c39s document number: ds30093 rev. 18 - 2 3 of 4 www.diodes.com may 2012 ? diodes incorporated bzt52c2v0s - bzt52c39s t , ambient temperature, c fig. 1 power derating curve a p , p o we r dissi p a t i o n (mw) d 200 100 0 300 0 120 200 40 80 160 note 7 0 10 20 30 40 50 01 23456 7 8910 i, ze n e r c u r r e n t (ma) z v , zener voltage (v) fig. 2 typical zener breakdown characteristics z t = 25c j c2v7 c3v3 c3v9 c4v7 c5v6 c6v8 c8v2 test current i 5.0ma z c2v0 0 10 20 30 0 i, zene r c u r r en t (ma) z v , zener voltage (v) fig. 3 typical zener breakdown characteristics z 10 20 30 40 t = 25c j test current i 5ma z c10 c12 c18 c22 c27 c33 c36 c15 c39 c , total capacitance (pf) t 10 100 1,000 10 100 1 v , nominal zener voltage (v) fig. 4 typical total capacitance vs. nominal zener voltage z t = 25 c j v = 1v r v = 2v r v = 1v r v = 2v r package outline dimensions sod323 dim min max a 0.25 0.35 b 1.20 1.40 c 2.30 2.70 h 1.60 1.80 j 0.00 0.10 k 1.0 1.1 l 0.20 0.40 m 0.10 0.15 0 8 all dimensions in mm k l m j c h ba
bzt52c2v0s - bzt52c39s document number: ds30093 rev. 18 - 2 4 of 4 www.diodes.com may 2012 ? diodes incorporated bzt52c2v0s - bzt52c39s suggested pad layout important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2012, diodes incorporated www.diodes.com dimensions value (in mm) z 3.75 g 1.05 x 0.65 y 1.35 c 2.40 z x c g y


▲Up To Search▲   

 
Price & Availability of BZT52C2V0S12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X