Part Number Hot Search : 
A1225 ZMY36 TMP87 1N4736 27V802 SMA82 ADM8697 G0370
Product Description
Full Text Search
 

To Download BSS138DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30203 rev. 5 - 2 1 of 5 BSS138DW www.diodes.com  diodes incorporated BSS138DW dual n-channel enhancement mode field effect transistor features  low on-resistance  low gate threshold voltage  low input capacitance  fast switching speed  also available in lead free version characteristic symbol BSS138DW units drain-source voltage v dss 50 v drain-gate voltage (note 3) v dgr 50 v gate-source voltage continuous v gss  20 v drain current (note 1) continuous i d 200 ma total power dissipation (note 1) p d 200 mw thermal resistance, junction to ambient r  ja 625  c/w operating and storage temperature range t j ,t stg -55 to +150  c mechanical data a m j l d b c h k g f s 1 d 2 g 1 d 1 s 2 g 2 electrical characteristics @ t a = 25  c unless otherwise specified characteristic symbol min typ max unit test condition off characteristics (note 2) drain-source breakdown voltage bv dss 50 75  v v gs = 0v, i d = 250  a zero gate voltage drain current i dss  0.5 a v ds = 50v, v gs = 0v gate-body leakage i gss  100 na v gs =  20v, v ds = 0v on characteristics (note 2) gate threshold voltage v gs(th) 0.5 1.2 1.5 v v ds =v gs , i d =-250  a static drain-source on-resistance r ds (on)  1.4 3.5  v gs = 10v, i d = 0.22a forward transconductance g fs 100  ms v ds =25v, i d = 0.2a, f = 1.0khz dynamic characteristics input capacitance c iss  50 pf v ds = 10v, v gs = 0v f = 1.0mhz output capacitance c oss  25 pf reverse transfer capacitance c rss  8.0 pf switching characteristics turn-on delay time t d(on)  20 ns v dd = 30v, i d = 0.2a, r gen = 50  turn-off delay time t d(off)  20 ns note: 1. device mounted on fr-4 pcb, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on diodes inc. suggested pad layout document ap02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. short duration test pulse used to minimize self-heating effect. 3. r gs 20k 
s 1 d 1 d 2 s 2 g 1 g 2 sot-363 dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j  0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25 0 8  all dimensions in mm maximum ratings @ t a = 25  c unless otherwise specified  case: sot-363, molded plastic  case material - ul flammability rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 5, on page 2  terminal connections: see diagram  marking code (see page 2): k38  ordering & date code information: see page 2  weight: 0.006 grams (approx.)
ds30203 rev. 5 - 2 2 of 5 BSS138DW www.diodes.com ordering information (note 4) device packaging shipping BSS138DW-7 sot-363 3000/tape & reel marking information notes: 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 5. for lead free version (with lead free terminal finish) part number, please add "-f" suffix to part number above. example: BSS138DW-7-f. k38 k38 ym ym k38 = product type marking code ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september date code key year 1998 1999 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 code jklmnpr st u vw month jan feb march apr may jun jul aug sep oct nov dec code 1234567 89 o nd 0 v , gate-source voltage (v) gs fi g . 2 transfer characteristics 0.1 0.2 0.3 0.5 0.4 0.6 0.7 0 . 8 0 1 1.5 0.5 2 3.5 4 4.5 2.5 3 i , drain-source current (a) d -55 c 150 c 25 c v = 1v ds 0 0.1 0.2 0.3 0.4 0.5 0 . 6 1 0 3 2 5 4 7 6 8 9 10 i , drain-source current (a) d v , drain-source voltage (v) ds fi g . 1 drain-source current vs. drain-source volta g e t = 25 c j v = 3.5v gs v = 3.25v gs v = 3.0v gs v = 2.75v gs v = 2.5v gs
ds30203 rev. 5 - 2 3 of 5 BSS138DW www.diodes.com 0 i , drain current (a) d fi g . 5 drain-source on resistance vs. drain current 1 2 3 4 5 6 7 8 0 0.02 0.04 0.06 0.08 0.16 0.14 0.12 0.1 r , drain-source on resistance ( w ) ds(on) 150 c -55 c 25 c v = 2.5v gs 0 0.2 0.4 0.6 0.8 1 1.4 1.2 2 1.8 1.6 -40 -55 5 -25 -10 50 20 35 80 95 65 110 125 140 v , gate threshold voltage (v) gs(th) t , junction temperature (c) j fi g . 4 gate threshold volta g e vs. junction temperature i = 1.0ma d 0.65 t , junction temperature (c) j fi g . 3 drain-source on resistance vs. junction temperature 0.85 1.05 1.25 1.65 1.45 1.85 2.05 2.25 2.45 -55 -5 45 95 145 r , normalized drain-source on resistance ( w ) ds(on) v = 10v gs v = 4.5v gs i = 0.5a d i = 0.075a d
ds30203 rev. 5 - 2 4 of 5 BSS138DW www.diodes.com 0 0.5 1 1.5 2 2.5 3 3 .5 0.05 0 0.15 0.1 0.25 0.2 0.35 0.3 0.4 0.45 0.5 i , drain current (a) d fi g . 8 drain-source on resistance vs. drain current 150 c -55 c 25 c v = 10v gs 0 1 2 3 4 5 6 0.05 0 0.15 0.1 0.25 0.2 0.35 0.3 0.4 0.45 0.5 v , drain-source voltage (v) ds fi g . 7 drain-source on resistance vs. drain current 150 c -55 c 25 c v = 4.5v gs 0 i , drain current (a) d fi g . 6 drain-source on resistance vs. drain current 1 2 3 5 4 6 7 8 9 0 0.05 0.1 0.2 0.15 0.25 150 c -55 c 25 c v = 2.75v gs
ds30203 rev. 5 - 2 5 of 5 BSS138DW www.diodes.com c, capacitance (pf) 1 10 100 v , drain source voltage (v) ds fi g . 10 capacitance vs. drain source volta g e 0 5 10 15 20 25 30 v=0v gs f = 1mhz c rss c oss c iss i,di o de current (a) d 0.001 0.01 0.1 1 v , diode forward voltage (v) sd fig. 9 body diode current vs. body diode voltage 0 0.2 0.4 0.6 0.8 1 1. 2 150 c -55 c 25 c


▲Up To Search▲   

 
Price & Availability of BSS138DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X