Part Number Hot Search : 
D25NE L6562AT TMP87P 51181 0110R M16C6N SMAJ43 MMZ5232
Product Description
Full Text Search
 

To Download BF100507 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007-04-20 1 bf1005... silicon n-channel mosfet tetrode ? for low noise, high gain controlled input stages up to 1 ghz ? operating voltage 5v ? integrated biasing network ? pb-free (rohs compliant) package 1) ? qualified according aec q101 g2 g1 gnd agc rf input drain rf output + dc esd ( e lectro s tatic d ischarge) sensitive device, observe handling precaution! type package pin configuration marking bf1005 bf1005r sot143 sot143r 1=s 1=d 2=d 2=s 3=g2 3=g1 4=g1 4=g2 - - - - mzs mzs maximum ratings parameter symbol value unit drain-source voltage v ds 8 v continuous drain current i d 25 ma gate 1/ gate 2-source current i g1/2sm 10 gate 1 (external biasing) + v g1se 3 v total power dissipation t s 76 c p tot 200 mw storage temperature t stg -55 ... 150 c channel temperature t ch 150 1 pb-containing package may be available upon special request note: it is not recommended to apply external dc-voltage on gate 1 in active mode.
2007-04-20 2 bf1005... thermal resistance parameter symbol value unit channel - soldering point 1) r thchs 370 k/w electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. dc characteristics drain-source breakdown voltage i d = 650 a, v g1s = 0 , v g2s = 0 v (br)ds 12 - - v gate1-source breakdown voltage + i g1s = 10 ma, v g2s = 0 , v ds = 0 + v (br)g1ss 8 - 12 gate2 source breakdown voltage i g2s = 10 ma, v g1s = 0 , v ds = 0 v (br)g2ss 8 - 13 gate1-source leakage current v g1s = 0 , v g2s = 6 v + i g1ss - 100 - a gate 2 source leakage current v g2s = 8 v, v g1s = 0 , v ds = 0 i g2ss - - 50 na drain current v ds = 5 v, v g1s = 0 , v g2s = 4 v i dss - - 1.5 ma operating current (selfbiased) v ds = 5 v, v g2s = 4 v i dso 8 10 16 gate2-source pinch-off voltage v ds = 5 v, i d = 100 a v g2s(p) - 1 - v 1 for calculation of r thja please refer to application note thermal resistance
2007-04-20 3 bf1005... electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. ac characteristics (verified by random sampling) forward transconductance v ds = 5 v, v g2s = 4.5 v g fs 20 24 - ms gate1 input capacitance v ds = 5 v, v g2s = 4 v, f = 10 mhz c g1ss - 2.1 2.5 pf output capacitance v ds = 5 v, v g2s = 4 v, f = 10 mhz c dss - 1.3 - power gain (self biased) v ds = 5 v, v g2s = 4 v, f = 800 mhz g p 17 19 - db noise figure v ds = 5 v, v g2s = 4 v, f = 800 mhz f - 1.6 2.5 db gain control range v ds = 5 v, v g2s = 4v ...0v, f = 800 ghz ? g p 40 50 -
2007-04-20 4 bf1005... total power dissipation p tot = ? ( t s ) bf1005, bf1005r 0 15 30 45 60 75 90 105 120 c 150 t s 0 20 40 60 80 100 120 140 160 180 mw 220 p tot total power dissipation p tot = ? ( t s ) bf1005w 0 15 30 45 60 75 90 105 120 c 150 t s 0 20 40 60 80 100 120 140 160 180 ma 220 p tot drain current i d = ? ( v g2s ) 0 0.5 1 1.5 2 2.5 3 3.5 4 v 5 v g2s 0 1 2 3 4 5 6 7 8 9 10 ma 12 i d insertion power gain | s 21 |2 = ? ( v g2s ) 0 0.5 1 1.5 2 2.5 3 3.5 4 v 5 v g2s -55 -50 -45 -40 -35 -30 -25 -20 -15 -10 -5 0 db 10 | s 21 |2
2007-04-20 5 bf1005... forward transfer admittance | y 21 | = ? ( v g2s ) 0 0.5 1 1.5 2 2.5 3 3.5 4 v 5 v g2s 0 2 4 6 8 10 12 14 16 18 20 22 ms 26 | y 21 | gate 1 input capacitance c g1ss = ? ( v g2s ) f = 200mhz 0.5 1 1.5 2 2.5 3 3.5 4 4.5 v 5.5 v g2s 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 pf 3 c g1ss output capacitance c dss = ? ( v g2s ) f = 200mhz 0 0.5 1 1.5 2 2.5 3 3.5 4 v 5 v g2s 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 pf 3 c dss
2007-04-20 6 bf1005... package sot143 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel rf s 2005, june date code (ym) bfp181 type code 56 pin 1 0.8 0.8 1.2 0.9 1.1 0.9 1.2 0.8 0.8 0.8 -0.05 +0.1 1.9 1.7 0.1 2.9 +0.1 -0.05 0.4 0.1 max. 12 3 4 0.25 m b 0.1 1 10? max. 0.15 min. 0.2 a m 2.4 0.15 0.2 10? max. a 1.3 0.1 0...8? 0.08...0.15 2.6 4 3.15 pin 1 8 0.2 1.15 b manufacturer
2007-04-20 7 bf1005... package sot143r 1.1 0.8 0.8 1.2 0.9 0.9 0.8 0.8 1.2 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel 2.6 4 3.15 pin 1 8 0.2 1.15 reverse bar 2005, june date code (ym) bfp181r type code pin 1 1.9 1.7 0.4 -0.05 +0.1 +0.1 -0.05 0.8 b 0.25 m b 2.9 0.1 0.2 12 43 a 0?... 8? 10? 10? 0.1 max. 0.15 min. 1.3 0.1 2.4 0.15 1 0.1 0.08...0.15 a m 0.2 max. max. manufacturer
2007-04-20 8 bf1005... edition 2006-02-01 published by infineon technologies ag 81726 mnchen, germany ? infineon technologies ag 2007. all rights reserved. attention please! the information given in this dokument shall in no event be regarded as a guarantee of conditions or characteristics (?beschaffenheitsgarantie?). with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of BF100507

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X