Part Number Hot Search : 
42PJ350 1N4739AW MT1259C 10X12 IRF65 HDY227 D1985 DG1M3A
Product Description
Full Text Search
 

To Download ARC-645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: all specifications are subject to change without notice. 16-1 16 features specifications industrial chassis - rackmount 4u height 19 rackmount chassis 14-slot isa/ picmg bus passive backplanes standard ps2 at/atx or mini-redundant power supply 5.25 x 4 and 3.5/2.5 x 1 front access drive bay 3.5 x 2 internal drive bay dual lockable front doors for added protection usb2.0 x 2 and keyboard connector x 1 on front panel 4u 14-slot rackmount chassis, full-size/ half-size cpu cards support system construction 1.2 mm secc zinc-coated steel storage external: 3.5 drive bay x 1 5.25 drive bay x 4 internal: 3.5 drive bay x 2 system fan 12 cm ball bearing fan with removable filter x 1 front panel power on/off switch x 1 reset button x 1 power on led x 1 hard disk drive active led x 1 lan led x 1 usb port x 2 ps/2 keyboard x 1 rear panel at keyboard connector x 1 reserved cut-out for db-25 connector x 1 color black dimensions 19 (w) x 20.8 (d) x 7 (h) (482mm x 528mm x 177mm) carton size 21.6 (w) x 27 (d) x 12.4 (h) (548mm x 685mm x 315mm) net weight 26.4 lb (12 kg) gross weight 30.8 lb (14 kg) environmental operating temperature 32 f ~ 122f (0c ~ 50c) storage temperature -4f ~ 176f (-20c ~ 80c) operating humidity 10 ~ 90% storage humidity 10 ~ 90% @ 40c, non-condensing vibration 0.5 g rms/ 5 ~ 500 hz/ operation (2.5 hard disk drive) 1.5 g rms/ 5~ 500 hz/ non operation shock 15 g peak acceleration (11 m sec. duration), operation 30 g peak acceleration (11 m sec. duration), non operation emc ce/fcc class a air filter two usb ports drive bays support up to four 5.25 and one 3.5 or 2.5 hard disks power/ hard disk drive led supports 14-slot picmg backplanes ps/2 or mini redundant power supply hold-down bar two internal 3.5 drive bays ARC-645
16-2 dimension unit: mm passive backplane options model/name cpu level master interface tf-fsb-g41h socket lga 775, intel? core? 2 duo/ core? 2 quad (800/1066/1333) picmg 1.3 tf-fsb-960h socket lga 775, intel? core? 2 duo/ core? 2 quad (800/1066/1333) picmg 1.3 tf- fsb-860b socket 478, intel? p4/ celeron? up to 3.06 ghz (400/533 mhz) picmg tf- fsb-868g socket lga 775, intel? p4/ p-d/ celeron? d/ core? 2 duo (533/800/1066 mhz) picmg model/name description tf- ARC-645-b rackmount 4u chassis, bare for 14-slot backplane, ps2 power, ps_sw (atx), black cpu card options ordering information p/n description master interface slots power connector, atx extend function tf-bp-214sh-p3e2i6 rackmount, picmg 1.3, 14-slot backplane, 3 pci, 2 pci-e, 6 isa, single segment, atx picmg 1.3 3/2/6/2 (pci/pci-e/isa/picmg 1.3) atx tf-bp-208rh-p4e3 rackmount, picmg1.3 8-slot backplane, 4 pci, 3 pci-e, single segment, atx picmg 1.3 4/3/2 (pci/ pci-e/ picmg1.3) atx tf-bp-214sg-p4 rackmount, picmg 14-slot backplane, 4 pci/ 8 isa, single segment, at/atx, bulk pack picmg 4/9/2 (pci/ isa/ picmg) at, atx, 3-pin atx extend tf-bp-214sg-p7 rackmount, picmg 14-slot backplane, 7 pci/ 5 isa, single segment, at/atx, bulk pack picmg 7/6/2 (pci/ isa/ picmg) atx tf-bp-214sg-p12 rackmount, picmg 14-slot backplane, 12 pci/ 1 isa, single segment, at/atx, bulk pack picmg 12/1/2 (pci/ isa/ picmg) at, atx, 3-pin atx extend ARC-645 power supply options p/n type pfc support input voltage watt size 1757940014 atx active pfc auto 100-240v 400w ps2 tf-pw-r460-a-00 atx active pfc auto 100-240v 460w redundant ps2 112. 0 101. 6 481. 8 174. 9 disc s1 s1 disc re s et keyboar d keyboar d 528. 5 176. 3


▲Up To Search▲   

 
Price & Availability of ARC-645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X