Part Number Hot Search : 
TDA75 256EI WCB30C2 D1937 RT7237B OP240SL AN8049SH 2SD113
Product Description
Full Text Search
 

To Download AON7421 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AON7421 20v p-channel mosfet v ds i d (at v gs =-10v) -50a r ds(on) (at v gs =-10v) < 4.6m w r ds(on) (at v gs =-4.5v) < 5.8m w r ds(on) (at v gs =-2.5v) < 9.0m w 100% uis tested 100% r g tested symbol v ds v maximum units -20 the AON7421 combines advanced trench mosfet technology with a low resistance package to provide extremely low r ds(on) . this device is ideal for load switch and battery protection applications. parameter absolute maximum ratings t a =25c unless otherwise noted drain-source voltage -20v top view 1 2 3 4 8 7 6 5 g d s ds v gs i dm i as e as t j , t stg symbol t 10s steady-state steady-state r q jc maximum junction-to-case c/w c/w maximum junction-to-ambient a d 1.1 55 1.5 w 83 p d -200 pulsed drain current c continuous drain current g i d t c =25c 12 gate-source voltage v -50 -39 c t c =25c 6.2 33 t c =100c junction and storage temperature range -55 to 150 power dissipation a p dsm w t a =70c 4 t a =25c mj avalanche current c -24.5 t c =100c power dissipation b continuous drain current 125 -30 avalanche energy l=0.1mh c a 50 a t a =25c i dsm a t a =70c thermal characteristics units maximum junction-to-ambient a c/w r q ja 16 45 20 parameter typ max product summary general description www.freescale.net.cn 1/6
AON7421 symbol min typ max units bv dss -20 v v ds =-20v, v gs =0v -1 t j =55c -5 i gss 100 na v gs(th) gate threshold voltage -0.5 -0.8 -1.2 v i d(on) -200 a 3.7 4.6 t j =125c 5 6.2 4.5 5.8 m w 6.3 9 m w g fs 90 s v sd -0.58 -1 v i s -50 a c iss 4550 pf c oss 823 pf c rss 563 pf r g 2.1 4.2 w q g (10v) 95 114 nc q g (4.5v) 44 53 nc q gs 6.5 nc q gd 14 nc t 7 ns electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions i d =-250 m a, v gs =0v v gs =-10v, v ds =-5v m a v ds =v gs , i d =-250 m a v ds =0v, v gs =12v drain-source breakdown voltage r ds(on) static drain-source on-resistance i dss reverse transfer capacitance on state drain current zero gate voltage drain current gate-body leakage current v gs =0v, v ds =-10v, f=1mhz switching parameters m w v gs =-10v, i d =-20a v ds =-5v, i d =-20a v gs =-2.5v, i d =-20a forward transconductance v gs =-4.5v, i d =-20a gate resistance v gs =0v, v ds =0v, f=1mhz total gate charge i s =-1a,v gs =0v v gs =-10v, v ds =-10v, i d =-20a gate source charge gate drain charge total gate charge maximum body-diode continuous current g input capacitance output capacitance turn-on delaytime dynamic parameters diode forward voltage t d(on) 7 ns t r 12 ns t d(off) 134 ns t f 45 ns t rr 30 ns q rr 75 nc this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. i f =-20a, di/dt=500a/ m s v gs =-10v, v ds =-10v, r l =0.5 w , r gen =3 w turn-off fall time body diode reverse recovery time body diode reverse recovery charge i f =-20a, di/dt=500a/ m s turn-off delaytime turn-on rise time turn-on delaytime a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. the power dissipation p dsm is based on r q ja t 10s value and the maximum allowed junction temperat ure of 150 c. the value in any given application depends on the user's specific board de sign. b. the power dissipation p d is based on t j(max) =150 c, using junction-to-case thermal resistance, and i s more useful in setting the upper dissipation limit for cases where additional heatsi nking is used. c. repetitive rating, pulse width limited by juncti on temperature t j(max) =150 c. ratings are based on low frequency and duty cycl es to keep initial t j =25 c. d. the r q ja is the sum of the thermal impedance from junction t o case r q jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case t hermal impedance which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =150 c. the soa curve provides a single pulse rating. g. the maximum current rating is package limited. h. these tests are performed with the device mounte d on 1 in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. 2/6 www.freescale.net.cn
AON7421 typical electrical and thermal characteristics 17 5 2 10 0 18 0 20 40 60 80 100 0 0.5 1 1.5 2 2.5 3 -i d (a) -v gs (volts) figure 2: transfer characteristics (note e) 0 2 4 6 8 10 0 5 10 15 20 25 30 r ds(on) (m w w w w ) -i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 0.8 1 1.2 1.4 1.6 0 25 50 75 100 125 150 175 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v gs =-4.5v i d =-20a v gs =-10v i d =-20a v gs =-2.5v i d =-20a 25 c 125 c v ds =-5v v gs =-4.5v v gs =-10v 0 20 40 60 80 100 120 0 1 2 3 4 5 -i d (a) -v ds (volts) fig 1: on-region characteristics (note e) -2v -3v -4.5v -10v -2.5v v gs =-1.5v v gs =-2.5v 40 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 -i s (a) -v sd (volts) figure 6: body-diode characteristics (note e) 25 c 125 c (note e) 0 3 6 9 12 15 18 0 2 4 6 8 10 r ds(on) (m w w w w ) -v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) i d =-20a 25 c 125 c 3/6 www.freescale.net.cn
AON7421 typical electrical and thermal characteristics 17 5 2 10 0 18 0 2 4 6 8 10 0 10 20 30 40 50 60 70 80 90 100 -v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 1000 2000 3000 4000 5000 6000 0 5 10 15 20 capacitance (pf) -v ds (volts) figure 8: capacitance characteristics c iss 0 50 100 150 200 250 300 350 400 0.0001 0.001 0.01 0.1 1 10 power (w) pulse width (s) figure 10: single pulse power rating junction-to- case (note f) c oss c rss v ds =-10v i d =-20a t j(max) =150 c t c =25 c 10 m s 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 -i d (amps) -v ds (volts) figure 9: maximum forward biased safe operating area (note f) 10 m s 10ms 1ms dc r ds(on) limited t j(max) =150 c t c =25 c 100 m s 40 (note f) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 z q q q q jc normalized transient thermal resistance pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) single pulse d=t on /t t j,pk =t c +p dm .z q jc .r q jc t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse operating area (note f) r q jc =1.5 c/w www.freescale.net.cn 4/6
AON7421 typical electrical and thermal characteristics 17 5 2 10 0 18 0 20 40 60 80 100 0 25 50 75 100 125 150 power dissipation (w) t case (c) figure 13: power de-rating (note f) 0 10 20 30 40 50 60 70 0 25 50 75 100 125 150 -current rating i d (a) t case (c) figure 14: current de - rating (note f) 1 10 100 1000 10000 0.00001 0.001 0.1 10 1000 power (w) pulse width (s) figure 15: single pulse power rating junction - to - t a =25 c 1 10 100 1000 1 10 100 1000 -i ar (a) peak avalanche current time in avalanche, t a ( m mm m s) figure 12: single pulse avalanche capability (note c) t a =25 c t a =150 c t a =100 c t a =125 c 40 0.001 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 100 1000 z q q q q ja normalized transient thermal resistance pulse width (s) figure 16: normalized maximum transient thermal imp edance (note h) single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse figure 14: current de - rating (note f) figure 15: single pulse power rating junction - to - ambient (note h) r q ja =55 c/w www.freescale.net.cn 5/6
AON7421 vdc ig vds dut vdc vgs vgs qg qgs qgd charge gate charge test circuit & waveform - + - + -10v vdd id vgs vds unclamped inductive switching (uis) test circuit & waveforms vds l - 2 e = 1/2 li ar ar bv dss vdc dut vdd vgs vds vgs rl rg resistive switching test circuit & waveforms - + vgs vds t t t t t t 90% 10% r on d(off) f off d(on) vdd vgs vgs rg dut vdc vgs id vgs - + i ar ig vgs - + vdc dut l vgs isd diode recovery test circuit & waveforms vds - vds + di/dt rm rr vdd vdd q = - idt t rr -isd -vds f -i -i www.freescale.net.cn 6/6


▲Up To Search▲   

 
Price & Availability of AON7421

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X