Part Number Hot Search : 
VTC5764C K2368 BR808 A9108 GV2SN35 8A218 MB89636 K2368
Product Description
Full Text Search
 

To Download AON7416 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AON7416 30v n-channel mosfet v ds i d (at v gs =10v) 40a r ds(on) (at v gs =10v) < 8.5m w r ds(on) (at v gs = 4.5v) < 10m w symbol v ds the AON7416 uses advanced trench technology to provide excellent r ds(on) , low gate charge.this device is suitable for use as a high side switch in smps and general purpose applications. v maximum units parameter absolute maximum ratings t a =25c unless otherwise noted 30v drain-source voltage 30 g d s top view 1 2 3 4 8 7 6 5 v ds v gs i dm i as , i ar e as , e ar t j , t stg symbol t 10s steady-state steady-state r q jc maximum junction-to-case c/w c/w maximum junction-to-ambient a d 4.2 75 5 w power dissipation a p dsm w t a =70c 25 2 t a =25c t c =25c a t a =25c i dsm a t a =70c i d 40 26 t c =25c t c =100c avalanche current c 11 continuous drain current 32 14 a 36 v drain-source voltage 30 gate-source voltage 118 pulsed drain current c continuous drain current units junction and storage temperature range -55 to 150 c thermal characteristics parameter c/w r q ja 30 60 40 v 12 typ max mj 3.1 10 t c =100c avalanche energy l=0.05mh c power dissipation b maximum junction-to-ambient a p d g d s top view 1 2 3 4 8 7 6 5 www.freescale.net.cn 1/6 general description features
symbol min typ max units bv dss 30 v v ds =30v, v gs =0v 1 t j =55c 5 i gss 100 na v gs(th) gate threshold voltage 0.8 1.2 1.7 v i d(on) 118 a 6.8 8.5 t j =125c 11 13.5 7.7 10 m w g fs 100 s v sd 0.7 1 v i s 30 a c iss 1260 1580 1900 pf c oss 110 160 210 pf c rss 60 100 140 pf r g 0.7 1.4 2.1 w q g (10v) 20 26 32 nc q g (4.5v) 9 12 15 nc q gs 2 3 4 nc q gd 1.5 3 4.5 nc t d(on) 5 ns t 2 ns electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions drain-source breakdown voltage on state drain current i d =250 m a, v gs =0v v gs =10v, v ds =5v v gs =10v, i d =20a v ds =v gs i d =250 m a v gs =0v, v ds =15v, f=1mhz switching parameters v gs =10v, v ds =15v, i d =20a forward transconductance i s =1a,v gs =0v i dss m a v ds =0v, v gs = 12v zero gate voltage drain current gate-body leakage current gate source charge gate drain charge total gate charge m w v =10v, v =15v, r =0.75 w , gate resistance v gs =0v, v ds =0v, f=1mhz total gate charge turn-on delaytime turn-on rise time diode forward voltage reverse transfer capacitance input capacitance output capacitance dynamic parameters r ds(on) static drain-source on-resistance v ds =5v, i d =20a v gs =4.5v, i d =20a maximum body-diode continuous current t r 2 ns t d(off) 29 ns t f 3 ns t rr 8 10 12 ns q rr 12 16 20 nc this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. body diode reverse recovery time i f =20a, di/dt=500a/ m s v gs =10v, v ds =15v, r l =0.75 w , r gen =3 w turn-off fall time body diode reverse recovery charge i f =20a, di/dt=500a/ m s turn-off delaytime turn-on rise time a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. the power dissipation p dsm is based on r q ja and the maximum allowed junction temperature of 150 c. the value in any given application depends on the user's specific board design. b. the power dissipation p d is based on t j(max) =150 c, using junction-to-case thermal resistance, and i s more useful in setting the upper dissipation limit for cases where additional heatsi nking is used. c. repetitive rating, pulse width limited by juncti on temperature t j(max) =150 c. ratings are based on low frequency and duty cycl es to keep initial t j =25 c. d. the r q ja is the sum of the thermal impedence from junction t o case r q jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case t hermal impedence which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =150 c. the soa curve provides a single pulse rating. g. the maximum current rating is package limited. h. these tests are performed with the device mounte d on 1 in 2 fr-4 board with 2oz. copper, in a still air environ ment with t a =25 c. www.freescale.net.cn 2/6 AON7416 30v n-channel mosfet
typical electrical and thermal characteristics 17 5 2 10 0 18 0 5 10 15 20 25 30 0 0.5 1 1.5 2 2.5 3 i d (a) v gs (volts) figure 2: transfer characteristics (note e) 0 2 4 6 8 10 12 0 5 10 15 20 25 30 r ds(on) (m w w w w ) i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 0.8 1 1.2 1.4 1.6 1.8 2 2.2 0 25 50 75 100 125 150 175 200 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v gs =4.5v i d =20a v gs =10v i d =20a 25 c 125 c v ds =5v v gs =4.5v v gs =10v 0 20 40 60 80 0 1 2 3 4 5 i d (a) v ds (volts) fig 1: on-region characteristics (note e) v gs =2v 4v 6v 10v 2.5v 40 0 5 10 15 20 25 30 0 0.5 1 1.5 2 2.5 3 i d (a) v gs (volts) figure 2: transfer characteristics (note e) 0 2 4 6 8 10 12 0 5 10 15 20 25 30 r ds(on) (m w w w w ) i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 i s (a) v sd (volts) figure 6: body-diode characteristics (note e) 25 c 125 c 0.8 1 1.2 1.4 1.6 1.8 2 2.2 0 25 50 75 100 125 150 175 200 normalized on-resistance temperature (c) figure 4: on-resistance vs. junction temperature (note e) v gs =4.5v i d =20a v gs =10v i d =20a 0 5 10 15 20 25 30 0 2 4 6 8 10 r ds(on) (m w w w w ) v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) 25 c 125 c v ds =5v v gs =4.5v v gs =10v i d =20a 25 c 125 c 0 20 40 60 80 0 1 2 3 4 5 i d (a) v ds (volts) fig 1: on-region characteristics (note e) v gs =2v 4v 6v 10v 2.5v www.freescale.net.cn 3/6 AON7416 30v n-channel mosfet
typical electrical and thermal characteristics 17 5 2 10 0 18 0 2 4 6 8 10 0 5 10 15 20 25 30 v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 600 1200 1800 2400 0 5 10 15 20 25 30 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss 0 40 80 120 160 200 0.0001 0.001 0.01 0.1 1 10 power (w) pulse width (s) figure 10: single pulse power rating junction-to-ca se (note f) c oss c rss v ds =12.5v i d =20a t j(max) =150 c t c =25 c 10 m s 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 i d (amps) v ds (volts) figure 9: maximum forward biased safe operating area (note f) 10 m s 10ms 1ms dc r ds(on) t j(max) =150 c t c =25 c 100 m s 40 0 2 4 6 8 10 0 5 10 15 20 25 30 v gs (volts) q g (nc) figure 7: gate-charge characteristics 0 600 1200 1800 2400 0 5 10 15 20 25 30 capacitance (pf) v ds (volts) figure 8: capacitance characteristics c iss 0 40 80 120 160 200 0.0001 0.001 0.01 0.1 1 10 power (w) pulse width (s) figure 10: single pulse power rating junction-to-ca se (note f) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 z q q q q jc normalized transient thermal resistance pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) c oss c rss v ds =12.5v i d =20a single pulse d=t on /t t j,pk =t c +p dm .z q jc .r q jc t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t j(max) =150 c t c =25 c 10 m s 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 i d (amps) v ds (volts) figure 9: maximum forward biased safe operating area (note f) 10 m s 10ms 1ms dc r ds(on) t j(max) =150 c t c =25 c 100 m s r q jc =5 c/w www.freescale.net.cn 4/6 AON7416 30v n-channel mosfet
typical electrical and thermal characteristics 17 5 2 10 0 18 0 5 10 15 20 25 30 0 25 50 75 100 125 150 power dissipation (w) t case ( c) figure 13: power de-rating (note f) 0 10 20 30 40 50 0 25 50 75 100 125 150 current rating i d (a) t case ( c) figure 14: current de-rating (note f) 1 10 100 1000 10000 0.00001 0.001 0.1 10 1000 power (w) pulse width (s) figure 15: single pulse power rating junction-to- ambient (note h) t a =25 c 1 10 100 1000 1 10 100 1000 i ar (a) peak avalanche current time in avalanche, t a ( m mm m s) figure 12: single pulse avalanche capability (not e c) t a =25 c t a =150 c t a =100 c t a =125 c 40 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 z q q q q ja normalized transient thermal resistance pulse width (s) figure 16: normalized maximum transient thermal imp edance (note h) single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse 0 5 10 15 20 25 30 0 25 50 75 100 125 150 power dissipation (w) t case ( c) figure 13: power de-rating (note f) 0 10 20 30 40 50 0 25 50 75 100 125 150 current rating i d (a) t case ( c) figure 14: current de-rating (note f) 1 10 100 1000 10000 0.00001 0.001 0.1 10 1000 power (w) pulse width (s) figure 15: single pulse power rating junction-to- ambient (note h) t a =25 c r q ja =75 c/w 1 10 100 1000 1 10 100 1000 i ar (a) peak avalanche current time in avalanche, t a ( m mm m s) figure 12: single pulse avalanche capability (not e c) t a =25 c t a =150 c t a =100 c t a =125 c www.freescale.net.cn 5/6 AON7416 30v n-channel mosfet
- + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off id + l vgs vds bv unclamped inductive switching (uis) test circuit & waveforms vds dss 2 e = 1/2 li ar ar - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off vdd vgs id vgs rg dut - + vdc l vgs vds id vgs bv i unclamped inductive switching (uis) test circuit & waveforms ig vgs - + vdc dut l vds vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar dss 2 e = 1/2 li di/dt i rm rr vdd vdd q = - idt ar ar t rr www.freescale.net.cn 6/6 AON7416 30v n-channel mosfet


▲Up To Search▲   

 
Price & Availability of AON7416

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X