Part Number Hot Search : 
S455GC 11024 SBU31 1305092 LC7234 FRF504G MAX40 TMH0512D
Product Description
Full Text Search
 

To Download AON7406 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AON7406 30v n-channel mosfet v ds i d (at v gs =10v) 25a r ds(on) (at v gs =10v) < 17m w r ds(on) (at v gs =4.5v) < 23m w typical esd protection hbm class 2 symbol v ds v gs i dm i as , i ar e as , e ar t j , t stg symbol t 10s steady-state steady-state r q jc maximum junction-to-case c/w c/w maximum junction-to-ambient a d 6.2 75 7.5 w power dissipation a p dsm w t a =70c 16.7 2 t a =25c 15 t c =25c t c =100c power dissipation b p d continuous drain current 18 9 avalanche energy l=0.1mh c a t a =25c i dsm a t a =70c 50 pulsed drain current c continuous drain current i d 25 the AON7406 uses advanced trench technology and design to provide excellent r ds(on) with low gate charge. this device is suitable for use in smps and general purpose applications. v maximum units parameter absolute maximum ratings t a =25c unless otherwise noted 30v mj avalanche current c 7 a 19 v 20 gate-source voltage drain-source voltage 30 c thermal characteristics units maximum junction-to-ambient a c/w r q ja 30 60 40 parameter typ max t c =25c 3.1 6.7 t c =100c junction and storage temperature range -55 to 150 top view g d s g s s s d d d d www.freescale.net.cn 1/6 general description features
symbol min typ max units bv dss 30 v v ds =30v, v gs =0v 1 t j =55c 5 i gss 10 m a v gs(th) gate threshold voltage 1.2 1.8 2.4 v i d(on) 50 a 14 17 t j =125c 20 24 18 23 m w g fs 40 s v sd 0.75 1 v i s 15 a c iss 600 740 888 pf c oss 77 110 145 pf c rss 50 82 115 pf r g 0.5 1.1 1.7 w q g (10v) 12 15 18 nc q g (4.5v) 6 7.5 9 nc q gs 2.5 nc q gd 3 nc t d(on) 5 ns t r 3.5 ns t d(off) 19 ns t f 3.5 ns t rr 6 8 10 ns q rr 14 18 22 nc this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions r ds(on) static drain-source on-resistance i dss reverse transfer capacitance zero gate voltage drain current gate-body leakage current maximum body-diode continuous current input capacitance output capacitance dynamic parameters m w on state drain current i d =250 m a, v gs =0v v gs =10v, v ds =5v v gs =10v, i d =9a drain-source breakdown voltage m a v ds =v gs i d =250 m a v ds =0v, v gs = 16v i s =1a,v gs =0v v ds =5v, i d =9a v gs =4.5v, i d =8a forward transconductance diode forward voltage body diode reverse recovery charge i f =9a, di/dt=500a/ m s turn-off delaytime v gs =10v, v ds =15v, r l =1.67 w , r gen =3 w turn-off fall time i f =9a, di/dt=500a/ m s body diode reverse recovery time turn-on rise time turn-on delaytime v gs =10v, v ds =15v, i d =9a gate source charge gate drain charge total gate charge total gate charge gate resistance v gs =0v, v ds =0v, f=1mhz v gs =0v, v ds =15v, f=1mhz switching parameters a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air enviro nment with t a =25c. the power dissipation p dsm is based on r q ja t 10s value and the maximum allowed junction tempera ture of 150c. the value in any given application depends on the user's specific board de sign. b. the power dissipation p d is based on t j(max) =150c, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation limit for cases where additional heatsi nking is used. c. repetitive rating, pulse width limited by juncti on temperature t j(max) =150c. ratings are based on low frequency and duty cycles to keep initial t j =25c. d. the r q ja is the sum of the thermal impedence from junction to case r q jc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case t hermal impedence which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of t j(max) =150c. the soa curve provides a single pulse ratin g. g. the maximum current rating is package limited. h. these tests are performed with the device mounte d on 1 in 2 fr-4 board with 2oz. copper, in a still air enviro nment with t a =25c. www.freescale.net.cn 2/6 AON7406 30v n-channel mosfet
typical electrical and thermal characteristics 17 5 2 10 0 18 40 0 5 10 15 20 25 30 1 1.5 2 2.5 3 3.5 4 v gs (volts) figure 2: transfer characteristics (note e) i d (a) 0 5 10 15 20 25 30 0 5 10 15 20 i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) r ds(on) (m w w w w ) 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 1.0e+02 0.0 0.2 0.4 0.6 0.8 1.0 1.2 v sd (volts) figure 6: body-diode characteristics (note e) i s (a) 25c 125c 0.8 1 1.2 1.4 1.6 1.8 0 25 50 75 100 125 150 175 temperature (c) figure 4: on-resistance vs. junction temperature (note e) normalized on-resistance v gs =4.5v i d =8a v gs =10v i d =9a 10 15 20 25 30 35 40 2 4 6 8 10 v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) r ds(on) (m w w w w ) 25c 125c v ds =5v v gs =4.5v v gs =10v i d =9a 25c 125c 0 5 10 15 20 25 30 0 1 2 3 4 5 v ds (volts) fig 1: on-region characteristics (note e) i d (a) v gs =2.5v 3v 4v 5v 10v www.freescale.net.cn 3/6 AON7406 30v n-channel mosfet
typical electrical and thermal characteristics 17 5 2 10 0 18 40 0 2 4 6 8 10 0 3 6 9 12 15 q g (nc) figure 7: gate-charge characteristics v gs (volts) 0 200 400 600 800 1000 1200 0 5 10 15 20 25 30 v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss 0 40 80 120 160 200 0.0001 0.001 0.01 0.1 1 10 pulse width (s) figure 10: single pulse power rating junction-to- case (note f) power (w) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) z q q q q jc normalized transient thermal resistance c oss c rss v ds =15v i d =9a single pulse d=t on /t t j,pk =t c +p dm .z q jc .r q jc t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t j(max) =150c t c =25c 10 m s 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 v ds (volts) i d (amps) figure 9: maximum forward biased safe operating area (note f) 10 m s 10ms 1ms dc r ds(on) limited t j(max) =150c t c =25c 100 m s r q jc =7.5c/w www.freescale.net.cn 4/6 AON7406 30v n-channel mosfet
typical electrical and thermal characteristics 17 5 2 10 0 18 40 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 16: normalized maximum transient thermal imp edance (note h) z q q q q ja normalized transient thermal resistance single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse 0 4 8 12 16 20 0 25 50 75 100 125 150 t case (c) figure 13: power de-rating (note f) power dissipation (w) 0 5 10 15 20 25 0 25 50 75 100 125 150 t case (c) figure 14: current de-rating (note f) current rating i d (a) 1 10 100 1000 10000 0.00001 0.001 0.1 10 1000 pulse width (s) figure 15: single pulse power rating junction-to- ambient (note h) power (w) t a =25c r q ja =75c/w 1 10 100 1 10 100 1000 time in avalanche, t a ( m mm m s) figure 12: single pulse avalanche capability (note c) i ar (a) peak avalanche current t a =25c t a =150c t a =100c t a =125c www.freescale.net.cn 5/6 AON7406 30v n-channel mosfet
- + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform - + vdc dut vdd vgs vds vgs rl rg vgs vds 10% 90% resistive switching test circuit & waveforms t t r d(on) t on t d(off) t f t off vdd vgs id vgs rg dut - + vdc l vgs vds id vgs bv i unclamped inductive switching (uis) test circuit & waveforms ig vgs - + vdc dut l vds vgs vds isd isd diode recovery test circuit & waveforms vds - vds + i f ar dss 2 e = 1/2 li di/dt i rm rr vdd vdd q = - idt ar ar t rr www.freescale.net.cn 6/6 AON7406 30v n-channel mosfet


▲Up To Search▲   

 
Price & Availability of AON7406

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X