Part Number Hot Search : 
K16A60W TE330 30D60 JE13005 ZX79C 2SK2504 EUR23D 1030C
Product Description
Full Text Search
 

To Download AON7403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AON7403 v ds i d (at v gs =-10v) -29a r ds(on) (at v gs =-10v) < 18m w r ds(on) (at v gs =-5v) < 36m w symbol v ds v gs i dm i ar e ar t j , t stg symbol t 10s steady-state steady-state r q jl avalanche current c 24 a repetitive avalanche energy l=0.1mh c 29 mj junction and storage temperature range -55 to 150 c power dissipation a t a =25c p dsm 3.1 w t c =100c 10 w t a =70c 2 power dissipation b t c =25c p d 25 a t a =70c -8.5 continuous drain current t a =25c i dsm -11 a t c =100c -18 pulsed drain current c -80 continuous drain current t c =25c i d -29 c/w c/w maximum junction-to-ambient a d 4.2 75 the AON7403 uses advanced trench technology to provide excellent r ds(on) , and ultra-low low gate charge with a 25v gate rating. this device is suitable for use as a load switch or in pwm applications. maximum units parameter absolute maximum ratings t a =25c unless otherwise noted -30v typ 5 maximum junction-to-ambient a drain-source voltage v gate-source voltage 25 v maximum junction-to-lead max -30 c/w r q ja 30 60 40 thermal characteristics units parameter top view 1 2 3 4 8 7 6 5 g d s www.freescale.net.cn 1/5 30v p-channel mosfet general description features
symbol min typ max units bv dss -30 v v ds =-30v, v gs =0v -1 t j =55c -5 i gss 100 na v gs(th) gate threshold voltage -1.7 -2.2 -3 v i d(on) -80 a 14 18 t j =125c 20 25 26 36 m w g fs 20 s v sd -0.7 -1 v i s -22 a c iss 1130 1400 pf c oss 240 pf c rss 155 pf r g 5.8 8 w q g (10v) 18 24 nc q gs 5.5 nc q gd 3.3 nc t d(on) 8.7 ns t r 8.5 ns t d(off) 18 ns t f 7 ns t rr 12 16 ns q rr 26 nc this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. body diode reverse recovery time drain-source breakdown voltage on state drain current i d =-250 m a, v gs =0v v gs =-10v, v ds =-5v v gs =-10v, i d =-8a reverse transfer capacitance i f =-8a, di/dt=500a/ m s v gs =0v, v ds =-15v, f=1mhz switching parameters i dss m a v ds =0v, v gs = 25v zero gate voltage drain current gate-body leakage current electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions forward transconductance i s =-1a,v gs =0v v ds =-5v, i d =-8a v gs =-5v, i d =-5a diode forward voltage v ds =v gs i d =-250 m a r ds(on) static drain-source on-resistance m w gate resistance v gs =0v, v ds =0v, f=1mhz turn-off fall time total gate charge v gs =-10v, v ds =-15v, i d =-8a gate source charge gate drain charge body diode reverse recovery charge i f =-8a, di/dt=500a/ m s maximum body-diode continuous current input capacitance output capacitance turn-on delaytime dynamic parameters turn-on rise time turn-off delaytime v gs =-10v, v ds =-15v, r l =1.8 w , r gen =3 w a. the value of rqja is measured with the device mo unted on 1in2 fr-4 board with 2oz. copper, in a sti ll air environment with ta =25c. the power dissipation pdsm is based on r qja t 10s value and the maximum allowed junction tempera ture of 150c. the value in any given application depends on the user's specific board de sign, and the maximum temperature of 150c may be u sed if the pcb allows it. b. the power dissipation pd is based on tj(max)=150 c, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation limit for cases where additional heatsi nking is used. c. repetitive rating, pulse width limited by juncti on temperature tj(max)=150c. ratings are based on low frequency and duty cycles to keep initial tj =25c. d. the rqja is the sum of the thermal impedence fro m junction to case rqjc and case to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300ms pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-case t hermal impedence which is measured with the device mounted to a large heatsink, assuming a maximum junction temperature of tj(max)= 150c. the soa curve provides a single pulse rating . g. the maximum current rating is package limited. h. these tests are performed with the device mounte d on 1 in2 fr-4 board with 2oz. copper, in a still air environment with ta=25c. www.freescale.net.cn 2/5 AON7403 30v p-channel mosfet
3/5 typical electrical and thermal characteristics 17 5 2 10 0 18 40 0 20 40 60 80 1 2 3 4 5 6 -v gs (volts) figure 2: transfer characteristics (note e) -i d (a) 10 15 20 25 30 35 40 0 5 10 15 20 -i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) r ds(on) (m w w w w ) 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 0.0 0.2 0.4 0.6 0.8 1.0 1.2 v sd (volts) figure 6: body-diode characteristics (note e) i s (a) 125c 25c 0.8 1 1.2 1.4 1.6 0 25 50 75 100 125 150 175 temperature (c) figure 4: on-resistance vs. junction temperature (note e) normalized on-resistance v gs =-5v i d =-5a v gs =-10v i d =-8a 10 20 30 40 50 2 4 6 8 10 -v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) r ds(on) (m w w w w ) 25c 125c v ds =-5v v gs =-5v v gs =-10v i d =-8a 25c 125c 0 20 40 60 80 0 1 2 3 4 5 -v ds (volts) fig 1: on-region characteristics (note e) -i d (a) v gs =-4v -4.5v -10v -6v -8v www.freescale.net.cn AON7403 30v p-channel mosfet
typical electrical and thermal characteristics 0 2 4 6 8 10 0 5 10 15 20 q g (nc) figure 7: gate-charge characteristics -v gs (volts) 0 200 400 600 800 1000 1200 1400 1600 0 5 10 15 20 25 30 -v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss c oss c rss v ds =-15v i d =-8a 1 10 100 1000 10000 0.00001 0.001 0.1 10 1000 pulse width (s) figure 10: single pulse power rating junction-to- ambient (note f) power (w) t a =25c 0.0 0.1 1.0 10.0 100.0 1000.0 0.01 0.1 1 10 100 -v ds (volts) -i d (amps) figure 9: maximum forward biased safe operating area (note f) 10 m s 10s 1ms dc r ds(on) limited t j(max) =150c t a =25c 100 m s 10ms 0.001 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) z q q q q ja normalized transient thermal resistance single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse r q ja =75c/w 100ms www.freescale.net.cn 4/5 AON7403 30v p-channel mosfet
vdc ig vds dut vdc vgs vgs qg qgs qgd charge gate charge test circuit & waveform - + - + -10v vdd vgs id vgs rg dut vdc vgs vds id vgs unclamped inductive switching (uis) test circuit & waveforms vds l - + 2 e = 1/2 li ar ar bv dss i ar ig vgs - + vdc dut l vgs isd diode recovery test circuit & waveforms vds - vds + di/dt rm rr vdd vdd q = - idt t rr -isd -vds f -i -i vdc dut vdd vgs vds vgs rl rg resistive switching test circuit & waveforms - + vgs vds t t t t t t 90% 10% r on d(off) f off d(on) www.freescale.net.cn 5/5 AON7403 30v p-channel mosfet


▲Up To Search▲   

 
Price & Availability of AON7403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X