Part Number Hot Search : 
D1415 C1454 5HT400 AKD4351 C3425 1N100 2N700 BZT52B
Product Description
Full Text Search
 

To Download AM6T-4805S-VZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am6t -vz 6 watt | dc - dc conver ter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 13.c 1 of 4 north america only features: models single output models dual output model input voltage (v) output voltage (v) output current max ( m a) capacitive load, max (f) efficiency (%) am6t - 1205d - vz 9 - 18 5 600 1000 7 8 am6t - 1209d - vz 9 - 18 9 333 220 78 am6t - 1212d - vz 9 - 18 12 250 220 78 am6t - 1215d - vz 9 - 18 15 200 220 80 am6t - 1224d - vz 9 - 18 24 125 100 78 am6t - 2405d - vz 18 - 36 5 600 1000 76 am6t - 2409 d- vz 18 - 36 9 333 220 77 am6t - 2412d - vz 18 - 36 12 250 220 80 am6t - 2415d - vz 18 - 36 15 200 220 80 am6t - 2424d - vz 18 - 36 24 125 100 78 am6t - 4805d - vz 36 - 72 5 600 1000 74 am6t - 4809d - vz 36 - 72 9 333 220 76 ? wide 2:1 input range ? operating temperature - 40 o c to + 85 o c ? 2 4 pin d ip package ? input / output isolation 1 5 00 & 3500 v dc ? m etal package ? pin comp a t i ble with multiple manufacturers ? high efficiency up to 8 1 % ? continuous short circuit protection model input voltage (v) output voltage (v) output current max ( m a) capacitive load, max ( f) efficiency (%) am6t - 1205s - vz 9 - 18 5 1200 2200 68 am6t - 1209s - vz 9 - 18 9 666 470 72 am6t - 1212s - vz 9 - 18 12 500 470 74 am6t - 1215s - vz 9 - 18 15 400 470 79 am6t - 1224s - vz 9 - 18 24 250 220 76 am6t - 2405s - vz 18 - 36 5 1200 2200 76 am6t - 2409s - vz 18 - 36 9 666 470 8 0 am6t - 2412s - vz 18 - 36 12 500 470 8 0 am6t - 2415s - vz 18 - 36 15 400 470 8 1 am6t - 2424s - vz 18 - 36 24 250 220 77 am6t - 4805s - vz 36 - 72 5 1200 2200 74 am6t - 4809s - vz 36 - 72 9 666 470 77 am6t - 4812s - vz 36 - 72 12 500 470 77 am6t - 4815s - vz 36 - 72 15 400 470 79 am6t - 48 24s - vz 36 - 72 24 250 220 75 am6t - 1205sh35 - vz 9 - 18 5 1200 2200 68 am6t - 1209sh35 - vz 9 - 18 9 666 470 72 am6t - 1212sh35 - vz 9 - 18 12 500 470 74 am6t - 1215sh35 - vz 9 - 18 15 400 470 79 am6t - 1224sh35 - vz 9 - 18 24 250 220 76 am6t - 2405sh35 - vz 18 - 36 5 1200 2200 7 6 am6t - 2409sh35 - vz 18 - 36 9 666 470 8 0 am6t - 2412sh35 - vz 18 - 36 12 500 470 8 0 am6t - 2415sh35 - vz 18 - 36 15 400 470 8 1 am6t - 2424sh35 - vz 18 - 36 24 250 220 77 am6t - 4805sh35 - vz 36 - 72 5 1200 2200 74 am6t - 4809sh35 - vz 36 - 72 9 666 470 77 am6t - 4812sh35 - vz 36 - 72 12 500 470 77 am6t - 4815sh35 - vz 36 - 72 15 400 470 79 am6t - 4824sh35 - vz 36 - 72 24 250 220 75
series am6t -vz 6 watt | dc - dc conver ter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 13.c 2 of 4 north america only models dual output (continued) model input voltage (v) output voltage (v) output current max (ma) capacitive load, max (f) efficiency (%) am6t - 4812d - vz 36 - 72 12 250 220 76 am6t - 4815d - vz 36 - 72 15 200 220 78 am6t - 4824d - vz 36 - 72 24 125 100 77 am6t - 1205dh35 - vz 9 - 18 5 600 1000 78 am6t - 1209dh35 - vz 9 - 18 9 333 220 78 am6t - 1212dh35 - vz 9 - 18 12 250 220 78 am6t - 1215dh35 - vz 9 - 18 15 200 220 80 am6t - 1224dh35 - vz 9 - 18 24 125 100 78 am6t - 2405dh35 - vz 18 - 36 5 600 1000 76 am6t - 2409dh35 - vz 18 - 36 9 333 220 77 am6t - 2412dh35 - vz 18 - 36 12 250 220 80 am6t - 2415dh35 - vz 18 - 36 15 200 220 80 am6t - 2424dh35 - vz 18 - 36 24 125 100 78 am6t - 4805dh35 - vz 36-72 5 600 1000 74 am6t - 4809dh35 - vz 36 - 72 9 333 220 76 am6t - 4812dh35 - vz 36 - 72 12 250 220 76 am6t - 4815dh35 - vz 36 - 72 15 200 220 78 am6t - 4824dh35 - vz 36 - 72 24 125 100 77 i nput specific ations parameters nominal typical maximum units voltage range 12 9 - 18 vdc 24 18 - 36 48 36 - 72 filter (pi) network start up time 20 m s absolute maximum rating 12 vin - 0.7 - 24 vdc 24 vin - 0.7 - 40 48 vin - 0.7 - 80 peak input voltage time 15 m s isolation specifications parameters conditions typical rated units tested i/o voltage 3 sec 1500 (3500 h35 model) vdc resistance > 1000 mohm capacitance 60 pf output specifications parameters conditions typical maximum units volta ge accuracy 1 % voltage balance balanced load 1 % short circuit protection continuous short circuit restart auto recovery line voltage regulation hl - ll 0.5 % load voltage regulation 25 - 100% load 0.5 % temperature coefficient 0.02 %/ o c ripple & noise at 20mhz bandwidth 60 mv p - p
series am6t -vz 6 watt | dc - dc conver ter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 13.c 3 of 4 north america only general specifications parameters conditions typical maximum units s w itching frequency 100 - 400 khz operating temperature full load (see d erating chart) - 40 to +85 o c storage temperature - 40 to +125 o c max case temp era ture 100 o c cooling free air convection humidity 95 % case material nickel coated copper weight 15 g dimensions (l x w x h) tolerance 0.5 mm or 0.02 inches 1. 25 x 0. 8 x 0. 4 inches 31.75 x 20.32 x 10.16 mm mtbf > 2,200, 000 hrs (mil - hdbk - 217f, ground benign, t=+25 o c) safety specifications parameters standards designed to meet iec 60950 - 1 note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. pin out specifications dimensions 31.75 (1.25) 20.32 (0.80) 2.54 (0.10) 5.08 (0.20) printed face built-in stand-offs to ease pcb cleaning 10.16 (0.40) 3.05 (0.12) 0.50 (0.02) 15.24 (0.60) 22.86 (0.90) bottom view 2 3 9 11 14 16 22 23 pin 1500 and 3500vdc single dual 2 - v input - v input 3 - v input - v input 9 n o pin common 11 n.c. - v output 14 +v output +v output 16 - v output common 22 +v input + v input 23 +v input +v in put
series am6t -vz 6 watt | dc - dc conver ter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 13.c 4 of 4 north america only derating 0 25 75 50 85 100 80 60 40 20 0 85 o c safe operating area free air convection ambient temperature o c 100 -40 output power % note: 1. datasheets are updated as needed and as such, specifications are subject to change wit hout notice. once printed or downloaded, datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an ambient temperature of 25c, humi dity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers a nd other limited information are considered proprietary and may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control s ystems or other such applica tions which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. warranty is in accordance with aimtecs standard terms of sale available at www.aimtec.com.


▲Up To Search▲   

 
Price & Availability of AM6T-4805S-VZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X