Part Number Hot Search : 
84N06 12864 AOZ1310 86E30 100CT MHW72 86E30 C2120
Product Description
Full Text Search
 

To Download AM5TW-4805S-RVZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am5 tw-r vz 5 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 13.b 1 of 3 north america only features: models single output models dual output model input voltage (v) output voltage (v) output current max (ma) capacitive load, max (f) efficiency (%) am5 tw - 2405d - rvz 9 - 36 5 500 470 7 7 am5tw - 2412d - rvz 9 - 36 12 208 100 82 am5tw - 2415d - rvz 9 - 36 15 1 66 68 82 am5tw - 4805d - rvz 18 - 72 5 500 470 72 am5tw - 4812d - rvz 18 - 72 12 208 100 75 am5tw - 4815d - rvz 18 - 72 15 1 66 68 75 i nput specifications parameters nominal typical maximum units voltage range 24 9 - 36 vdc 48 18 - 72 filter (pi) network start up time 20 ms peak input voltage time 15 ms absolute max rating 24 vin - 0.7 - 40 vdc isolation specifications parameters conditions typical rated units tested i/o voltage 3 sec 1500 vdc resistance > 1000 mohm capacitan ce 60 pf output specifications parameters conditions typical maximum units voltage balance balanced load 1 % voltage accuracy 1 % short circuit protection continuous short circuit restart auto recovery line voltage regulation 0.5 % load voltage regulation 0.5 % temperature coefficient 0.02 %/ o c ripple & noise at 20mhz bandwidth 60 mv p - p ? wide input range (4:1) ? operating temperature - 40 o c to + 85 o c ? 2 4 pin d ip package ? input / output isolation 1 5 00 vdc ? metal package ? pin comp a t i ble with multiple manufacturers ? high efficiency up to 8 2 % ? continuous short circuit protection model input voltage (v) output voltage (v) output current max (ma) capacitive load, max ( f) efficiency (%) am5 tw - 2403s - rvz 9 - 36 3.3 1200 2200 70 am5 tw - 2405s - rvz 9 - 36 5 1000 1000 7 3 am5tw - 2412s - rvz 9 - 36 12 416 470 74 am5tw - 2415s - rvz 9 - 36 15 333 330 74 am5tw - 4803s - rvz 18-72 3.3 1200 2200 68 am5tw - 4805s - rvz 18 - 72 5 1000 1000 73 am5tw - 4812s - rvz 18 - 72 12 416 470 74 am5tw - 4815s - rvz 18 - 72 15 333 330 76
series am5 tw-r vz 5 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 13.b 2 of 3 north america only general specifications parameters conditions typical maximum units s w itching frequency 100% load 100 - 400 khz operating temperature full l oad (see d erating chart) - 40 to +85 o c storage temperature - 40 to +125 o c max case temp era ture 100 o c cooling free air convection humidity 95 % case material nickel coated copper weight 15 g dimensions (l x w x h) tolerance 0.5 mm or 0.02 i nches 1. 25 x 0. 8 x 0. 4 inches 31.75 x 20.32 x 10.16 mm mtbf > 2,200,000 hrs (mil - hdbk - 217f, ground benign, t=+25 o c) safety specifications parameters standards designed to meet iec 60950 - 1 note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. pin out specifications pin 1500 vdc single dual 2 - v input - v input 3 - v input - v input 9 no pin common 11 n.c. - v output 14 +v output +v output 16 - v output common 22 +v input +v input 23 +v input +v input
series am5 tw-r vz 5 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 13.b 3 of 3 north america only dimensions 31.75 (1.25) 20.32 (0.80) 2.54 (0.10) 5.08 (0.20) printed face built-in stand-offs to ease pcb cleaning 10.16 (0.40) 3.05 (0.12) 0.50 (0.02) 15.24 (0.60) 22.86 (0.90) bottom view 2 3 9 11 14 16 22 23 derating 0 25 75 50 85 100 80 60 40 20 0 85 o c safe operating area free air convection ambient temperature o c 100 -40 output power % note: 1. datasheets are updated as needed and as such, specifications are subject to change without notice. once printed or downloaded, datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency certifi cations on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal component s and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary and may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used i n hazardous environments, nuclear control systems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. warranty is in accordance with aimtecs standard terms of sale available at www.aimtec.com.


▲Up To Search▲   

 
Price & Availability of AM5TW-4805S-RVZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X