Part Number Hot Search : 
MES12 2N6967 USTOM AON6204 4810B PVR1301 D5160AJ 64001
Product Description
Full Text Search
 

To Download AM5T-4805S-VZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am5t -vz 5 watt | dc - dc conver ter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 12.e 1 of 4 north america only features: models single output models dual output model input voltage (v) output voltage (v) output current max ( m a) capacitive load, max (f) efficiency (%) am5t - 1205d - vz 9 - 18 5 500 1000 7 2 am5t - 1209d - vz 9 - 18 9 2 77 220 76 am5t - 1212d - vz 9 - 18 12 208 220 77 am5t - 1215d - vz 9 - 18 15 1 66 220 77 am5t - 1224d - vz 9 - 18 24 104 100 80 am5t - 2405d - vz 18-36 5 500 1000 74 am5t - 2409 d- vz 18 - 36 9 2 77 220 76 am5t - 2412d - vz 18 - 36 12 208 220 78 am5t - 2415d - vz 18 - 36 15 1 66 220 78 am5t - 2424d - vz 18 - 36 24 104 100 75 am5t - 4805d - vz 36 - 72 5 500 1000 76 ? wide 2:1 input range ? operating temperature - 40 o c to + 85 o c ? 2 4 pin d ip package ? input / output isolation 1 5 00 & 3500 v dc ? metal package ? pin comp a t i ble with multiple manufacturers ? high efficiency up to 8 0 % ? continuous short circuit protection model input voltage (v) output voltage (v) output current max ( m a) capacitive load, max ( f) efficiency (%) am5t - 1205s - vz 9 - 18 5 1000 2200 74 am5t - 1209s - vz 9 - 18 9 555 470 77 am5t - 1212s - vz 9 - 18 12 416 470 78 am5t - 1215s - vz 9 - 18 15 333 470 78 am5t - 1224s - vz 9 - 18 24 208 220 75 am5t - 2405s - vz 18 - 36 5 1000 2200 75 am5t - 2409s - vz 18 - 36 9 555 470 76 am5t - 2412s - vz 18 - 36 12 416 470 77 am5t - 2415s - vz 18 - 36 15 333 470 78 am5t - 2424s - vz 18 - 36 24 208 220 76 am5t - 4805s - vz 36 - 72 5 1000 2200 7 7 am5t - 4809s - vz 36 - 72 9 555 470 78 am5t - 4812s - vz 36 - 72 12 416 470 80 am5t - 4815s - vz 36 - 72 15 333 470 80 am5t - 48 24s - vz 36 - 72 24 208 220 77 am5t - 1205sh35 - vz 9 - 18 5 1000 2200 74 am5t - 1209sh35 - vz 9 - 18 9 555 470 77 am5t - 1212sh35 - vz 9 - 18 12 416 470 78 am5t - 1215sh35 - vz 9 - 18 15 333 470 78 am5t - 1224sh35 - vz 9 - 18 24 208 220 75 am5t - 2405sh35 - vz 18 - 36 5 1000 2200 7 5 am5t - 2409sh35 - vz 18 - 36 9 555 470 76 am5t - 2412sh35 - vz 18 - 36 12 416 470 77 am5t - 2415sh35 - vz 18 - 36 15 333 470 78 am5t - 2424sh35 - vz 18 - 36 24 208 220 76 am5t - 4805sh35 - vz 36 - 72 5 1000 2200 7 7 am5t - 4809sh35 - vz 36 - 72 9 555 470 78 am5t - 4812sh35 - vz 36 - 72 12 416 470 80 am5t - 4815sh35 - vz 36 - 72 15 333 470 80 am5t - 4824sh35 - vz 36-72 24 208 220 77
series am5t -vz 5 watt | dc - dc conver ter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 12.e 2 of 4 north america only models dual output (continued) model input voltage (v) output voltage (v) output current max (ma) capacitive load, max (f) efficiency (%) am5t - 4809d - vz 36 - 72 9 2 77 220 78 am5t - 4812d - vz 36 - 72 12 208 220 78 am5t - 4815d - vz 36 - 72 15 1 66 220 80 am5t - 4824d - vz 36 - 72 24 104 100 77 am5t - 1205dh35 - vz 9 - 18 5 500 1000 72 am5t - 1209dh35 - vz 9 - 18 9 2 77 22 0 76 am5t - 1212dh35 - vz 9 - 18 12 208 220 77 am5t - 1215dh35 - vz 9 - 18 15 1 66 220 77 am5t - 1224dh35 - vz 9 - 18 24 104 100 80 am5t - 2405dh35 - vz 18 - 36 5 500 1000 74 am5t - 2409dh35 - vz 18 - 36 9 2 77 220 76 am5t - 2412dh35 - vz 18 - 36 12 208 220 78 am5t - 241 5dh35 - vz 18 - 36 15 1 66 220 78 am5t - 2424dh35 - vz 18-36 24 104 100 75 am5t - 4805dh35 - vz 36 - 72 5 500 1000 76 am5t - 4809dh35 - vz 36 - 72 9 2 77 220 78 am5t - 4812dh35 - vz 36 - 72 12 208 220 78 am5t - 4815dh35 - vz 36 - 72 15 1 66 220 80 am5t - 4824dh35 - vz 36 - 72 24 104 100 77 i nput specifications parameters nominal typical maximum units voltage range 12 9 - 18 vdc 24 18 - 36 48 36 - 72 filter (pi) network start up time 20 ms absolute maximum rating 12 vin - 0.7 - 24 vdc 24 vin - 0.7 - 40 48 v in - 0.7 - 80 peak input voltage time 15 ms isolation specifications parameters conditions typical rated units tested i/o voltage 3 sec 1500 (3500 h35 model) vdc resistance > 1000 mohm capacitance 60 pf output specifications parameters co nditions typical maximum units voltage accuracy 1 % voltage balance balanced load 1 % short circuit protection continuous short circuit restart auto recovery line voltage regulation hl - ll 0.5 % load voltage regulation 25 - 100% load 0.5 % temperature coefficient 0.02 %/ o c ripple & noise at 20mhz bandwidth 60 mv p - p
series am5t -vz 5 watt | dc - dc conver ter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 12.e 3 of 4 north america only general specifications parameters conditions typical maximum units s w itching frequency 100 - 400 khz operating temperature full load (see d erating chart) - 40 to + 85 o c storage temperature - 40 to +125 o c max case temp era ture 100 o c cooling free air convection humidity 95 % case material nickel coated copper weight 15 g dimensions (l x w x h) tolerance 0.5 mm or 0.02 inches 1. 25 x 0. 8 x 0. 4 inches 31. 75 x 20.32 x 10.16 mm mtbf > 2,200,000 hrs (mil - hdbk - 217f, ground benign, t=+25 o c) safety specifications parameters agency approvals ce standards designed to meet iec 60950 - 1 note: all specifications in this datasheet are measured at an ambient temp erature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. pin out specifications dimensions 31.75 (1.25) 20.32 (0.80) 2.54 (0.10) 5.08 (0.20) printed face built-in stand-offs to ease pcb cleaning 10.16 (0.40) 3.05 (0.12) 0.50 (0.02) 15.24 (0.60) 22.86 (0.90) bottom view 2 3 9 11 14 16 22 23 pin 1500 vdc single dual 2 - v input - v input 3 - v input - v input 9 n o pin common 11 n.c. - v output 14 +v output +v output 16 - v output common 22 +v input + v input 23 +v input +v in put
series am5t -vz 5 watt | dc - dc conver ter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 12.e 4 of 4 north america only derating 0 25 75 50 85 100 80 60 40 20 0 85 o c safe operating area free air convection ambient temperature o c 100 -40 output power % note: 1. datasheets are updated as needed and a s such, specifications are subject to change without notice. once printed or downloaded, datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an ambient temperature of 25c, humi dity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers a nd other limited information are considered proprietary and may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control s ystems or other such applica tions which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. warranty is in accordance with aimtecs standard terms of sale available at www.aimtec.com.


▲Up To Search▲   

 
Price & Availability of AM5T-4805S-VZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X