Part Number Hot Search : 
SC320 W30NF20 H32S72 7BSVZ 012GN01 T2955 MMBT2907 A7303
Product Description
Full Text Search
 

To Download AM5E-4805S-FZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am 5e -fz 5 watt | dc - dc converter www.ai mtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12 1 of 3 north america only features: ? over load, over voltage protection ? operating temperature - 55 o c to + 8 5 o c ? wide 2:1 input range ? input / output isolation 1500 vdc ? high efficiency up to 87% ? continuous short circuit protection ? pin compatible with multiple manufacturers models single output model input voltage (v) output voltage (v) minimum load current (ma) output current max (a) capacitance load, max ( f) efficiency (%) am5 e - 1203 s - fz 9 - 18 3.3 20 1.5 4700 78 am5 e - 1205 s - fz 9 - 18 5 0 1.0 2200 80 am5 e - 1212 s - fz 9 - 18 12 0 0.416 330 85 am5 e - 1215 s - fz 9 - 18 15 0 0.333 220 85 am5 e - 2403 s - fz 18 - 36 3.3 20 1.5 4700 79 am5 e - 2405 s - fz 18 - 36 5 0 1.0 2200 82 am5 e - 241 2 s - fz 18 - 36 12 0 0.416 330 86 am5 e - 2415 s - fz 18 - 36 15 0 0.333 220 87 am5 e - 4803 s - fz 36 - 72 3.3 20 1.5 4700 77 am5 e - 4805 s - fz 36 - 72 5 0 1.0 2200 82 am5 e - 4812 s - fz 36 - 72 12 0 0.416 330 85 am5 e - 4815 s - fz 36 - 72 15 0 0.333 220 86 models dual output model inp ut voltage (v) output voltage (v) minimum load current (ma) output current max (a) capacitance load, max (f) efficiency (%) am5 e - 1205 d - fz 9 - 18 5 57 0.5 1100 82 am5 e - 1212 d - fz 9 - 18 12 0 0. 208 100 84 am5 e - 1215 d - fz 9 - 18 15 0 0. 167 69 85 am5 e - 2405 d - fz 18 - 36 5 57 0.5 990 83 am5 e - 2412 d - fz 18 - 36 12 0 0. 208 122 86 am5 e - 2415 d - fz 18 - 36 15 0 0. 167 147 87 am5 e - 4805 d - fz 36 - 72 5 57 0.5 1000 82 am5 e - 4812 d - fz 36 - 72 12 0 0. 208 220 86 am5 e - 4815 d - fz 36 - 72 15 0 0. 167 13 86 note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nom inal input voltage and at rated output load unless otherwise specified.
series am 5e -fz 5 watt | dc - dc converter www.ai mtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12 2 of 3 north america only i nput specifications parameters nominal typical maximum units voltage range 12 9 - 18 vdc 24 18 - 36 48 36 - 72 filter (pi ) start up time 400 ms absolute maximum rating 12 vin - 0.7 - 2 5 vdc 24 vin - 0. 7 - 50 48 vin - 0.7 - 100 peak input voltage time 100 ms no load input current <3 ma input reflected current 250 map - p transient recovery deviation 5 % o f vout transient response time 50% load step change 300 s isolation specifications parameters conditions typical rated units tested i/o voltage 3 sec 1500 vdc resistance > 1000 mohm capacitance 24 vin 5 80 pf output specifications parameter s conditions typical maximum units voltage accuracy 1 % short circuit protection continuous short circuit restart auto recovery over load protection 1 5 0 % over voltage protection zener diode clamp line voltage regulation l l - h l 0.5 % load vo ltage regulation (single) 25 - 100% 0.5 % load voltage regulation (dual) 10 - 100% balanced 0.5 % 25 - 100% unbalanced 5 temperature coefficient 0.02 % o c ripple & noise 20mhz bandwidth 75 mvp - p general specifications parameters conditions t ypical maximum units switching frequency 300 khz operating temperature - 55 to + 8 5 o c storage temperature - 55 to +125 o c max imum c ase temp era ture 100 o c cooling free air convection humidity 95 % case material nickel coated copper weight 30 g dimensions (l x w x h) tolerance 0.5mm 2.00 x 1.00 x 0.40 inches 50.80 x 25.40 x 10. 20 mm mtbf >1,960,0 00 hrs (mil - hdbk - 217f, ground benign, t=+25 o c) maximum soldering temperature 1.5mm from case max 10 sec 260 o c
series am 5e -fz 5 watt | dc - dc converter www.ai mtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12 3 of 3 north america only pin out specificat ions dimensions 5 .0 8 (0.2 0 ) min notes : all dimensions are typical in millimeters ( inches ). tolerance 0 . 25 ( 0 . 01 ) 1 2 3 4 5 bottom view dia 1 . 00 ( 0 . 04 ) 20 . 32 (0.80 ) 15 .24 (0 .60 ) 15 . 24 (0.60 ) 1 0 .1 6 (0.40) 1 0 .1 6 ( 0 .4 0 ) 5 .0 8 (0.2 0 ) 1 0 .1 6 ( 0 .4 0 ) 1 0 .1 6 (0.40) 2 .5 4 ( 0 .1 0 ) 2 .5 4 (0.10) 50 .80 (2 .00 ) 2 5 .4 0 (1.00) 1 0 .2 0 (0.4 0) built - in stand -offs to ease pcb cleaning note: 1. datasheets are updated as needed and as such, spec ifications are subject to change without notice. once printed or downloaded, datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency certificatio ns on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited inform ation are considered proprietary and may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control s ystems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. warranty is in accordance with aimtecs standard terms of sale available at www.aimtec.com. pin single dual 1 + v input + v input 2 - v input - v input 3 + v out put + v out put 4 no pin . common . 5 - v output - v output


▲Up To Search▲   

 
Price & Availability of AM5E-4805S-FZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X