Part Number Hot Search : 
HCT373 TC74VH DTC123 100262 T4KJ20C 144N06N NAS1193 NC7SZ386
Product Description
Full Text Search
 

To Download AM4TW-4805S-VZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am4t w -vz 4 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 13.b 1 of 3 north america only features: models single output models dual output model input voltage (v) output voltage (v) output current max (ma) capacitive load, max (f) efficiency (%) am4t w - 2405d - vz 9 - 36 5 400 470 7 0 am4tw - 2412d - vz 9 - 36 12 166 100 72 am4tw - 2415d - vz 9 - 36 15 133 68 75 am4tw - 4805d - vz 18 - 72 5 400 470 72 am4tw - 4812d - vz 18 - 72 12 1 66 100 73 am4tw - 4815d - vz 18 - 72 15 1 33 68 74 am4 tw - 2405dh35 - vz 9 - 36 5 400 470 70 am4tw - 2412dh35 - vz 9 - 36 12 166 100 72 am4tw - 2415dh35 - vz 9 - 36 15 133 68 75 am4tw - 4805dh35 - vz 18 - 72 5 400 470 72 am4tw - 4812dh35 - vz 18 - 72 12 1 66 100 73 am4tw - 4815dh35 - vz 18 - 72 15 1 33 68 74 i nput specifi cations parameters nominal typical maximum units voltage range 24 9 - 36 vdc 48 18 - 72 filter (pi) network start up time 20 ms peak input voltage time 15 ms absolute max rating 24 vin - 0.7 - 40 vdc 48 vin - 0.7 - 80 ? wide input range (4:1) ? operating temperature - 40 o c to + 85 o c ? 2 4 pin d ip package ? input / output isolation 1 5 00 or 3500 v dc ? m etal package ? pin comp a t i ble with multiple manufacturers ? high efficiency up to 7 5 % ? continuous short circuit protection model input voltage (v) output voltage (v) output current max (ma) capacitive load, max ( f) efficiency (%) am4t w - 2403s - vz 9 - 36 3.3 1000 1000 6 6 am4t w - 2405s - vz 9 -36 5 800 1000 7 1 am4tw - 2412s - vz 9 - 36 12 333 330 74 am4tw - 2415s - vz 9 - 36 15 266 220 74 am4tw - 4803s - vz 18 - 72 3.3 1000 1000 66 am4tw - 4805s - vz 18 - 72 5 800 1000 72 am4tw - 4812s - vz 18 - 72 12 333 330 73 am4tw - 4815s - vz 18 - 72 15 266 220 74 am4tw - 2403sh35 - vz 9 - 36 3.3 1000 1000 66 am4tw - 2405sh35 - vz 9 - 36 5 800 1000 71 am4tw - 2412sh35 - vz 9 - 36 12 333 330 74 am4tw - 2415sh35 - vz 9 - 36 15 266 220 74 am4tw - 4803sh35 - vz 18 - 72 3.3 1000 1000 66 am4tw - 4805sh35 - vz 18 - 72 5 800 1000 72 am4tw - 4812sh35 - vz 18 - 72 12 333 330 73 am4tw - 4815sh35 - vz 18 - 72 15 266 220 74
series am4t w -vz 4 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 13.b 2 of 3 north america only isolation specifications parameters conditions typical rated units tested i/o voltage 3 sec 1 500 (3500 h35 model) vdc resistance > 1000 mohm capacitance 60 pf output specifications parameters conditions typical maximum units voltage balance balanced load 1 % voltage accuracy 1 % short circuit protection continuous short circuit restart auto recovery l ine voltage regulation 0.5 % load voltage regulation 0.5 % temperature coefficient 0.02 %/ o c ripple & noise at 20mhz bandwidth 60 mv p - p general specifications parameters conditions typical maximum units s w itching frequency 100% load 100 - 400 khz operating temperature full load (see d erating chart) - 40 to +85 o c storage temperature - 40 to +125 o c max case temp era ture 100 o c cooling free air convection humidity 95 % case material nickel coated copper weight 15 g dimensions (l x w x h) tolerance 0.5 mm or 0.02 inches 1. 25 x 0. 8 x 0. 4 inches 31.75 x 20.32 x 10.16 mm mtbf > 2,200,000 hrs (mil - hdbk - 217f, ground benign, t=+25 o c) safety specifications parameters standards designed to meet iec 60950 - 1 note: all specific ations in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. pin out specifications pin 1500vdc 3500vdc single dual single dual 1 +v input +v input no pin no pin 2 n.c. - v output - v input - v input 3 n.c. common - v input - v input 9 no pin no pin no pin common 10 - v output common no pin no pin 11 +v output +v output n.c. - v output 12/13 - v input - v input no pin no pin 14 +v output +v output +v ou tput +v output 15 - v output common no pin no pin 16 no pin no pin - v output common 22 n.c. common +v input +v input 23 n.c. - v output +v input +v input 24 +v input +v input no pin no pin
series am4t w -vz 4 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r 13.b 3 of 3 north america only dimension 27.94 (1.10) 20.32 (0.80) 2.54 (0.10) printed face built-in stand-offs to ease pcb cleaning 10.16 (0.40) 3.05 (0.12) 0.50 (0.02) 15.24 (0.60) 31.75 (1.25) bottom view 2 3 9 11 14 16 22 23 all dimensions are typical: millimeters ( pin diameter: 0.50 0.05 (0.02 0.002 pin pitch tolerance: 0.35 ( 0.014) case tolerence: 0.5 ( 0.02) 1 24 10 12 15 13 0.25 (0.01) derati ng 0 25 75 50 85 100 80 60 40 20 0 85 o c safe operating area free air convection ambient temperature o c 100 -40 output power % note: 1. datasheets are updated as needed and as such, specifications are subject to change without notice. once printed or downloaded, datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary and may not be available for rele ase. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control s ystems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. warranty is in accordance with aimtecs standard terms of sale available at www.aimtec.com.


▲Up To Search▲   

 
Price & Availability of AM4TW-4805S-VZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X