Part Number Hot Search : 
DT70V 2SK3279 51011 TB504 VP2019H MAX3890 SA2002 LF114D
Product Description
Full Text Search
 

To Download AM3TW-4805S-RZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am3tw-rz 3 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.c 1 of 3 north america only features: ? rohs compliant ? ? 24 pin dip package ? ? high efficiency up to 82% ? ? wide 4:1 input range ? models single output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) max capacitive load (uf) efficiency (%) am3tw-2403s-rz 9-36 3.3 900 1500 680 75 am3tw-2405s-rz 9-36 5 600 1500 470 78 am3tw-2407s-rz 9-36 7.2 417 1500 100 78 am3tw-2409s-rz 9-36 9 334 1500 100 79 am3tw-2412s-rz 9-36 12 250 1500 68 81 am3tw-2415s-rz 9-36 15 200 1500 47 81 am3tw-2418s-rz 9-36 18 167 1500 47 81 am3tw-2424s-rz 9-36 24 125 1500 22 81 am3tw-4803s-rz 18-72 3.3 900 1500 680 76 AM3TW-4805S-RZ 18-72 5 600 1500 470 80 am3tw-4807s-rz 18-72 7.2 417 1500 100 78 am3tw-4809s-rz 18-72 9 334 1500 100 82 am3tw-4812s-rz 18-72 12 250 1500 68 80 am3tw-4815s-rz 18-72 15 200 1500 47 80 am3tw-4818s-rz 18-72 18 167 1500 47 80 am3tw-4824s-rz 18-72 24 125 1500 22 81 models dual output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) max capacitive load (uf) efficiency (%) am3tw-2403d-rz 9-36 3.3 450 1500 330 76 am3tw-2405d-rz 9-36 5 300 1500 220 79 am3tw-2407d-rz 9-36 7.2 208 1500 47 78 am3tw-2409d-rz 9-36 9 167 1500 47 79 am3tw-2412d-rz 9-36 12 125 1500 33 80 am3tw-2415d-rz 9-36 15 100 1500 22 80 am3tw-2418d-rz 9-36 18 84 1500 22 81 am3tw-2424d-rz 9-36 24 63 1500 10 80 am3tw-4803d-rz 18-72 3.3 400 1500 330 76 am3tw-4805d-rz 18-72 5 300 1500 220 81 am3tw-4807d-rz 18-72 7.2 208 1500 47 78 am3tw-4809d-rz 18-72 9 167 1500 47 82 am3tw-4812d-rz 18-72 12 125 1500 33 81 am3tw-4815d-rz 18-72 15 100 1500 22 82 am3tw-4818d-rz 18-72 18 84 1500 22 81 am3tw-4824d-rz 18-72 24 63 1500 10 81 input specifications parameters nominal typical maximum units voltage range 24 48 9-36 18-72 vdc filter ? ? 350 ms start up time 500 ms
series am3tw-rz 3 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.c 2 of 3 north america only input specifications (continued) parameters nominal typical maximum units absolute ma ximum rating 24 vin 48 vin -0.7-40 -0.7-80 vdc peak input voltage time 100 ms tested i/o voltage 3 sec 1500 vdc resistance > 1000 mohm capacitance 500 pf output specifications parameters conditions typical maximum units voltage accuracy 1 % voltage balance (dual output model) balanced load 1 % short circuit protection continuous short circuit restart auto recovery line voltage regulation (single) ll-hl 0.5 % line voltage regulation (dual) ll-hl 0.5 % load voltage regulation (single) load: 10?100% 0.5 % load voltage regulation (single) 3.3v output model load: 10?100% 1.5 % load voltage regulation (dual) load: 10?100% 0.5 % load voltage regulation (dual) 3.3v output model load: 10?100% 1.5 % temperature coefficient 0.02 %/ o c ripple & noise at 20mhz bandwidth 60 mv p-p rising time 10 ms general specifications parameters conditions typical maximum units switching frequency 100% load 260 khz operating temperature full load without derating -40 to +85 o c storage temperature -40 to +125 o c max case temperature 100 o c cooling free air convection humidity 90 % case material nickel coated copper weight 21 g dimensions (l x w x h) tolerance 0.5 mm or 0.02 inches 1.25 x 0.80 x 0.40 inches 31.8 x 20.30 x 10.20 mm mtbf >1 050 000 hrs (mil-hdbk -217f, ground benign, t=+25 o c) note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. safety specifications parameters agency approval ce safety standards en55022 class a, en55024 iec61000-4-2, perf. criteria b iec61000-4-3, perf. criteria a iec61000-4-4, perf. criteria b iec61000-4-5, perf. criteria b iec61000-4-6, perf. criteria a iec61000-4-8, perf. criteria a note: also designed to meet iec 60950-1:2001
series am3tw-rz 3 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12.c 3 of 3 north america only pin out specifications dimensions note: 1. datasheets are updated as needed and as such, specifications ar e subject to change without notic e. once printed or downloaded , datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety a gency certifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conduct ed destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are consi dered proprietary and may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear contr ol systems or other such applications which necessitate specific safety and regulatory st andards other the ones listed in this datasheet. 7. warranty is in accordance with aimtec ?s standard terms of sale available at www.aimtec.com. pin 1500vdc single dual 2 -v input -v input 3 -v input -v input 9 no pin common 11 n.c. -v output 14 +v output +v output 16 -v output common 22 +v input +v input 23 +v input +v input 22.90 (0.90) 20.30 (0.80) 2.54 (0.10) 5.08 (0.20) printed face built-in stand-offs to ease pcb cleaning 10.20 (0.40) 3.05 (0.12) 0.50 (0.02) 15.24 (0.60) 31.80 (1.25) bottom view 23 9 11 14 16 22 23


▲Up To Search▲   

 
Price & Availability of AM3TW-4805S-RZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X