Part Number Hot Search : 
RA523 101MM TDA74 M368L 2SK2651 ML7805 KBU8B 30402
Product Description
Full Text Search
 

To Download AM3LV-4805S-NZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am3lv -nz 3 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r8 .a 1 of 4 north america only features: ? smd package ? operating temperature: - 40c to +85c ? wide (2:1) input range ? regulated single/dual o utput ? 1500vdc i solation ? mtbf>1,000,000 hours ? continuous short circuit protection ? rohs c ompliant models single output model input voltage (v ) output voltage (v) output current max ( ma) isolation (vdc) efficiency (%) am 3l v - 1205 s - nz 9 - 18 5 6 00 1500 74 am 3l v - 1212 s - nz 9 - 18 12 250 1500 78 am 3l v - 1215 s - nz 9 - 18 15 200 1500 80 am 3l v - 2405 s - nz 18 - 36 5 6 00 1500 76 am 3l v - 2412 s - nz 18 - 36 12 250 1500 8 0 am 3l v - 2415 s - nz 18 - 36 15 200 1500 80 am3lv - 4805s - nz 36 - 72 5 600 1500 76 am3lv - 4812s - nz 36 - 72 12 250 1500 80 am3lv - 4815s - nz 36 - 72 15 200 1500 80 models dual output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) e fficiency (%) am 3l v - 1205d - nz 9 - 18 5 3 00 1500 7 6 am 3l v - 1212d - nz 9 - 18 12 125 1500 80 am 3l v - 1215d - nz 9 - 18 15 100 1500 80 am 3l v - 2405d - nz 18 - 36 5 3 00 1500 7 6 am 3l v - 2412d - nz 18 - 36 12 125 1500 80 am 3l v - 2415d - nz 18 - 36 15 100 1500 80 am3lv - 4805d - nz 36 - 72 5 3 00 1500 76 am3lv - 4812d - nz 36 - 72 12 125 1500 80 am3lv - 4815d - nz 36 - 72 15 100 1500 80 note: u nless otherwise specified , a ll specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input v oltage and at rated o utput load. input specifications parameters nominal typical maximum units voltage range 12 24 48 9 - 18 18-36 36 - 72 vdc absolute maximum rating 12 24 48 22 40 80 vdc peak input voltage time 100 ms isolation specifications parameters conditions typi cal rated units tested i/o voltage 60 sec 1500 vdc resistance at 500 vdc 1000 mohm capacitance input to output 1000 pf
series am3lv -nz 3 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r8 .a 2 of 4 north america only output specifications parameters conditions typical maximum units voltage accuracy 5 % short circuit protection continuo us short circuit restart auto - recovery line voltage regulation (single) from low in to high in 0.5 % load voltage regulation (single) from 10% to 100% load 1 % load voltage regulation (dual) from 10% to 100% load unbalanced load 5 % temperature coefficient 0.03 %/ o c ripple & noise * 20mhz bandwidth 100 mv p - p minimum load current** 10 % of max * c onverters are designed to operate with a minimum load of 10%. if converter is operated with a load less than 10% the ripple w ill increase. ** operation under 10% load will not damage the converter; however, not all specifications will be met. general specifications parameters conditions typical maximum units switching frequency 100 % load 300 khz operating temperature - 40 to +85 o c storag e temperature - 55 to +125 o c maximum case temperature 100 o c derating above 71o 2.9 % / o c cooling free air convection humidity 95 % rh case material epoxy resin (ul94 - v0 rated ) weight 5 . 2 g dimensions (l x w x h) 0.94 x 0.5 4 x 0.3 4 inches 2 3.86 x 13.70 x 8. 5 0 mm mtbf >1,000,000 hours (mil - hdbk - 217f, ground benign, t=+25oc) maximum soldering temperature 1.5mm from case for 10 seconds 245 o c . pin out specifications pin single dual 1 - vin - vin 7 nc nc 8 nc common 9 +vout +vout 1 0 - vout - vout 16 + vin + vin nc ? not connected
series am3lv -nz 3 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r8 .a 3 of 4 north america only dimensions recommended filter circuit all the am 3 lv - z series have been tested with the above recommended test circuit. this series should be tested under load. if it is necessary t o further decrease the input/output ripple, the value of the filter capacitor can be increased; a capacitor with a low esr should be used. excessive filter capacitance can cause start up problems with the converter. in general , the recommended capacitance values are : cin: 12v input 100f , 24v &48v input 10f~47f cout: 10f/100ma refer to table bel ow for maximum capacitor values: dc dc + vin - vin + cin + cout + cout + vout - vout common dual output dc dc + vin - vin + cin + cout + vout - vout single output
series am3lv -nz 3 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r8 .a 4 of 4 north america only external capacitor value single output vout (vdc) cout (uf) dual output vout (vdc) cout (uf) 5 1000 5 680 12 470 12 330 15 330 15 220 derating free air convection - 40 - 20 0 20 40 60 80 100 100 80 60 40 20 0 safe operating area output power (%) 85 ambient temperature o c 71 c o note: 1. datasheets are updated as needed and as such, specifications are subject to change without notice. once printed or downloaded, datasheets are no longer co ntrolled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on a ll internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary and may not be available for release. 6. this product is not designed for use in critical life support syst ems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s standard terms of sale available at www.aimtec.com.


▲Up To Search▲   

 
Price & Availability of AM3LV-4805S-NZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X