Part Number Hot Search : 
2SC42 STM7710 AR7646 2SC42 MD100 78L09 C68HC05 2SC42
Product Description
Full Text Search
 

To Download AM15T-12051SZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am 15t -z 15 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12 .b 1 of 3 north america only features: ? wide input range 2:1 ? no minimum load required ? 1600 vdc isolation ? - 40oc to +85oc operating temperature range ? efficiency up to 91% ? short circuit & over voltage protection ? soft start ? dip 24 package ? remote on/off function ? low no load input current models single output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) maximum capacitive load (f) efficiency (%) am15 t - 1203sz 9 - 18 3.3 400 0 1600 4700 86 am15 t - 1205 1 sz 9 - 18 5 .1 30 00 1600 3300 89 am15 t - 1212s z 9 - 18 12 1 250 1600 600 89 am15 t - 1215sz 9 - 18 15 1000 1600 4 00 90 am15 t - 2403sz 18 - 36 3.3 400 0 1600 4700 87 am15 t - 2405 1 sz 18 - 36 5 .1 30 00 1600 3300 89 am15 t - 2412sz 18 - 36 12 1 250 1600 600 90 am15 t - 2415sz 18 - 36 15 1000 1600 4 00 91 am15 t - 4803sz 36 - 75 3.3 4 00 0 1600 4700 86 am15 t - 4805 1 sz 36 - 75 5 .1 30 00 1600 3300 88 am15 t - 4812sz 36 - 75 12 1 250 1600 600 89 am15 t - 4815sz 36 - 75 15 1000 1600 4 00 89 models dual output model input voltage (v) output voltage (v) output current max (ma) isolation (vdc) maximum c apacitive load (f) efficiency (%) am15t - 1205dz 9 - 18 5 1 500 1600 1500 86 am1 5 t - 1212dz 9 - 18 12 625 1600 288 90 am15 t - 1215dz 9 - 18 15 5 00 1600 200 90 am15t - 2405dz 18 - 36 5 1 500 1600 1500 86 am15 t - 2412dz 18 - 36 12 625 1600 288 90 am15 t - 2415d z 18 - 36 15 5 00 1600 200 90 am15t - 4805dz 36 - 75 5 1 500 1600 1500 86 am15 t - 4812dz 36 - 75 12 625 1600 288 89 am15 t - 4815dz 36 - 75 15 5 00 1600 200 90 note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidi ty<75%, nominal input voltage and at rated output load unless otherwise specified input specifications parameters nominal typical maximum units voltage range 12 9 - 18 vdc 24 18 - 36 48 36 - 48 filter (pi) network turn on transient process time 2 50 s transient response deviation 3 % start up time nominal vin and constant resistive load 20 ms absolute maximum rating 12 vin models - 0.7 - 36 vdc 24 vin models - 0.7 - 50 48 vin models - 0.7 - 100
series am 15t -z 15 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12 .b 2 of 3 north america only input specifications (continued) parameter s nominal typical maximum units peak input voltage time 1000 ms input reflected ripple current 20 ma p - p quiescent current 15 ma on/off control on C high (3.0 ... 12vdc) or open circuit; off C low (0 ... 1.2vdc) or short circuit pin1 and pin 2/ 3 off idle current: 5.0 ma typ isolation specifications parameters conditions typical rated units tested i/o voltage 3 sec 1600 vdc tested case/input and output 1600 vdc resistance > 1000 mohm capacitance 2000 pf output specifications para meters conditions typical maximum units voltage accuracy 1 % voltage balance dual output 5 % line voltage regulation hl - ll 0.5 % load voltage regulation (single) 0% load to full load 0.5 % load voltage regulation (dual) 0% load to full load 1.0 % over voltage protection zener diode clamp over current protection full load 150 % short circuit protection continuous short circuit restart auto recovery ripple & noise 60 m vp - p general specifications parameters conditions typical maximum units switching frequency 100% load 330 khz operating temperature full load with derating above 60oc - 40 to +85 o c storage temperature - 40 to +125 o c max case temperature 100 o c temperature coefficient 0.02 %/ o c derating above 60oc 2.5 % per 1oc cooling free air convection humidity 95 % rh case material nickel - coated copper potting material ul94v - 0 rated weight 20.0 g dimensions (l x w x h) tolerance 0.5 mm or 0.02 inches 1.25 x 0.8 0 x 0.40 inches 31. 80 x 20.3 0 x 10. 20 mm mtbf > 46 0 000 hrs (mil - hdbk - 217f, ground benign, t=+25 o c)
series am 15t -z 15 watt | dc - dc converter www.aimtec.com tel: + 1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r12 .b 3 of 3 north america only safety specifications parameters agency approval ce standards iec 60950 - 1:2005 (2 nd edition); en 60950 - 1: 2006 en55022 class a iec61000 - 4 - 2, perf. criteria a iec61000 - 4 - 3, pe rf. criteria a iec61000 - 4 - 4, perf. criteria b (requires 2 external cap 330 uf/100v or 1 cap 680 uf/100v for parallel connection ) iec61000 - 4 - 5, perf. criteria b (requires 2 external cap 330uf/100v or 1 cap 680 uf/100v for parallel connection) iec61000 - 4 - 6, perf. criteria a iec61000 - 4 - 8, perf. criteria a note: also meets iec 60950 - 1:2001 pin out specifications derating pin single dual 1 remote on/off remote on/off 2 - v input - v input 3 - v input - v input 9 no pin common 11 n.c . - v ou tput 14 +v output +v output 16 - v output common 22 +v input +v input 23 +v input +v input dimensions note: 1. datasheets are updated as needed and as such, specifications are subject to change without notice. once printed o r downloaded, datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency certifications on labels, may vary based on the date manufactured. 3. mecha nical drawings and specifications are for reference only. 4. all specifications are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted dest ructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary and may not be available for release. 6. this product is not desig ned for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. warranty is i n accordance with aimtecs standard terms of sale available at www.aimtec.com. - 40 - 20 0 20 40 60 80 100 100 80 60 40 20 0 safe operating area output power (%) 85 ambient temperature o c free air convection 30 60 o c 22.90 (0.90) 20.30 (0.80) 2.54 (0.10) 5.08 (0.20) printed face built-in stand-offs to ease pcb cleaning 10.20 (0.40) 3.05 (0.12) 0.50 (0.02) 15.24 (0.60) 31.80 (1.25) bottom view 2 3 9 11 14 16 22 23 all dimensions are typical: millimeters (inches) pin diameter: 0.50 0.05 (0.02 0.002) pin pitch tolerance: 0.35 (0.014) case tolerence: 0.5 (0.02) 1


▲Up To Search▲   

 
Price & Availability of AM15T-12051SZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X