assmann electronics, inc. this drawing is unpublished ?copyright 2010 by assmann electronic components all international rights reserved 1840 w. drake drive, suite 101 ? tempe, az 85283 toll free: 1-877-277-6266 ? email: info@usa-assmann.com rohs compliant item no. title = assmann logo a-mcu60005/b-r cat.6 utp patch cable - 8p8c 50, blue, 0.5 meter material: ? conductor: - bare copper 24awg 7/0.1960.015mm ? insulator: - thickness min. at any point: 0.15mm - thickness max. avg.: 0.25mm - diameter: 1.040.06mm ? jacket pvc: - thickness min. at any point: 0.46mm - thickness max. avg.: 0.58mm - diameter: 5.90.15mm insulation (hdpe) conductor jacketing 500mm.02mm 0.5m
|