|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
electrical characteristics: 1-1. voltage rating...................................115/250vac 1-2. current rating a. @ 115 vac..........................................3 a rms max b. @ 250 vac.........................................3 a rms max 1-3. operating frequency......................50/60hz 1-4. leakage current: each line to ground a. @ 115 vac 60hz............................0.25 ma max b. @ 250 vac 50hz.............................0.45 ma max 1-5. hipot rating (for one minute) a. line to ground...........................2250 vdc b. line to line.....................................1450 vdc 1-6. minimum insertion loss in db: (at 50 ohm system) 1-7. operating temperature.................-25 to +85 c 1-8. safety: 1-9. rohs compliant freq. mhz com. mode db dif. mode db .05 / / .01 / / .10 / / .15 15 6 .50 30 15 1.0 38 20 5.0 45 40 10 45 45 30 40 45 qualtek electronics corp. ppc division part number: 851-03/004 description: emi filter tolerance +/- (mm) dim range (mm) 0-1 1-6 6-18 18-50 50-120 120-250 250-500 0.15 0.20 0.30 0.50 0.70 0.90 1.20 drawn / date checked / date approved / date b.zhang 09-24-01 09-24-01 jjh / 09-24-01 unit: in rev. b controlled approved date description rev. revision b rohs compliancy 06-01-06 dp these drawings are the property of qualtek electronics and not to be reproduced for or communicated to a third party without the express written permission of an officer of qualtek electronics. schematic: physical dimensions: ? 0.188 2.13 0.02 1.77 max blue g/y brown blue brown 2.52 max 1.33 max 4.0 min 4.0 min 0.79 max l: 2.8mh c1: 0.1uf c2: 3300pf
|
Price & Availability of 851-03004 |