Part Number Hot Search : 
BPC25 CPZ37R L1021 LB11669M 161505J 2SC5820 16160 FQS4903
Product Description
Full Text Search
 

To Download 82550350 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  artikelnummer / part number : 82550350 datum / date : 31.07.06 bezeichnung : description : 0805 smd varistor lead free smd size: 0805 a mechanische abmessungen / dimensions : size (unit : mm) b elektrische eigenschaften / electrical properti es : technical data clamping peak breakdown voltage current voltage ac dc v (*2) a (*3) j (*4) v (*1) pf (*4) 82550350 35 45 90 80 0.3 56 ( 50.4~61.6 ) 195 *1thevaristorvoltagewasmeasuredat1macurrent,toleranceat12~18v(+15%) exceed22v(+10%) ortolerancetospecifyat: - *2theclampingvoltagetoleranceat12~18v(+15%) exceed22v(+10%). clampingvoltage measuredatstandardcurrent(a): 1.0 a *3thepeakcurrentwastestedat8/20uswaveform *4.thecapacitancevalueandenergyonlyforcustomerreference,itsnotformalspecification capacitancevalue measuredatstandardfrequency: 1 khz surge level iec61000-4-5 severity level (kv) 1 0,5 2 1 3 2 4 4 x special waveduring t1 t2 8/20s 10s 1000s 10/700sccitt 10s 700s 10/1000s 10s 1000s reference data response time t rise < 1 ns leakage current at vv 80% i v v < 50 ua leakage current at vv 80% (after reliability test) i v v a < 200 ua operating ambient temperature -40 +85 storage temperature -50 +125 max. temperature solder 260 other data body zno end termination ag/sn/ni packaging reel complies with standard iec61000-4-5 procedure solgel marking none kunde / customer : wrth elektronik eisos gmbh & co.kg - radialex department wrth elektronik eisos gmbh & co.kg - radialex department wrth elektronik eisos gmbh & co.kg - radialex department wrth elektronik eisos gmbh & co.kg - radialex department d-74638 waldenburg max-eyth-stra?e 1 - 3 german y telefon (+49) (0) 7942 - 945 - 0 telefax (+49 ) (0) 7942 - 945 - 400 rohs compliant working voltage part number capacitance 0805 http://www.we-online.com spezifikation fr freigabe / specification for rele ase energy size w l t a 0402 0.5 1.0 0.6 0.25 0603 0.8 1.6 0.9 0.3 0805 1.25 2.0 1.2 0.3 1206 1.6 3.2 1.5 0.5 1210 2.5 3.2 1.5 0.5 1812 3.2 4.5 2.0 0.5 2220 5.0 5.7 2.5 0.5 page/seite1to/von5
artikelnummer / part number : 82.550.350 bezeichnung : description : 0805 smd varistor smd size: 0805 c l?tpad / soldering spec. : recommended solder pad layout (unit : mm) 1 - the solder paste shall be printed in a thicknes s of 150 to 200 m. 2 - the sir test of the solder paste shall be done based on jis-z-3284 3 - ir reflow pb free process suggestin profile (ba sed on j-std-020-c): 4 - soldering recommend paste is sn 96.5/ag 3.5 - preheat 1.the temperature rising speed is suggested to be 2 ~3c/s. 2.appropriate preheat time will be from 60 to 120 s econds. 3.temp. maintain at 175 +/-25c 120 seconds. - heating 1.careful about sudden rise in temperature as it ma y worsen the solder ability. 2.set the peak temperature in 235c 10-20s or 260c 3-10s. - cooling 1.ramp down rate 6c/s max. perform adequate test in advance as the reflow temp erature profile will vary according to the conditions o f the manufacturing process, and the specification of the reflow fu rnace 4 - wave soldering process ramp-up rate 3c/s max. temp. maintain at 175 +/-25c 180 seconds max. peak temperature 260c 3-10s. ramp down rate 6c/s max. to thermal shock, a preheat is recommended in the s oldering process. and the peak temperature should be under c ontrolled rigidly in the solder process. 5 - hand soldering process preheating 150c temperature of soldering iron tip 380c max. 3 to 5 sec the varistorrs shall be cooled gradually at room am bient temperature 6 - ultrasonic cleaning for preventing failures or damages. frequency 29mhz max - radied power 20w/l max - period 5mn max rapid heating, partial heating or rapid cooling wil l easily cause defect of the component. so preheati ng and gradual cooling process is suggested. ir soldering has the highest yields due to controlled heating rates and solder liquidus tim es. make sure that the element is not subjected to a thermal gradient steeper than 3 degr ees per second. 2 degrees per second is the ideal g radient. during the soldering process, pre- heating to within 175 degrees of the solders p eak temperature is essential to minimize thermal sh ock. spezifikation fr freigabe / specification for rele ase wrth elektronik eisos gmbh & co.kg - radialex department wrth elektronik eisos gmbh & co.kg - radialex department wrth elektronik eisos gmbh & co.kg - radialex department wrth elektronik eisos gmbh & co.kg - radialex department d-74638 waldenburg max-eyth-stra?e 1 - 3 german y telefon (+49) (0) 7942 - 945 - 0 telefax (+49 ) (0) 7942 - 945 - 400 http://www.we-online.com kunde / customer : sise a b c d 0402 0.4~0.6 1.0~1.8 0.6~0.7 0.6~1.2 0603 0.8~1.2 1.7~3.0 1.2~1.6 0.9~1.8 0805 1.0~1.5 2.1~3.8 1.5~2.1 1.1~2.3 1206 1.8~2.5 3.0~5.8 1.8~2.6 1.2~3.3 1210 1.8~2.5 3.2~6.1 2.8~3.8 1.3~3.5 1812 2.5~3.5 4.0~7.3 3.3~4.5 1.5~3.8 2220 3.5~4.6 5.0~8.5 5.2~6.2 1.5~3.9 d b c a tim e (mn) te m perature (c) 25075 100 125 150 175 200 225 01:00:00 25 02:00:00 03:00:00 04:00:00 peak t emp. 260c (3 to 10sec) peak t emp. 175c (60 to 120sec) peak t emp. 245c (10 to 20sec) 275 tim e (mn) te m perature (c) 25075 100 125 150 175 200 225 01:00:00 25 02:00:00 03:00:00 04:00:00 peak t emp. 260c (3 to 10sec) preheat. 175c 150sec max. 275 page/seite2to/von5
artikelnummer / part number : 82.550.350 bezeichnung : description : 0805 smd varistor smd size: 0805 d rollenspezifikation / tape and reel specification : 1 - carrier tape and transparent cover tape should be heat-sealed to carry the products, and the reel should be used to reel the carrier tape. 2 - the adhesion of the heat-sealed cover tape shal l be 40 20/ 15grams. 3 - both the head and the end portion of the taping shall be empty for reel package and smt auto-picku p machine. and a normal paper tape shall be conected in the h ead of taping for the operator to handle. (unit : mm) tape specification (unit : mm) kunde / customer : spezifikation fr freigabe / specification for rele ase http://www.we-online.com wrth elektronik eisos gmbh & co.kg - radialex department wrth elektronik eisos gmbh & co.kg - radialex department wrth elektronik eisos gmbh & co.kg - radialex department wrth elektronik eisos gmbh & co.kg - radialex department d-74638 waldenburg max-eyth-stra?e 1 - 3 german y telefon (+49) (0) 7942 - 945 - 0 telefax (+49 ) (0) 7942 - 945 - 400 a0 p1 d1 b0 d0 p0 p2 e w f cover tape direction of unreeling t k0 t2 carrier tape symbol a 0 b 0 k 0 t 2 t d 0 d 1 p 1 p 2 p 0 w e f 0.10 0.10 0.10 0.05 0.05 +0.10 0.05 0.10 0.05 0.05 0.20 0.10 0.05 -0.00 0402 0.85 1.25 0.65 0.22 0.10 1.50 1.00 4.00 2.00 4.00 8 .00 1.75 3.50 0603 1.05 1.88 0.95 0.22 0.10 1.50 1.00 4.00 2.00 4.00 8 .00 1.75 3.50 0805 1.42 2.30 1.04 0.22 0.10 1.50 1.00 4.00 2.00 4.00 8 .00 1.75 3.50 1206 1.88 3.50 1.27 0.2 0.10 1.50 1.00 4.00 2.00 4.00 8. 00 1.75 3.50 1210 2.18 3.46 1.45 0.22 0.10 1.50 1.00 4.00 2.00 4.00 8 .00 1.75 3.50 1812 3.66 4.95 1.74 0.25 0.10 1.50 1.50 8.00 2.00 4.00 1 2.00 1.75 5.50 2220 5.10 5.97 2.80 0.25 0.10 1.50 1.50 8.00 2.00 4.00 1 2.00 1.75 5.50 page/seite3to/von5
artikelnummer / part number : 82.550.350 bezeichnung : description : 0805 smd varistor smd size: 0805 d rollenspezifikation / tape and reel specification : (unit : mm) reel dimension (unit : mm) * * 2.0 mm for 361 and 391 * 2.5 mm for 431 and 471 quantity per packing unit kunde / customer : spezifikation fr freigabe / specification for rele ase wrth elektronik eisos gmbh & co.kg - radialex department wrth elektronik eisos gmbh & co.kg - radialex department wrth elektronik eisos gmbh & co.kg - radialex department wrth elektronik eisos gmbh & co.kg - radialex department d-74638 waldenburg max-eyth-stra?e 1 - 3 german y telefon (+49) (0) 7942 - 945 - 0 telefax (+49 ) (0) 7942 - 945 - 400 http://www.we-online.com a b w d c e w1 symbol a b c d e w w 1 0402 178.01.0 60.00.5 13.00.2 21.00.2 2.00.5 9.00.50 1.50.1 5 0603 178.01.0 60.00.5 13.00.2 21.00.2 2.00.5 9.00.50 1.50.1 5 0805 178.01.0 60.00.5 13.00.2 21.00.2 2.00.5 9.00.50 1.50.1 5 1206 178.01.0 60.00.5 13.00.2 21.00.2 2.00.5 9.00.50 1.50.1 5 1210 178.01.0 60.00.5 13.00.2 21.00.2 2.00.5 9.00.50 1.50.1 5 1812 178.01.0 60.00.5 13.50.1 21.00.2 2.00.5 13.60.2 1.50.1 5 2220 178.01.0 60.00.5 13.50.1 21.00.2 2.00.5 13.60.2 1.50.1 5 type 402 603 805 1206 1210 1812 2220 pcs/reel 10 000 4 000 3 000 3 000 2 000 1 000 1 000 page/seite4to/von5
artikelnummer / part number : 82.550.350 bezeichnung : description : 0805 smd varistor smd size: 0805 basic test characteristics environmental reliability test high temperature storage step temperature period 1 -403 30min3 2 room temperature 1~2 hours 3 852 30min3 4 room temperature 1~2 hours freigabe erteilt / kunde / customer general release: datum / date unterschrift / signature jp. penlou high temperature load 06-07-31 wrth elektronik jp. penlou new p/n 06-06-02 jp. penlou operating temp. range 05-11-30 jp. penlou lead free soldering 05-11-04 geprft / checked 2006-06-02 kontrolliert / approved j p. penlou name ?nderung / modification datum/date kunde / customer : http://www.we-online.com e testbedingungen / test conditions : test method/description environmental condition under which every measuring is done without doubt on the measuring results. unless specially specified, temperature, relative h umidity are 5 to 35 , 45 to 85 rh. standard test condition maximum steady-state dc operating voltage the devic e can maintain and typical leakage current at 25 not exceed 50 a. max. clamping voltage the shift of tvs voltage after suffering the specif ied surge current. surge shift v/v characteristic varistor voltage typical leakage current at 25 50 a leakage current surge current device capacitance measured with zero voltage bias 0.5vrms and 1khz maximum peak voltage across the tvs measured at a s pecified pulse current a and waveform 8/20 s. the temperature cycle of specified temperature shal l be repeated five times and then stored at room temperature and humidity for one or two hours. the change of varistor voltage shall be within 10 and mechanical damage shall be examined. temperature cycle maximum energy which may be dissipated with a speci fied waveform 10/1000 s.without device failure. energy absorption spezifikation fr freigabe / specification for rele ase maximum peak current which may be applied with the specified waveform 8/20 s without device failure. max. working voltage with the specified measuring current of 1ma dc appl ied. typical capacitance d-74638 waldenburg max-eyth-stra?e 1 - 3 german y telefon (+49) (0) 7942 - 945 - 0 telefax (+49 ) (0) 7942 - 945 - 400 test method and description the specimen shall be subjected to 150 2 for 1000 12 hours in a thermostatic bath without load and then stored at room temperature and humidity for 1 to 2 hours. the change of varistor voltage shall be within 10 . low temperature storage after being continuously applied the maximum allowa ble voltage at 85 2 for 1000 2 hours, the specimen shall be stored at room temperature and hu midity for one or two hours, the change of varistor voltage shall be within 10 . the specimen should be subjected to 40 2 , 90 to 95 rh environment , and the maximum allowable voltage applied for 1000 hours, then stored at room temperature and humidity for one or two hours. the change of varistor voltage shall be within 10 the specimen should be subjected to 40 2 , without load for 1000 hours and then stored at ro om temperature for one or two hours. the change of var istor voltage shall be within 10 high temperature load damp heat load/humidity load wrth elektronik eisos gmbh & co.kg - radialex department wrth elektronik eisos gmbh & co.kg - radialex department wrth elektronik eisos gmbh & co.kg - radialex department wrth elektronik eisos gmbh & co.kg - radialex department page/seite5to/von5


▲Up To Search▲   

 
Price & Availability of 82550350

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X