Part Number Hot Search : 
A200006 AT28C MAX1858 DT8C10 TEA1066 1N6289 D1937 N74LS1
Product Description
Full Text Search
 

To Download 811-003-07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mighty mouse high density www.glenair.com e-mail: sales@glenair.com glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 12 dimensions in inches (millimeters) are subject to change without notice. ? 2011 glenair, inc. u.s. cage code 06324 printed in u.s.a. series 811 mighty mouse high density (hd) pre-wired jam nut receptacle connectors 811-003-07 and 811-004-07 jam nut pigtail receptacles how to order series 811 jam nut pigtail receptacles sample part number 811-003-07 mt 5-7 p a 6 k 7 -18 series shell material and finish shell size - insert arr. contact type key position wire size wire type wire color wire length (inches) 811-003-07 panel mount jam nut receptacle connector with band platform for shield attachment or overmolding 811-004-07 low profle panel mount jam nut receptacle connector with no band platform me electroless nickel mt nickel-ptfe zr black zinc- nickel 5-7 7 contacts 6-12 12 contacts 7-22 22 contacts 8-30 30 contacts 9-42 42 contacts p pin contacts s socket contacts a normal alternate key positions b c d e f 6 #26 8 #28 (color code 1 or 7 only) 0 #30 (wire type j, color code 1 or 7 only) k ptfe insulation, silver-coated, 200c, (m22759/11) j tefzel? insulation, high strength lightweight silver-coated, 200c, (m22759/33) 1 white 5 color code per mil- std-681 (striped)* 7 10 solid colors, repeating 12 18 36 72 specify any length from 2 inches to 144 inches series 811 mighty mouse high density rear panel mount jam nut receptacles feature damage-resistant double-start acme mating threads. these receptacles are factory- terminated to insulated wire and backpotted with epoxy. the twistpin contact system meets requirements of mil-dtl-83513 and provides outstanding resistance to high levels of shock and vibration. choose type k general purpose tefon? wire or type j lightweight space-grade tefzel? wire. 3a current rating, 600 vac dielectric withstanding voltage. *size 28 awg and size 30 awg j type wire not available in striped color code 5


▲Up To Search▲   

 
Price & Availability of 811-003-07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X