Part Number Hot Search : 
1A301 CX28342 TMXW357 PF0601 SM6S17 91C10 CJ3401 HE83006
Product Description
Full Text Search
 

To Download 811-003-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mighty mouse high density www.glenair.com e-mail: sales@glenair.com glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 9 dimensions in inches (millimeters) are subject to change without notice. ? 2011 glenair, inc. u.s. cage code 06324 printed in u.s.a. series 811 mighty mouse high density (hd) pre-wired in-line receptacle connectors 811-003-01 in-line pigtail receptacles series 811 mighty mouse high density in-line receptacles feature damage-resistant double-start acme mating threads and integral shielding/overmolding platforms. these receptacles are factory-terminated to insulated wire and backpotted with epoxy. the twistpin contact system meets requirements of mil-dtl-83513 and provides outstanding resistance to high levels of shock and vibration. choose type k general purpose tefon? wire or type j lightweight space-grade tefzel? wire. 3a current rating, 600 vac dielectric withstanding voltage. how to order series 811-003-01 in-line receptacles sample part number 811-003-01 mt 5-7 s a 8 k 7 -18 series shell material and finish shell size - insert arr. contact type key position wire size wire type wire color wire length (inches) 811-003-01 series 811 in- line receptacle connector with high density twistpins, pre- wired pigtails, double-start thread me electroless nickel mt nickel-ptfe zr black zinc- nickel 5-7 7 contacts 6-12 12 contacts 7-22 22 contacts 8-30 30 contacts 9-42 42 contacts p pin contacts s socket contacts a normal alternate key positions b c d e f 6 #26 8 #28 (color code 1 or 7 only) 0 #30 (wire type j, color code 1 or 7 only) k ptfe insulation, silver-coated, 200c, (m22759/11) j tefzel? insulation, high strength lightweight silver-coated, 200c, (m22759/33) 1 white 5 color code per mil- std-681 (striped)* 7 10 solid colors, repeating C12 C18 C36 C72 specify any length from 2 inches to 144 inches dimensions shell size ? a b flat c thread ? d in. mm. in. mm. in. mm. 5 .375 9.53 .350 8.89 .3125-.05p-.1l-2a .246 6.25 6 .415 10.54 .390 9.91 .3750-.05p-.1l-2a .286 7.26 7 .500 12.70 .475 12.07 .4375-.05p-.1l-2a .391 9.93 8 .580 14.73 .555 14.10 .5000-.05p-.1l-2a .443 11.25 9 .635 16.13 .610 15.49 .5625-.05p-.1l-2a .498 12.65 wire length master keyway harness wire cavity #1 pin insert cavity #1 socket insert ? a 1.000 (25.4) max b c thread red full mate indicator stripe shield termination band platform .225 (5.72) . 375 (9.53) ? d *size 28 awg and size 30 awg j type wire not available in striped color code 5


▲Up To Search▲   

 
Price & Availability of 811-003-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X