Part Number Hot Search : 
C5V6L 0N1TR SAA9740H RW70U 553AC CAM35C44 ADCMP6 405C32BM
Product Description
Full Text Search
 

To Download 74LVC07A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  74lvc06a document number: ds35259 rev. 3 - 2 1 of 10 www.diodes.com july 2012 ? diodes incorporated 74lvc07 a hex buffers with open drain outputs description the 74LVC07A provides six independent open-drain buffers. the device is designed for operation with a power supply range of 1.65v to 5.5v. the inputs are tolerant to 5.5v allowing this device to be used in a mixed voltage environment. the device is fully specified for partial power down applications us ing ioff. the ioff circuitry disables the output preventing damaging current backflow when the device is powered down. the outputs can be connected to implement active-low wired-or or active-high wired-and functions. the gates perform the positive boolean function: ay = features ? wide supply voltage range from 1.65v to 5.5v ? sinks 24ma at v cc = 3.3v ? cmos low power consumption ? ioff supports partial-power-down mode operation ? inputs or outputs accept up to 5.5v ? inputs can be driven by 3.3v or 5.5v allowing for voltage translation applications. ? esd protection exceeds jesd 22 ? 200-v machine model (a115-a) ? 2000-v human body model (a114-a) ? exceeds 1000-v charged device model (c101c) ? latch-up exceeds 250 ma per jesd 78, class ii ? range of package options so-14 and tssop-14 ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? ? pin assignments applications ? voltage level shifting ? general purpose logic ? power down signal isolation ? wide array of products such as: ? pcs, networking, notebooks, ultrabooks, netbooks ? computer peripherals, hard drives, cd/dvd rom ? tv, dvd, dvr, set top box notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com for more in formation about diodes incorpor ated?s definitions of halogen- and antimony-free, "gree n" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm br omine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds.
74lvc06a document number: ds35259 rev. 3 - 2 2 of 10 www.diodes.com july 2012 ? diodes incorporated 74lvc07 a pin descriptions pin number pin name description 1 1a data input 2 1y data output 3 2a data input 4 2y data output 5 3a data input 6 3y data output 7 gnd ground 8 4y data output 9 4a data input 10 5y data output 11 5a data input 12 6y data output 13 6a data input 14 v cc supply voltage logic diagram 1 1a 3 2a 5 3a 9 4a 11 5a 13 6a 2 1y 4 2y 6 3y 8 4y 10 5y 12 6y function table inputs outputs a y l l h z
74lvc06a document number: ds35259 rev. 3 - 2 3 of 10 www.diodes.com july 2012 ? diodes incorporated 74lvc07 a absolute maximum ratings (note 4) (@t a = +25c, unless otherwise specified.) symbol description rating unit esd hbm human body model esd protection 2 kv esd cdm charged device model esd protection 1 kv esd mm machine model esd protection 200 v v cc supply voltage range -0.5 to +6.5 v v i input voltage range -0.5 to +6.5 v v o voltage applied to output in high impedance or i off state -0.5 to +6.5 v v o voltage applied to output in high or low state -0.3 to v cc +0.5 v i ik input clamp current v i < 0 -50 ma i ok output clamp current v o < 0 -50 ma i o continuous output current 50 ma continuous current through vdd or gnd 100 ma t j operating junction temperature -40 to +150 c t stg storage temperature -65 to +150 c p tot total power dissipation 500 mw note: 4. stresses beyond the absolute maximum may result in imm ediate failure or reduced reliabili ty. these are stress values a nd device operation should be within recommend values. recommended operating conditions (note 5) (@t a = +25c, unless otherwise specified.) symbol parameter conditions min max unit v cc supply voltage 1.65 5.5 v v i input voltage 0 5.5 v v o output voltage active mode 0 v cc v v cc = 0v; power down mode 0 5.5 v t/ v input transition rise or fall rate v cc = 1.65v to 2.7v 20 ns/v v cc = 2.7v to 5.5v 10 t a operating free-air temperature -40 +125 oc notes: 5. unused inputs should be held at v cc or ground.
74lvc06a document number: ds35259 rev. 3 - 2 4 of 10 www.diodes.com july 2012 ? diodes incorporated 74lvc07 a electrical characteristics (@t a = +25c, unless otherwise specified.) symbol parameter test conditions v cc t a = -40c to +85c t a = -40 c to +125 c unit min max min max v ih high-level input voltage 1.65v to 1.95v 0.65 x v cc 0.65 x v cc v 2.3v to 2.7v 1.7 1.6 2.7v to 3.6v 2.0 2.0 4.5v to 5.5v 0.7 x v cc 2.0 v il low-level input voltage 1.65v to 1.95v 0.35 x v cc 0.35 x v cc v 2.3v to 2.7v 0.7 0.7 2.7v to 3.6v 0.8 0.8 4.5v to 5.5v 0.3 x v cc 0.3 x v cc v ol low-level output voltage i ol = 100 a 1.65v to 5.5v 0.2 0.3 v i ol = 4ma 1.65v 0.45 0.6 i ol = 8ma 2.3v 0.70 0.85 i ol = 12ma 2.7v 0.40 0.6 3.0v 0.55 0.6 i ol = 24ma 3.0v 0.55 0.6 i ol = 32ma 4.5v 0.55 0.6 i i input current v i = gnd to 5.5v 3.6v 5 20 a i oz z state leakage current v o = gnd or 5.5v 3.6v 10 20 a i off power down leakage current v i or v o = 0v to 3.6v 0 10 20 a i cc supply current v i = gnd or v cc i o = 0 3.6v 10 40 a
74lvc06a document number: ds35259 rev. 3 - 2 5 of 10 www.diodes.com july 2012 ? diodes incorporated 74lvc07 a switching characteristics symbol parameter test conditions v cc t a = +25c -40c to +85c -40c to +125c unit min typ max min max min max t plz /t pzl propagation delay a n to y n figure 1 1.65v to1.95v 0.3 2.9 5.7 0.3 5.8 0.3 7.6 ns 2.3v to 2.7v 0.3 2.6 4.1 0.3 4.7 0.3 5.5 2.7v 0.3 2.5 4.0 0.3 4.5 0.3 5.0 3v to 3.6v 0.3 2.3 3.5 0.3 3.7 0.3 5.0 4.5v to 5.5v 0.3 1.7 3.2 0.3 3.4 0.3 4.5 operating characteristics (@t a = +25c, unless otherwise specified.) parameter test conditions v cc = 1.8v v cc = 2.5v v cc = 3.3v v cc = 5v unit typ typ typ typ c pd power dissipation capacitance per gate f = 10 mhz 7.0 7.5 8.0 8.6 pf c i input capacitance v i = v cc ? or gnd 4 4 4 4 pf package characteristics symbol parameter test conditions v cc min typ max unit ja thermal resistance junction-to-ambient so-14 (note 6) tbd c/w tssop-14 159 jc thermal resistance junction-to-case so-14 (note 6) tbd c/w tssop-14 25 note: 6. test condition for so-14 and tssop-14: device mount ed on fr-4 substrate pc board, 2oz copper, with minimum recommended pad layout.
74lvc06a document number: ds35259 rev. 3 - 2 6 of 10 www.diodes.com july 2012 ? diodes incorporated 74lvc07 a parameter measuement information v cc inputs v m v load c l r l v ? v i t r /t f 1.8v0.15v v cc 2ns v cc /2 2 x v cc 30pf 1k ? 0.15v 2.5v0.2v v cc 2ns v cc /2 2 x v cc 30pf 500 ? 0.15v 2.7v 2.7v 2ns 1.5v 6v 50pf 500 ? 0.3v 3.3v0.3v 3v 2.5ns 1.5v 6v 50pf 500 ? 0.3v 5v0.5v v cc 2.5ns v cc /2 2 x v cc 50pf 500 ? 0.3v voltage waveform pulse duration voltage waveform propagation delay times notes: a. includes test lead and test apparatus capacitance. b. all pulses are supplied at pulse repetition rate 10 mhz c. the inputs are measured one at a time with one transition per measurement. d. t pzl is measured at v m . e. t plz is measured at v ol + v ? figure 1. load circuit and voltage waveforms test condition t plz (see note e) t pzl (see note d) v load v load
74lvc06a document number: ds35259 rev. 3 - 2 7 of 10 www.diodes.com july 2012 ? diodes incorporated 74lvc07 a ordering information part number package code packaging (note 7) 13? tape and reel quantity part number suffix 74LVC07As14-13 s14 so-14 2500/tape & reel -13 74LVC07At14-13 t14 tssop-14 2500/tape & reel -13 notes: 7. the taping orientation and tape details can be found at http://www.di odes.com/datasheets/ap02007.pdf marking information (1) so-14, tssop-14 part number package 74LVC07As14 so-14 74LVC07At14 tssop-14
74lvc06a document number: ds35259 rev. 3 - 2 8 of 10 www.diodes.com july 2012 ? diodes incorporated 74lvc07 a package outline dimensions (all dimensions in mm.) package type: so-14 package type: tssop-14 so-14 dim min max a 1.47 1.73 a1 0.10 0.25 a2 1.45 typ b 0.33 0.51 d 8.53 8.74 e 3.80 3.99 e 1.27 typ h 5.80 6.20 l 0.38 1.27 0 8 all dimensions in mm tssop-14 dim min max a1 7 (4x) a2 0 8 a 4.9 5.10 b 4.30 4.50 c ? 1.2 d 0.8 1.05 f 1.00 typ f1 0.45 0.75 g 0.65 typ k 0.19 0.30 l 6.40 typ all dimensions in mm e h a a2 e d a1 l gauge plane detail ?a? detail ?a? 7 ( 4 x ) b g l a k a 1 d c a 2 f f1 pin# 1 indent detail ?a? detail ?a? 0 . 2 5 gauge plane seating plane b
74lvc06a document number: ds35259 rev. 3 - 2 9 of 10 www.diodes.com july 2012 ? diodes incorporated 74lvc07 a suggested pad layout package type: so-14 package type: tssop-14 dimensions value (in mm) x 0.60 y 1.50 c1 5.4 c2 1.27 dimensions value (in mm) x 0.45 y 1.45 c1 5.9 c2 0.65 x c1 c2 y x c1 c2 y
74lvc06a document number: ds35259 rev. 3 - 2 10 of 10 www.diodes.com july 2012 ? diodes incorporated 74lvc07 a important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2012, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of 74LVC07A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X