Part Number Hot Search : 
C5V6L D1200 BP201G APA3010 83C58 TD204528 G5015E RE1202
Product Description
Full Text Search
 

To Download 486-1244 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   fuseholder blocks & clips fms (250v) www.schurter.com/pg02 b fuses fuseholder open design, holder for msx 250, tht 250 vac/dc 6.3 a (ul/csa) description - through hole mounting standards - ul 4248-1 / ul 512 - csa 4248-1 / no. 39 approvals - ul file number: e39328 references weblinks pd f , htm l , general product informatio n , approval s , roh s , china-roh s , e-sho p , schurter-stock-chec k , distributor-stock-chec k technical data fuse-link microfuse 250 v mounting pcb terminal solder tht rated voltage 250 vac/dc rated current 6.3 a (ul/csa) degree of protection ip 30 admissible ambient air temp. -40 c to 85 c climatic category 40/085/21 acc. to iec 60068-1 material: socket thermoplastic, ul 94v-0 material: terminals tin-plated copper alloy unit weight (socket/cap) 0.37 g storage conditions 0 c to 60 c, max. 70% r.h. product marking , soldering methods wave solderability 235 c / 2 sec acc. to iec 60068-2-20, test ta, method 1 resistance to soldering heat 260 c / 10 sec acc. to iec 60068-2-20, test tb, method 1a contact resistance < 7 m at 20 mv dielectric strength > 3 kv between l-n (50 hz; 1 min) impulse withstand voltage > 4 kv between l-n insulation resistance > 10 m between l-n (500 vdc; 1 min) overvoltage category i - iii acc. to iec 60664-1 pollution degree 1 - 3 acc. to iec 60664-1 dimensions 7.6 mm 3 4.3 5.08 ? 9.5 ? 0.5 8.5 3.2 4.4 45? r 0.75 ? 1.4 ? 1 variant 0031.7601 1 5.08 drilling diagram variants holder order number l 0031.7601 packaging unit plastic box (100 pcs.) the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments. 15.06.2012


▲Up To Search▲   

 
Price & Availability of 486-1244

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X