Part Number Hot Search : 
4747A DTC104 2SC1324 TC4422CG HEF4518 LYL29K 4FC32AL 2N6969
Product Description
Full Text Search
 

To Download 4777-K-36 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all dimensions are in inches and metric. all specifications are to the latest revisions. specifications are subject to change without notice. registered trademarks are the property of their respective companies. made in usa 6 / 11 / 02 sy/eh/ls pomona access 90402 (800) 444 - 6785 or (425) 446 - 6010 last saved by pn more drawings available at www.pomonaelectronics.com s: \ engineering \ release \ datasheets \ flukedatasheet \ d4777_1_02.doc page 1 of 1 model 4777 bnc (male) with strain relief to micrograbber a test clips sales: 800 - 490 - 2361 fax: 888 - 403 - 3360 technical assistance: 800 - 241 - 2060 features: bnc, grabbers and breakout wires are molded directly to the cable for added pull strength. micrograbber? test cli p hook is gold plated beryllium copper for durability and low contact resistance. bnc connector features ptfe dielectric and gold plated center contact for optimal electrical performance and bnc body is tarnish resistant. bnc (male): body: brass, nickel pl ated center pin: brass, gold plated dielectric: ptfe impedance: 50 ohms strain relief and molded breakout: pvc, color: black breakout wires: 20 awg stranding 41 x 36 t. c., pvc insulated, .0 87? (2,21 mm) o.d. color: one black, one red marking: pomona 3785 - x - xx micrograbber: contact, beryllium copper, gold plated spring, stainless steel insulation: nylon 6 (fire reta rdant ul94v - 0), color matches wire color cable offering: cable rg58c/u cable: rg174/u part number: 4777 - c - xx part number: 4777 - k - xx capacitance per ft.: 30.8 capacitance per ft.: 30.8 impedance: 50 ohms nominal impedance: 50 ohms nominal cable o.d. 0. 195? (5,0 mm) nominal cable o.d.: 0.100? (2,5 mm) nominal ratings: operating voltage: 150 vrms/vac max operating temperature: 50c (+122f) max. ordering information: model 4777 - x - xx, x = cable type, c = rg58c/u, k = rg174/u xx = length in inches. std . lengths: 24? (60,96 cm) , 36? (91,44 cm) , 48? (121,92 cm) & 60? (152,40 cm) additional cable lengths can be quoted upon request.


▲Up To Search▲   

 
Price & Availability of 4777-K-36

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X