Part Number Hot Search : 
1N4173B L252G 121SV5S0 76633 4000B 152K8X 394J250 600TTS
Product Description
Full Text Search
 

To Download 35VXP6800M25X40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  large can type aluminum electrolytic capacitors vxp series vxp ? specifications category temperature range rated voltage range capacitance tolerance leakage current(max) dissipation f actor(max) endurance impedance ratio(max) items characteristics -40~+105 c 10~100v.dc -25~+105 c 160~400v.dc 20%(20 c ,120hz) rated voltage(v) z(-25 c)/z(20 c) 10~100 3 160~250 3 315~400 8 z(-40 c)/z(20 c) 12 leakage current dissipation factor capacitance change within 20%(for 10wv ; 25%)of the initial value. not more than 200% of the specified value. not more than the specified value. 105 c 5000 hours, snap-in terminal type ? features ? load life : 105 c 5000 hours. (20 c,120hz) (120hz) rated voltage(v) tan 0.55 10 0.50 16 0.45 25 0.40 35 0.35 50 0.30 63 0.25 80 0.20 100 0.15 160~ 250 0.20 315~ 400 ? part number ? option ? dimensions (mm) mounting holes 10 0.1 d 1 2- 2 10 d 1 negative *4 0.5 l 2 sleeve vent *for 35, 3.5 0.5 sn [4(3.5)mm] terminal type ? multiplier for ripple current frequency coefficient f requency (hz) coefficient 60(50) 120 500 1k 10k < = 0.90 1.00 1.05 1.10 1.15 0.80 1.00 1.20 1.30 1.50 0.80 1.00 1.20 1.25 1.40 10~100wv 160~250wv 315~400wv after applying rated voltage with rated ripple current for 5000hrs at 105 c, the capacitors shall meet the following requirements. i=leakage current( a) v=rated voltage(v) c=rated capacitance( f) i=3 cv (after 5 minutes application of rated voltage) blank ooe code without plate with plate rated voltage vxp series te r minal code ooe option dxl case size rated capacitance capacitance tolerance
large can type aluminum electrolytic capacitors wv d cap( f) 5600 6800 8200 10000 12000 15000 18000 22000 27000 33000 39000 47000 56000 10 16 ?2 ?5 ?0 v35 ?2 ?5 ?0 ?5 wv d cap( f) 5600 4700 3900 3300 2700 6800 8200 10000 12000 15000 18000 22000 27000 25 35 ?2 ?5 ?0 ?5 ?2 ?5 ?0 ?5 wv d cap( f) 5600 6800 8200 10000 12000 1500 1200 1000 1800 2200 2700 3300 3900 4700 50 63 v22 ?5 ?0 ?5 ?2 ?5 ?0 ?5 wv d cap( f) 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 80 100 ?2 ?5 ?0 ?5 ?2 ?5 ?0 ?5 22x25 22x30 22x35 22x40 22x45 25x25 25x30 25x35 25x40 25x45 25x50 30x25 30x30 30x30 30x35 30x40 30x45 30x50 35x30 35x35 35x40 35x45 35x50 22x25 22x30 22x30 22x35 22x40 22x45 25x25 25x30 25x35 25x40 25x45 25x50 30x25 30x30 30x35 30x40 30x45 30x50 35x30 35x30 35x35 35x40 35x45 35x50 22x25 22x30 22x35 22x40 22x45 22x50 25x25 25x30 25x35 25x40 25x45 30x25 30x30 30x35 30x40 30x45 30x50 35x30 35x30 35x35 35x40 35x50 22x25 22x30 22x35 22x40 22x45 22x50 25x25 25x30 25x35 25x40 25x45 30x25 30x30 30x35 30x40 30x45 35x30 35x35 35x40 35x45 22x25 22x25 22x30 22x35 22x40 22x45 25x25 25x30 25x30 25x35 25x40 25x45 30x25 30x30 30x30 30x35 30x40 30x50 35x30 35x35 35x40 35x45 35x50 22x25 22x25 22x30 22x35 22x40 22x45 25x25 25x30 25x30 25x35 25x40 25x45 30x25 30x30 30x30 30x35 30x40 30x45 35x30 35x35 35x40 35x45 35x50 22x25 22x30 22x35 22x40 22x45 25x25 25x30 25x35 25x45 30x25 30x25 30x30 30x35 30x40 30x45 35x30 35x35 35x40 35x45 35x50 22x25 22x30 22x35 22x40 22x45 22x50 25x25 25x30 25x35 25x40 25x45 30x25 30x30 30x30 30x35 30x40 30x45 35x30 35x35 35x40 35x45 35x50 1.36 1.65 1.85 2.12 2.40 1.82 2.11 2.32 2.59 3.01 3.43 2.14 2.37 2.73 3.13 3.53 3.78 4.58 3.05 3.49 3.96 4.60 5.06 1.44 1.66 1.79 2.08 2.36 2.69 1.67 2.07 2.37 2.72 3.06 3.39 2.13 2.54 3.02 3.46 3.88 4.33 3.09 3.31 3.85 4.33 4.96 5.49 1.31 1.55 1.77 2.02 2.27 2.56 1.56 1.88 2.18 2.53 2.79 1.92 2.38 2.70 3.13 3.52 3.92 2.76 3.00 3.50 3.95 4.72 1.29 1.54 1.77 2.01 2.25 2.49 1.55 1.87 2.18 2.45 2.80 1.80 2.28 2.69 3.04 3.38 2.78 3.30 3.88 4.40 1.21 1.28 1.52 1.77 2.02 2.27 1.46 1.76 1.87 2.20 2.43 2.72 1.72 2.09 2.22 2.58 3.01 3.63 2.35 2.91 3.36 3.79 4.06 1.10 1.17 1.41 1.62 1.85 2.10 1.38 1.63 1.75 2.03 2.33 2.58 1.66 2.01 2.15 2.46 2.82 3.22 2.31 2.77 3.20 3.61 3.94 1.09 1.29 1.48 1.70 1.91 1.32 1.74 1.86 2.22 1.58 1.68 2.02 2.50 2.69 2.94 2.18 2.60 3.00 3.44 3.72 1.01 1.19 1.33 1.56 1.76 2.00 1.26 1.52 1.76 2.03 2.29 1.47 1.76 1.89 2.19 2.52 2.86 2.05 2.48 2.87 3.25 3.56 ? standard size, rated ripple current vxp case size ?xl(mm) ripple current (a r.m.s./120hz?05 c)
large can type aluminum electrolytic capacitors wv d cap( f) 220 270 330 390 470 560 680 820 1000 1200 1500 1800 160 180 ?2 ?5 ?0 ?5 ?2 ?5 ?0 ?5 wv d cap( f) 220 180 150 270 330 390 470 560 680 820 1000 1200 1500 200 250 ?2 ?5 ?0 ?5 ?2 ?5 ?0 ?5 wv d cap( f) 220 180 150 120 100 68 82 270 330 390 470 560 315 350 ?2 ?5 ?0 ?5 ?2 ?5 ?0 ?5 wv d cap( f) 220 180 150 120 100 82 68 270 330 390 470 400 ?2 ?5 ?0 ?5 0.63 0.76 2.61 2.97 1.89 2.16 1.63 0.90 0.97 1.11 1.26 1.44 0.84 0.97 1.14 1.23 1.43 1.66 1.89 2.23 1.63 1.00 1.17 1.26 1.50 0.63 2.76 2.01 2.25 1.51 1.71 0.76 0.90 1.03 1.17 1.32 0.76 0.90 1.06 1.15 1.32 1.50 1.74 2.07 2.23 1.49 1.75 1.02 1.17 1.33 0.57 0.70 0.83 1.85 2.38 2.76 2.11 1.39 1.58 0.96 1.03 1.17 0.76 0.90 1.06 1.22 1.38 1.61 1.75 2.07 1.49 1.02 1.17 0.64 0.52 0.76 1.29 1.71 1.94 2.20 1.45 1.01 0.88 1.13 0.62 0.76 0.99 0.90 1.13 1.28 1.24 1.48 1.74 1.89 1.49 1.00 0.85 1.15 0.32 0.38 0.42 0.81 1.04 1.34 1.15 0.92 0.48 0.56 0.63 0.34 0.40 0.52 0.59 0.68 0.78 0.72 0.41 0.49 0.53 0.62 0.71 0.85 0.91 1.05 1.18 0.75 0.90 0.51 0.63 0.74 0.43 0.38 0.46 0.53 0.63 0.41 0.48 0.55 0.65 0.72 0.79 0.48 0.56 0.65 0.74 0.85 0.98 1.12 0.89 0.96 1.12 1.33 1.27 0.94 1.05 1.18 1.39 1.26 0.46 0.53 0.60 0.70 0.82 0.93 1.01 1.13 0.90 0.53 0.60 0.71 0.82 0.47 22x25 22x30 25x25 25x30 25x35 30x25 30x30 30x30 30x35 35x30 35x35 35x40 35x45 35x50 30x40 30x45 30x50 25x35 25x40 25x45 22x35 22x35 22x40 22x45 22x50 22x25 25x25 25x30 25x35 30x30 30x25 30x35 30x35 30x40 35x30 35x35 35x40 35x45 35x50 30x45 30x50 25x35 25x40 25x45 25x50 22x30 22x35 22x40 22x45 22x50 22x25 22x30 25x25 25x30 25x35 30x25 30x30 30x35 30x40 35x30 35x35 35x40 35x45 35x50 30x45 30x50 25x40 25x45 25x50 22x35 22x40 22x40 22x45 22x25 25x25 25x30 25x35 30x25 30x30 30x35 30x35 35x30 35x35 35x40 35x40 35x45 30x40 30x45 30x50 25x35 25x40 25x45 25x50 22x35 22x30 22x40 22x45 22x50 22x25 22x30 25x30 25x25 25x30 25x35 30x25 30x30 30x35 30x40 35x30 35x35 35x40 35x50 35x45 30x40 30x45 30x50 25x40 25x45 25x50 22x30 22x35 22x40 22x45 22x50 22x30 25x30 25x25 25x35 25x40 30x25 30x30 30x30 30x35 35x30 35x35 35x40 35x50 35x45 30x40 30x45 25x45 25x50 22x30 22x35 22x40 30x50 22x50 22x25 25x25 25x30 25x35 30x25 30x25 30x30 30x35 35x30 35x35 35x40 35x45 35x50 30x40 30x45 30x50 25x40 25x45 25x50 22x35 22x30 22x30 22x40 22x45 22x50 ? standard size, rated ripple current vxp case size ?xl(mm) ripple current (a r.m.s./120hz?05 c)


▲Up To Search▲   

 
Price & Availability of 35VXP6800M25X40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X