Part Number Hot Search : 
20M22X MA80620H VF040 2SC3451N IN1232 SM3P2 IRG4P F7476
Product Description
Full Text Search
 

To Download 2SC5585 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SC5585 / 2sc5663 transistors low frequency transistor (50v, 2a) 2SC5585 / 2sc5663 the transistor of 500ma class which went only into 2125 size conventionally was attained in 1608 sizes or 1208 sizes. ! ! ! ! applications for switching for muting ! ! ! ! features 1) high current. 2) low v ce(sat) . v ce(sat) 250mv at i c = 200ma / i b = 10ma ! ! ! ! external dimensions (units : mm) rohm : emt3 eiaj : sc-75a jedec : sot-416 2SC5585 abbreviated symbol : bx abbreviated symbol : bx rohm : vmt3 2sc5663 (1) base (2) emitter (3) collector (1) emitter (2) base (3) collector 0.7 0.15 0.1min. 0.55 0~0.1 0.2 1.6 1.6 1.0 0.3 0.8 ( 2 ) 0.5 0.5 ( 3 ) 0.2 ( 1 ) 0~0.1 (3) 0.32 0.8 1.2 0.13 0.5 0.22 0.4 0.4 1.2 0.8 0.2 0.15max. 0.2 ( 2 ) ( 1 ) ! ! ! ! absolute maximum ratings (ta=25 c) parameter collectot-base voltage collector-emitter voltage collector current collector power dissipation junction temperature storage temperature v cbo v ceo i c p c tj tstg 15 v v ma mw c c 12 500 i cp a 1 ? 150 150 ? 55~+150 symbol limits unit ? single pulse pw = 1ms ! ! ! ! electrical characteristics (ta=25 c) parameter collector-base breakdown voltage collectoe-emitter brakdown voltage emitter-base breakdown voltage collector cutoff current dc current transfer ratio collector-emitter saturation voltage transition frequency output capacitance symbol bv cbo bv ceo bv ebo i cbo h fe v ce (sat) cob min. 15 12 6 ? 270 ? ? ? ? ? ? ? 90 7.5 ? ? ? 100 680 250 ? vi c = 10 a i c = 1ma i e = 10 a v cb = 15v v ce = 2v, i c = 10ma i c /i b = 200ma/10ma v cb = 10v, i e = 0a, f = 1mhz v v na ? mv f t ? 320 ? v ce = 2v, i e = ? 10ma, f = 100mhz mhz pf typ. max. unit conditions
2SC5585 / 2sc5663 transistors ! ! ! ! packaging specifications package code taping basic ordering unit (pieces) h fe 2sc5663 2SC5585 t2l 8000 tl 3000 ? ? type ! ! ! ! electrical characteristic curves 0 1 10 base to emitter voltage : v be (v) fig.1 grounded emitter propagation characteristics collector current : i c (ma) 100 0.5 1.0 1.5 v ce = 2v 1000 ta = 1 25 c 25 c -40 c 2 5 20 50 200 500 1 2 5 10 20 50 100 200 500 collector current : i c (ma) fig.2 dc current gain vs. collector current 10 dc current gain : h fe 1000 20 50 100 200 500 1000 ta = 1 25 c 5 2 1 v ce = 2v 25 c -40 c 1 2 5 10 20 50 100 200 i c / i b = 20 1 2 5 10 20 50 100 200 500 1000 collector saturation voltage : v ce(sat) (mv) collector current : i c (ma) fig.3 collector-emitter saturation voltage vs. collector current ( ) ta = 1 25 c 500 1000 25 c -40 c 1 2 5 10 20 50 100 200 ta = 25 c 1 2 5 10 20 50 100 200 500 1000 collector saturation voltage : v ce(sat) (mv) collector current : i c (ma) fig.4 collector-emitter saturation voltage vs. collector current ( ? ) i c / i b = 50 500 1000 20 10 10 20 50 100 200 500 1000 2000 i c / i b = 20 1 2 5 10 20 50 100 200 500 1000 collector saturation voltage : v be(sat) (mv) collector current : i c (ma) fig.5 base-emitter saturation voltage vs. collector current ta = -40 c 5000 10000 25 c 125 c 2 1 5 10 20 50 100 200 500 1000 1 2 5 10 20 50 100 200 500 1000 ta = 25 c v ce = 2v f t ( mh z ) collector to base voltage : v cb (v) fig.6 collector output capacitance emitter input capacitance vs. base voltage pulsed 0.2 0.1 0.5 1 2 5 10 20 50 100 1 2 5 10 20 50 100 200 500 1000 ta = 25 c i e = 0a f = 1mhz collector output capacitance : cob (pf) emitter input capacitance : cib (pf) emitter to base voltage : v eb (v) fig.7 collector output capacitance vs collector-base voltage emitter input capacitance vs emitter-base voltage cib cob


▲Up To Search▲   

 
Price & Availability of 2SC5585

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X