Part Number Hot Search : 
LC89581 HC1G1 SA130 LML2502 C8950 KM4211 LC898 8788NL
Product Description
Full Text Search
 

To Download 2SC3970 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC3970 2SC3970a description with to-220fa package high speed switching high v c bo wide area of safe operation applications for high breakdown voltate ,high-speed switching applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings (ta=25 ) symbol parameter conditions value unit 2SC3970 800 v cbo collector-base voltage 2SC3970a open emitter 900 v v ceo collector-emitter voltage open base 500 v v ebo emitter-base voltage open collector 8 v i c collector current (dc) 1.5 a i cm collector current-peak 3.0 a i b base current 0.5 a t c =25 25 p c collector power dissipation t a =25 2 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-220fa) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC3970 2SC3970a characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =10ma , i b =0 500 v v cesat collector-emitter saturation voltage i c =0.6a; i b =0.17a 1.0 v v besat base-emitter saturation voltage i c =0.6a; i b =0.17a 1.5 v 2SC3970 v cb =800v; i e =0 i cbo collector cut-off current 2SC3970a v cb =900v; i e =0 0.1 ma i ebo emitter cut-off current v eb =5v; i c =0 0.1 ma h fe-1 dc current gain i c =0.1a ; v ce =5v 15 h fe-2 dc current gain i c =0.6a ; v ce =5v 8 f t transition frequency i c =0.1a ; v ce =10v;f=1mhz 20 mhz switching times t on turn-on time 1.0 s t s storage time 3.0 s t f fall time i c =0.6a; i b1 =0.17a i b2 =-0.34a;v cc =200v 0.3 s
savantic semiconductor product specification 3 silicon npn power transistors 2SC3970 2SC3970a package outline fig.2 outline dimensions (unindicated tolerance:0.15 mm)
savantic semiconductor product specification 4 silicon npn power transistors 2SC3970 2SC3970a


▲Up To Search▲   

 
Price & Availability of 2SC3970

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X