Part Number Hot Search : 
DSP56009 G494SD HER204PT AN439 IRF820A IRF820A HD64F2 2N60C
Product Description
Full Text Search
 

To Download XVC5002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.rfm.com e-mail: info@rfm.com page 1 of 3 ?2010 by rf monolithics, inc. XVC5002 - 12/7/10 electrical characteristics characteristic sym notes minimum typical maximum units nominal frequency fo 122.88 mhz component storage temperature -55 +125 c storage temperature in tape and reel -40 +85 c operating temperature range -40 +85 c power supply voltage vdd 2.97 3.30 3.63 v load impedance 50 ohm output logic low (?0? level) vdd - 1.810 vdd - 1.620 v output logic high (?1? level) vdd - 1.025 vdd - 0.880 v duty cycle symmetry 45 55 % output rise time, 20% to 80% vdd 1.0 ns output fall time, 80% to 20% vdd 1.0 ns power supply current idd 80 ma control voltage input range vcon 1.65 1.35 v frequency stability 50 ppm frequency tuning range, 1.65 1.35 v 1 50 ppm start up time 10 ms enable voltage logic high 0.7 vdd - enable voltage logic low 0.3 vdd - phase jitter, integrated over 12 khz to 20 mhz 1.0 ps standard shipping quantity on 180 mm (7?) reel 1000 units lid symbolization 5002 || ywws case ? voltage-controlled crystal oscillator  complementary pecl output  enable/disable input  7.2 x 5.2 x 1.8 mm surface-mount case  complies with directive 2002/95/ec (rohs) 122.88 mhz vcxo XVC5002 caution: electrostatic sensitive device. observe precautions for handling. notes: 1. frequency tuning range beyond the initial tolerance at 25 c, plus drift due to changes in temperature, power supply voltage and aging. 2. the design, manufacturing process, and specifications of this device are subject to change without notice. pb
www.rfm.com e-mail: info@rfm.com page 2 of 3 ?2010 by rf monolithics, inc. XVC5002 - 12/7/10 case dimensions and pin functions enable/disable function: if pin 2 is logic high or open, differential outputs on pins 4 and 5 are enabled. if pin 2 is logic low, differential outputs on pins 4 and 5 are disabled.
www.rfm.com e-mail: info@rfm.com page 3 of 3 ?2010 by rf monolithics, inc. XVC5002 - 12/7/10 reel dimensions tape dimensions case orientation in tape


▲Up To Search▲   

 
Price & Availability of XVC5002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X