Part Number Hot Search : 
TC74LC TS7024 DTZ440 A5980C BZG05C33 ACPAZ 1N475 IPW60R
Product Description
Full Text Search
 

To Download UPZ2D181MHD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cat.8100v pz series high voltage, smaller-sized high ripple current. load life of 2000 hours at 105?. suited for ballast applications. adapted to the rohs directive (2002/95/ec). aluminum electrolytic capacitors u 1 p 2 z 3 2 4 d 5 2 6 2 7 1 8 m 91011 capacitance tolerance ( 20%) rated capacitance (220f) rated voltage (200v) h d 12 t size code series name type f d p 10 5.0 12.5 5.0 16 7.5 18 7.5 f d 0.6 0.8 0.8 0.8 radial lead type type numbering system (example : 200v 220f) configuration p 0.5 l + 2.0 max. 15 min 4 min f d 0.5 max. pressure relief vent sleeve (p.e.t.) f d f d 10 pb-free leadwire pb-free pet sleeve pd 12.5 ~ 18 hd configuration (mm) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tan stability at low temperature endurance marking performance characteristics item 25 ~ +105? 200 ~ 450v 18 ~ 470? 20% at 120hz, 20? after 1 minutes' application of rated voltage, leakage current is not more than 0.04cv+100 (?). printed with white color letter on dark brown sleeve. after storing the capacitors under no load at 105?c for 1000 hours, and after performing voltage treatment based on jis c 5101-4 clause 4.1 at 20?, they will meet the specified value for endurance characteristics listed above. measurement frequency : 120hz capacitance change leakage current after an application of d.c. bias voltage plus the rated ripple current for 2000 hours at 105? the peak voltage shall not exceed the rated d.c. voltage, capacitors meet the characteristic requirements listed at right. tan within 20% of initial value initial specified value or less 200% or less of initial specified value z 25? / z+20? rated voltage (v) impedance ratio zt / z20 (max.) 200 3 400 8 420 8 450 8 measurement frequency : 120hz, temperature : 20? rated voltage (v) tan (max.) 200 0.12 420 0.20 450 0.20 400 0.15 dimension table in next page. please refer to page 21, 22, 23 about the formed or taped product spec. please refer to page 3 for the minimum order quantity. pz pt smaller shelf life ? please refer to page 21 about the end seal configulation.
cat.8100v case size d l (mm) dimensions 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 .0 10 31.5 12.5 31.5 12.5 35.5 12.5 40 .0 .0 16 31.5 .0 16 35.5 .0 18 31.5 .0 16 40 .0 .0 18 35.5 .0 18 40 .0 .0 10 31.5 12.5 31.5 12.5 35.5 12.5 40 .0 .0 16 31.5 .0 16 35.5 .0 18 31.5 .0 16 40 .0 .0 18 35.5 .0 18 40 .0 .0 10 31.5 12.5 31.5 12.5 35.5 12.5 40 .0 .0 16 31.5 .0 16 35.5 .0 16 40 .0 .0 18 31.5 .0 18 35.5 .0 18 40 .0 400 620 700 800 870 1010 1010 1130 1120 1270 240 370 420 480 580 670 670 770 770 880 2d 2g w6 200 400 420 v code cap.(?) aluminum electrolytic capacitors .0 10 31.5 12.5 31.5 12.5 35.5 12.5 40 .0 .0 16 31.5 .0 16 35.5 .0 16 40 .0 .0 18 31.5 .0 18 35.5 .0 18 40 .0 rated ripple (marms) at 105? 120hz 200 310 360 430 510 570 610 610 660 710 180 280 320 380 440 490 550 550 650 740 2w 450 : in this case, 6 will be put at 12th digit of type numbering system. pz series frequency coefficient of rated ripple current v 200 400 ~ 450 60hz 0.80 0.80 120hz 1.00 1.00 500hz 1.20 1.25 1khz 1.30 1.40 10khz~ 1.40 1.50 rated ripple


▲Up To Search▲   

 
Price & Availability of UPZ2D181MHD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X