Part Number Hot Search : 
MFM2207 GA200 43025 67SAM565 T28LV T28LV MC14433P CY7C680
Product Description
Full Text Search
 

To Download TF-RTC-1000I-TA-WB-2110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  function button status indicator security button power button speaker gps antenna backspace button quick launch button numeric buttons enter button tab button up/ down (volume control) & left/ right (brightness control) buttons 10.2" rugged tablet computer rtc-1000i system processor intel? core? i7-620ue 1.06ghz processor system memory ddr3 onboard 2gb (default) + sodimm socket x 1, up to 6gb (optional) lcd / crt controller intel? qm57 express chipset lcd display 10.2" wsvga (1024 x 600) tft lcd with touch screen (aot) communication gigabit ethernet, rj-45 x 1 wlan 802.11 b/g + bluetooth? 2.0 class 1 3.5g modem module (optional) i/o port com x 1 (rx-232/422/485) usb2.0 x 2 mini usb x 1 vga x 1 docking port (contact pins with usb/com/vga/power signals) x 1 two audio in/out jacks for microphone/ earphone storage disk 2.5 sata hard disk/ssd (optional) expansion slot pcmcia (default) or smart card x 1, mini card x 2 (internal), compactflash? (default) x 1 or sdhc x 1, sim x 1 os support windows? embedded standard 2009 (default), windows? embedded standard 7 (optional), linux: ubuntu 9.04 (optional) mechanical construction al-mg alloy color black dimension 10.63 (w) x 7.24 (d) x 1.93 (h) (270mm x 184mm x 49mm) carton dimension 17.95 (w) x 11.69 (d) x 15.27 (h) (456mm x 297 mm x 388mm) gross weight 5 lb (2.3 kg), including 9-cell battery, hand strap and bumpers environmental operating temperature -4f ~ 140f (-20c ~ 60c) storage temperature -67f ~ 167f (-55c ~ 75c) operating humidity 10 to 95% @ 40c, non-condensing water & dust proof ip65 compliance vibration meets mil-std-810g-514.6, procedure i cat. 24, fig. 514.6e-1 & 514.6e-2 (unit is non-operating) astm 4169-99 truck assurance level 2, schedule e (unit is operating) drop 26 drops of 48 inches height to 2 plywood over concrete with unit off mil-std-810g-516.6, procedure iv esd air +/- 8kv, contact +/- 4kv, iec61000-4-2 emc/ safety ce / fcc class b / ul intel? core? i7-620ue 1.06ghz processor ddr3 onboard 2gb (default) + sodimm socket x 1, up to 6gb (optional) 10.2 1024 x 600 500-nit tft lcd sunlight readable display (optional) touch screen, advanced optibond technology (aot?) rugged, water and dust proof, ip65 compliance pcmcia or smart card, compactflash? card or sdhc card sockets 9-cell smart li-ion high-capacity battery, 5-hour battery life wifi 802.11 b/g + bluetooth? 2.0 gsm/ 3g/ 3.5g (optional), gps (optional) built-in g-sensor numeric keypad, programmable function keys ethernet rj-45 pc card slot or smart card slot mini-usb pen tether hole kensington lock vga port docking connector dc-adapter port stylus mic-in audio-out compactflash? usb x 2 tether com port note: all specifications are subject to change without notice. 09-11 09 features specifications rugged tablet computers
rtc-1000i note: rtc-1000i has a rj-11 connector, but the cable modem function has been removed. ordering information optional accessories TF-RTC-1000I-TA-WB-2110 ? rugged tablet computer, intel? core? i7-620ue, 10.2" 200 nits, dc19v, ts/aot, onboard 2gb ram, 80gb hdd, windows? embedded standard 2009, wifi, bluetooth? tf-rtc-1000i-tas-wb-2110 ? rugged tablet computer, intel? core? i7-620ue, 10.2" 500 nits, dc19v, ts/aot/sunlight readable, onboard 2gb ram, 80gb hdd, windows? embedded standard 2009, wifi, bluetooth? power supply ac/ dc adapter ac power input: 100v-240v, 50hz-60hz, 65w dc power output: 19v battery 3s3p 9-cell (7,800 mah) battery, 5-hour battery life lcd display type 10.2" 16:9 tft lcd max. resolution 1024 x 600 max. color 262k colors dot size 0.2175 x 0.2175 luminance 200/500 cd/m 2 (optional) view angle vertical 60 (r)/ 60 (l) horizontal 70 (u)/ 70 (l) touch screen type 4-wire, analog resistive resolution 1024 x 600 light transmission 85% ap-ln9686879000 ? 3.5g modem module kit 9761100016 ? gps module kit tf-rds-141v-0000 ? office docking station tf-rds-141v-0002 ? vehicle docking station 1757407201 ? vehicle dc/dc adapter 2192619061 ? carry bag 09-12 dimension unit: mm


▲Up To Search▲   

 
Price & Availability of TF-RTC-1000I-TA-WB-2110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X