Part Number Hot Search : 
1N5806 RU6888R N2907A A1182 ERJL14 161230 2SC460 2SB1503
Product Description
Full Text Search
 

To Download TCA30505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  semiconductor group 1 tca 305 tca 355 tca 305 tca 355 bipolar ic features l lower open-loop current consumption; i s < 1 ma l lower output saturation voltage l the temperature dependence of the switching distance is lower and compensation of the resonant circuit tc (temperature coefficient) is easier l the sensitivity is higher, so that larger switching distances are possible and coils of a lower quality can be used l the switching hysteresis remains constant as regards temperature, supply voltage and switching distance l the tca 305 even functions without external integrating capacitor. with an external capacitor (or with rc combination) good noise immunity can be achieved l the outputs are temporarily short-circuit proof (approx. 10 s to 1 min depending on package) l the outputs are disabled when v s < approx. 4.5 v and are enabled when the oscillator stabilizes (from v s min = 5 v) l higher switching frequencies can be obtained l pb-free lead plating; rohs compliant proximity switch pg-dso-8-1 pg-dip-14-1 pg-dso-14-1 type ordering code tca 305 a q67000-a2291 package pg-dip-14-1 tca 305 gq67000-a2305pg-dso-14-1 (smd) tca 355 gq67000-a2444pg-dso-8-1 (smd) n n not for new design 02.05
semiconductor group 2 tca 305 tca 355 tca 305 a tca 305 g the devices tca 305 and tca 355 contain all the functions necessary to design inductive proximity switches. by approaching a standard metal plate to the coil, the resonant circuit is damped and the outputs are switched. operation schematic: see tca 205 the types tca 305 and tca 355 have been developed from the type tca 205 and are out- standing for the following characteristics: logic functions oscillator outputs q not damped damped h l l h tca 355 g pin configurations (top view)
semiconductor group 3 tca 305 tca 355 block diagram standard turn-on delay referred to t a = 25 ?c
semiconductor group 4 tca 305 tca 355 absolute maximum ratings operating range characteristics v s = 12 v, t a = e 25 to 85 ?c parameter symbol unit limit values supply voltage output voltage v s v q 35 35 output current i q ma 50 v v junction temperature storage temperature range t j t stg 150 e 55 to 125 ?c ?c thermal resistance system - air tca 305 a tca 305 g r th sa r th sa 85 (135) 2) 140 (200) 2) k/w k/w distance, hysteresis resistance r di , r hy w 0 capacitances c i , c d m f 5 supply voltage v s v 5 to 30 3) oscillator frequency f osc mhz 0.015 to 1.5 ambient temperature t a ?c e 25 to 85 parameter typ. min. max. unit test condition limit values symbol open-loop current consumption 0.6 0.9 (1.0) 2) ma outputs open i s reference voltage 1) l-output voltage per output 3.2 0.04 0.10 0.22 0.15 0.35 0.75 v v v v i ref < 10 m a i q l = 5 ma i q l = 25 ma i q l = 50 ma v ref v q l v q l v q l h-output current per output 10 m a v q h = 30 v i q h threshold at 3 hysteresis at 3 2.1 0.5 0.4 0.6 v v v s 3 v hy turn-on delay 1) 600 e 25 % e 25 % ms/ m f t a = 25 ?c t d on switching frequency w/o c i 5 khz f s 1) tca 305 only 2) values in parenthesis apply to tca 355 only 3) operation at voltages less than 5 v (between approx. 2.5 and 5 v) is possible, if v ref is connected to v s . in this case v ref is no longer internally stabilized. additionally, the pin "turn-on delay" is to be applied as follows: if no turn-on delay is needed, this pin has to be connected to v s . if, however, a turn-on delay is required, the charge current for d d has to be adjusted with an external resistor between this pin and v s (recommended value 390 k ). w
semiconductor group 5 tca 305 tca 355 schematic circuit diagram oscilator turn-on delay for tca 305 a; g integrating capacitor outputs
semiconductor group 6 tca 305 tca 355 application circuit
semiconductor group 7 tca 305 tca 355 l 0 , c 0 resonant circuit r hy hysteresis adjustment r di distance adjustment d temperature compensation of the resonant circuit; possibly with series resistance for the purpose of adjustment. the diode is not absolutely necessary. whether it is used or not depends on the temperature coefficient of the resonant circuit. r i ; c i integration element. at pin 3 (integrating capacitance) we recommend a capacitor of typ. 1 nf. to increase noise immunity this capacitor can be substituted by an rc circuit with, e.g., r i = 1 m and c i = 10 nf. c d delay capacitor dimensioning examples in accordance with cenelec standard (flush) w m 12 m 18 m 30 ferrite pot core number of turns cross section of wire l 0 c 0 (styroflex ) f osc sn r a (metal) c d m 33 (7.35 3.6) mm 100 0.1 cul 206 m h 1000 pf appr. 350 khz 4 mm 8.2 k + 330 100 nf w w n 22 (14.4 7.5) mm 80 20 0.05 268 m h 1.2 nf appr. 280 khz 8 mm 33 k 100 nf w n 22 (25 8.9) mm 100 10 0.1 585 m h 3.3 nf appr. 115 khz 15 mm 22 k + 2.7 k 100 nf w w


▲Up To Search▲   

 
Price & Availability of TCA30505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X