Part Number Hot Search : 
KCQ20A06 222M35 TC74LC UM82C01 10020 222M35 OM5201RT 1N4303
Product Description
Full Text Search
 

To Download SSM2211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  functional block diagram v out b in ? in + shutdown bypass v out a v? (gnd) bias rev. b information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. no license is granted by implication or otherwise under any patent or patent rights of analog devices. a low distortion 1.5 watt audio power amplifier SSM2211 * o ne technology way, p.o. box 9106, norwood. ma 02062-9106, u.s.a. tel: 781/329-4700 www.analog.com fax: 781/326-8703 ? analog devices, inc., 2002 features 1.5 w output 1 differential (btl 2 ) output single-supply operation: 2.7 v to 5.5 v functions down to 1.75 v wide bandwidth: 4 mhz highly stable, phase margin: >80 degrees low distortion: 0.2% thd @ 1 w output excellent power supply rejection applications portable computers personal wireless communicators hands-free telephones speakerphones intercoms musical toys and speaking games general description the SSM2211 is a high-performance audio amplifier that delivers 1 w rms of low distortion audio power into a bridge-connected 8 w speaker load, (or 1.5 w rms into 4 w load). it operates over a wide temperature range and is specified for single-supply voltages between 2.7 v and 5.5 v. when operating from batteries, it will continue to operate down to 1.75 v. this makes the SSM2211 the best choice for unregulated applications such as toys and games. featuring a 4 mhz bandwidth and distortion below 0.2 % thd @ 1 w, superior performance is delivered at higher power or lower speaker load impedance than competitive units. the low differential dc output voltage results in negligible losses in the speaker winding, and makes high value dc blocking ca- pacitors unnecessary. battery life is extended by using the shutdown mode, which reduces quiescent current drain to typically 100 na. * protected by u.s. patent no. 5,519,576 notes 1 1.5 w @ 4 w , 25 c ambient, <1% thd, 5 v supply, 4 layer pcb. 2 bridge tied load the SSM2211 is designed to operate over the C 20 c to +85 c temperature range. the SSM2211 is available in so-8 and lfcsp (lead frame chip scale package) surface mount packages. the so-8 features the patented thermal coastline lead frame (see figure 12). the advanced mechani cal packaging of the SSM2211 ensures lower chip temperature and enhanced performance relative to standard packaging options. an evalua- tion board is available upon request of your local analog device sales office. applications include personal portable computers, hands-free telephones and transceivers, talking toys, intercom systems and other low voltage audio systems requiring 1 w output power.
rev. b e2e SSM2211especifications electrical characteristics parameter symbol conditions min typ max unit general characteristics differential output offset voltage v oos a vd = 2 4 50 mv output impedance z out 0.1 w shutdown control input voltage high v ih i sy = < 100 m a 3.0 v input voltage low v il i sy = normal 1.3 v power supply power supply rejection ratio psrr v s = 4.75 v to 5.25 v 66 db supply current i sy v o1 = v o2 = 2.5 v 9.5 ma supply current, shutdown mode i sd pin 1 = v dd , see tpc 29 100 na dynamic performance gain bandwidth gbp 4 mhz phase margin ? 0 86 degrees audio performance total harmonic distortion thd + n p = 0.5 w into 8 w , f = 1 khz 0.15 % total harmonic distortion thd + n p = 1.0 w into 8 w , f = 1 khz 0.2 % voltage noise density e n f = 1 khz 85 nv hz h h h h h h h hz h h h h h h h hz
SSM2211 rev. b e3e absolute maximum ratings 1, 2 supply voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 v input voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . v dd common mode input voltage . . . . . . . . . . . . . . . . . . . . . . v dd esd susceptibility . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2000 v storage temperature range . . . . . . . . . . . .
frequency ? hz thd + n ? % 10 1 0.01 20 100 20k 1k 10k 0.1  c b = 0 c b = 0.1  f c b = 1  f t a = 25  c v dd = 5v a vd = 2 (btl) r l = 8  p l = 500mw tpc 1. thd+n vs. frequency frequency ? hz thd + n ? % 10 1 0.01 20 100 20k 1k 10k 0.1  c b = 0 c b = 0.1  f c b = 1  f t a = 25  c v dd = 5v a vd = 2 (btl) r l = 8  p l = 1w tpc 4. thd+n vs. frequency p output ? w thd + n ? % 10 1 0.01 20n 0.1 2 0.1 1 t a = 25  c v dd = 5v a vd = 2 (btl) r l = 8  frequency = 20hz c b = 0.1  f tpc 7. thd+n vs. p output frequency ? hz thd + n ? % 10 1 0.01 20 100 20k 1k 10k 0.1 c b = 0.1  f c b = 1  f t a = 25  c v dd = 5v a vd = 20 (btl) r l = 8  p l = 500mw tpc 3. thd+n vs. frequency frequency ? hz thd + n ? % 10 1 0.01 20 100 20k 1k 10k 0.1 c b = 0.1  f c b = 1  f t a = 25  c v dd = 5v a vd = 20 (btl) r l = 8  p l = 1w tpc 6. thd+n vs. frequency p output ? w thd + n ?% 10 1 0.01 20n 0.1 2 0.1 1 t a = 25  c v dd = 5v a vd = 2 (btl) r l = 8  frequency = 20khz c b = 0.1  f tpc 9. thd+n vs. p output frequency ? hz thd + n ? % 10 1 0.01 20 100 20k 1k 10k 0.1  c b = 0 c b = 0.1  f c b = 1  f t a = 25  c v dd = 5v a vd = 10 (btl) r l = 8  p l = 500mw tpc 2. thd+n vs. frequency frequency ? hz thd + n ? % 10 1 0.01 20 100 20k 1k 10k 0.1 c b = 0 c b = 0.1  f c b = 1  f t a = 25  c v dd = 5v a vd = 10 (btl) r l = 8  p l = 1w tpc 5 . thd+n vs. frequency p output ? w thd + n ? % 10 1 0.01 20n 0.1 2 0.1 1 t a = 25  c v dd = 5v a vd = 2 (btl) r l = 8  frequency = 1khz c b = 0.1  f tpc 8. thd+n vs. p output SSM2211etypical performance characteristics rev. b e4e
SSM2211 rev. b e5e frequency ? hz thd + n ? % 10 1 0.01 20 100 20k 1k 10k 0.1  c b = 0 c b = 0.1  f c b = 1  f t a = 25  c v dd = 3.3v a vd = 2 (btl) r l = 8  p l = 350mw tpc 10. thd+n vs. frequency p output ? w thd + n ? % 10 1 0.01 20n 0.1 2 0.1 1 t a = 25  c v dd = 3.3v a vd = 2 (btl) r l = 8  frequency = 20hz c b = 0.1  f tpc 13. thd+n vs. p output frequency ? hz thd + n ? % 10 1 0.01 20 100 20k 1k 10k 0.1  c b = 0 c b = 0.1  f c b = 1  f t a = 25  c v dd = 2.7v a vd = 2 (btl) r l = 8  p l = 250mw tpc 16. thd+n vs. frequency frequency ? hz thd + n ? % 10 1 0.01 20 100 20k 1k 10k 0.1  c b = 0.1  f c b = 1  f t a = 25  c v dd = 3.3v a vd = 20 (btl) r l = 8  p l = 350mw tpc 12. thd+n vs. frequency p output ? w thd + n ? % 10 1 0.01 20n 0.1 2 0.1 1 t a = 25  c v dd = 3.3v a vd = 2 (btl) r l = 8  frequency = 20khz c b = 0.1  f tpc 15. thd+n vs. frequency frequency ? hz thd + n ? % 10 1 0.01 20 100 20k 1k 10k 0.1  c b = 0.1  f c b = 1  f t a = 25  c v dd = 2.7v a vd = 20 (btl) r l = 8  p l = 250mw tpc 18. thd+n vs. frequency frequency ? hz thd + n ? % 10 1 0.01 20 100 20k 1k 10k 0.1  c b = 0 c b = 0.1  f c b = 1  f t a = 25  c v dd = 3.3v a vd = 10 (btl) r l = 8  p l = 350mw tpc 11. thd+n vs. frequency p output ? w thd + n ? % 10 1 0.01 20n 0.1 2 0.1 1 t a = 25  c v dd = 3.3v a vd = 2 (btl) r l = 8  frequency = 1khz c b = 0.1  f tpc 14. thd+n vs. p output frequency ? hz thd + n ? % 10 1 0.01 20 100 20k 1k 10k 0.1  c b = 0 c b = 0.1  f c b = 1  f t a = 25  c v dd = 2.7v a vd = 10 (btl) r l = 8  p l = 250mw tpc 17. thd+n vs. frequency
p output ? w thd + n ? % 10 1 0.01 20n 0.1 2 0.1 1 t a = 25 c v dd = 2.7v a vd = 2 (btl) r l = 8 frequency = 20hz tpc 19. thd+n vs. p output frequency ? hz thd + n ? % 10 1 0.01 20 100 20k 1k 10k 0.1  r l = 32 p o = 60mw r l = 8 p o = 250mw t a = 25 c v dd = 5v a vd = 10 single ended c b = 0.1 f c c = 1000 f tpc 22. thd+n vs. frequency p output ? w thd + n ? % 10 1 0.01 20n 0.1 2 0.1 1 t a = 25 c a vd = 2 (btl) r l = 8 frequency = 20hz c b = 0.1 f v dd = 2.7v v dd = 5v v dd = 3.3v tpc 25. thd+n vs. p output p output ? w thd + n ? % 10 1 0.01 20n 0.1 2 0.1 1 t a = 25 c v dd = 2.7v a vd = 2 (btl) r l = 8 frequency = 20khz tpc 21. thd+n vs. p output frequency ? hz thd + n ? % 10 1 0.01 20 100 20k 1k 10k 0.1  r l = 32 p o = 15mw r l = 8 p o = 65mw t a = 25 c v dd = 2.7v a vd = 10 single ended c b = 0.1 f c c = 1000 f tpc 24. thd+n vs. frequency p output ? w thd + n ? % 10 1 0.01 20n 0.1 2 0.1 1 v dd = 2.7v v dd = 5v v dd = 3.3v t a = 25 c a vd = 2 (btl) r l = 8 frequency = 20khz c b = 0.1 f tpc 27. thd+n vs. p output p output ? w thd + n ? % 10 1 0.01 20n 0.1 2 0.1 1 t a = 25 c v dd = 2.7v a vd = 2 (btl) r l = 8 frequency = 1khz tpc 20. thd+n vs. p output frequency ? hz thd + n ? % 10 1 0.01 20 100 20k 1k 10k 0.1  r l = 32 p o = 20mw r l = 8 p o = 85mw t a = 25 c v dd = 3.3v a vd = 10 single ended c b = 0.1 f c c = 1000 f tpc 23. thd+n vs. frequency p output ? w thd + n ? % 10 1 0.01 20n 0.1 2 0.1 1 t a = 25 c a vd = 2 (btl) r l = 8 frequency = 1khz c b = 0.1 f v dd = 2.7v v dd = 5v v dd = 3.3v tpc 26. thd+n vs. p output SSM2211 rev. b ?
SSM2211 rev. b e7e temperature ?  c power dissipation ? w 1.5 1 0 ?20 0 100 20 40 60 80 0.5 t j, max = 150  c free air no heat sink soic  ja = 98  c/w tpc 28. maximum power dissipation vs. ambient temperature load resistance ?  output power ? w 1.6 0.6 0 48 48 12 16 20 24 28 32 36 40 44 1.4 0.8 0.4 0.2 1.2 1.0 5v 3.3v 2.7v tpc 31. p output vs. load resistance output offset voltage ? mv frequency 20 16 0 ?30 ?20 30 ?10 0 10 20 12 8 4 v dd = 3.3v sample size = 300 tpc 34. output offset voltage distribution supply voltage ? v supply current ? ma 14 0 01 6 2345 12 10 8 4 2 6 t a = 25  c r l = open tpc 30. supply current vs. supply vo ltage output offset voltage ? mv frequency 25 20 0 ?20 ?15 25 ?10 ?5 0 10 15 20 5 15 10 5 v dd = 2.7v sample size = 300 tpc 33. output offset voltage distribution supply current ? ma frequency 600 300 0 6789101112131415 500 400 200 100 v dd = 5.0v sample size = 1,700 tpc 36. supply current distribution shutdown voltage at pin 1 ? v supply current ?  a 10,000 8,000 0 05 1234 6,000 4,000 2,000 v dd = 5v tpc 29. supply current vs. shutdown voltage frequency ? hz gain ? db 80 ?60 ?80 ?40 ?20 0 20 40 60 100 1k 100m 10k 100k 1m 10m phase shift ? degrees 180 ?135 ?180 ?90 ?45 0 45 90 135 tpc 32. gain, phase vs. frequency (single amplifier) output offset voltage ? mv 20 16 0 ?30 ?20 30 ?10 0 10 20 12 8 4 v dd = 3.3v sample size = 300 output offset voltage ? mv frequency 20 16 0 ?30 ?20 30 ?10 0 10 20 12 8 4 v dd = 5.0v sample size = 300 tpc 35. output offset voltage distribution
SSM2211 rev. b e8e ration output to which a speaker can be connected. this bridge configuration offers the advantage of a more efficient power trans- fer from the input to the speaker. because both outputs are sym- metric, the dc bias at pins 5 and 8 are exactly equal, resulting in zero dc differential voltage across the outputs. this eliminates the need for a coupling capacitor at the output. thermal performance?soic the SSM2211 can achieve 1 w continuous output into 8 w in so ic , even at ambient temperatures up to 85 r c. this is due to a proprietary soic package from analog devices that makes use of an internal structure called a thermal coastline. the thermal coastline provides a more efficient heat dissipation from the die than in standard soic packages. this increase in heat dissipation allows the device to operate in higher ambient temperatures or at higher continuous output currents without overheating the die. for a standard soic package, typical junction to ambient temperature thermal resistance (  t a = 25  c v dd = 5v  100mv c b = 15 mf a vd = 2 ?65 ?60 ?55 ?50 tpc 37. psrr vs. frequency
SSM2211 rev. b e9e typical application SSM2211 a udio input speaker 8v r f c s 5v 2 7 1 8 5 6 4 3 ? + c c r i c b ? + figure 2. typical configuration figure 2 shows how the SSM2211 would be connected in a typical application. the SSM2211 can be configured for gain much like a standard op amp. the gain from the audio input to the speaker is: a r r v f i = 2 (1) the 2 f rc hp ic = 1 2 p (2) because the SSM2211 has an excellent phase margin, a feed- back capacitor in parallel with r f to band-limit the amplifier is not required, as it is in some competitor ? s products. bridged output vs. single ended output configurations the power delivered to a load with a sinusoidal signal can be ex- pressed in terms of the signal ? s peak voltage and the resistance of the load: p v r l pk l = 2 2 (3) by driving a load from a bridged output configuration, the volt- age swing across the load doubles. an advantage in using a bridged output configuration becomes apparent from equation 3 as doubling the peak voltage results in four times the power delivered to the load. in a typical application operating from a 5v supply, the maximum power that can be delivered by the SSM2211 to an 8 w speaker in a single ended configuration is 250 mw. by driving this speaker with a bridged output, 1 w of power can be delivered. this translates to a 12 db increase in sound pressure level from the speaker. driving a speaker differentially from a bridged output offers an- other advantage in that it eliminates the need for an output cou- pling capacitor to the load. in a single supply application, the quiescent voltage at the output is half of the supply voltage. if a speaker were connected in a single ended configuration, a cou- pling capacitor would be needed to prevent dc current from flowing through the speaker. this capacitor would also need to be large enough to prevent low frequency roll-off. the corner frequency is given by: f rc db lc - = 3 1 2 p (4) where r l is the speaker resistance and c c is the coupling ca pacitance for an 8 w speaker and a corner frequency of 20 hz, a 1000 m f capacitor would be needed, which is quite physically large and costly. by connecting a speaker in a bridged output configura- tion, the quiescent differential voltage across the speaker becomes nearly zero, eliminating the need for the coupling capacitor. speaker efficiency and loudness the effective loudness of 1 w of power delivered into an 8 w speaker is a function of the efficiency of the speaker. the effi- ciency of a speaker is typically rated as the sound pressure level (spl) at 1 meter in front of the speaker with 1 w of power applied to the speaker. most speakers are between 85 db and 95 db spl at 1 meter at 1 w. table i shows a comparison of the relative loudness of different sounds. table i. typical sound pressure levels source of sound db spl threshold of pain 120 heavy street traffic 95 cabin of jet aircraft 80 average conversation 65 average home at night 50 quiet recording studio 30 threshold of hearing 0 it can easily be seen that 1 w of power into a speaker can pro- duce quite a bit of acoustic energy. power dissipation another important advantage in using a bridged output configu- ration is the fact that bridged output amplifiers are more effi- cient than single ended amplifiers in delivering power to a load. efficiency is defined as the ratio of power from the power supply to the power delivered to the load: h = ? ? ? p p l sy an amplifier with a higher efficiency has less internal power dis- sipation, which results in a lower die-to-case junction tempera-
SSM2211 rev. b e10e ture, as compared to an amplifier that is less efficient. this is important when considering the amplifier device ? s maximum power dissipation rating versus ambient temperature. an inter- nal power dissipation versus output power equation can be de- rived to fully understand this. the internal power dissipation of the amplifier is the internal voltage drop multiplied by the average value of the supply cur- rent. an easier way to find internal power dissipation is to take the difference between the power delivered by the supply voltage source and the power delivered into the load. the waveform of the supply current for a bridged output amplifier is shown in figure 3. i dd, avg time t t v out v peak i sy i dd, peak time figure 3. bridged amplifier output voltage and supply current vs. time by integrating the supply current over a period t, then dividing the result by t, i dd,avg can be found. expressed in terms of peak output voltage and load resistance: i v r dd avg peak l , = 2 p (5) therefore power delivered by the supply, neglecting the bias cur- rent for the device is: p vv r sy dd peak l = 2 p (6) now, the power dissipated by the amplifier internally is simply the difference between equation 6 and equation 3. the equa- tion for internal power dissipated, p diss , expressed in terms of power delivered to the load and load resistance is: p v r pp diss dd l ll = - 22 p (7) the graph of this equation is shown in figure 4. output power ? w 1.5 0 01.5 power dissipation ? w 0.5 1.0 1.0 0.5 v dd = 5v r l = 4  r l = 8  r l = 16  figure 4. power dissipation vs. output power with v dd =5v because the efficiency of a bridged output amplifier (equation 3 divided by equation 6) increases with the square root of p l , the power dissipated internally by the device stays relatively flat, and will actually decrease with higher output power. the maximum power dissipation of the device can be found by differentiating equation 7 with respect to load power, and setting the derivative equal to zero. this yields: x x p p p v r p diss l dd l l = -= - 2 10 1 2 (8) and this occurs when: p v r diss max dd l , = 2 2 2 p (9) using equation 9 and the power derating curve in tpc 28, the maximum ambient temperature can be easily found. this in- sures that the SSM2211 will not exceed its maximum junction temperature of 150 r c. the power dissipation for a single ended output application where the load is capacitively coupled is given by: x p p v r pp diss dd l ll = - 22 (10) the graph of equation 10 is shown in figure 5.
SSM2211 rev. b e11e output power ? w 0.35 0.30 0 00.4 0.1 power dissipation ? w 0.2 0.3 0.20 0.15 0.10 0.05 0.25 v dd = 5v r l = 4  r l = 8  r l = 16  figure 5. power dissipation vs. single ended output power with (v dd = 5 v) the maximum power dissipation for a single ended output is: p v r diss max dd l , = 2 2 2 p (11) output voltage headroom the outputs of both amplifiers in the SSM2211 can come to within 400 mv of either supply rail while driving an 8 w load. as compared to other competitors ? equivalent products, the SSM2211 has a higher output voltage headroom. this means that the SSM2211 can deliver an equivalent maximum output power while running from a lower supply voltage. by running at a lower supply voltage, the internal power dissipation of the de- vice is reduced, as can be seen from equation 9. this extended output headroom, along with the thermal coastline package, allows the SSM2211 to operate in higher ambient temperatures than other competitors ? devices. the SSM2211 is also capable of providing amplification even at supply voltages as low as 1.7 v. the maximum power available at the output is a function of the supply voltage. therefore, as the supply voltage decreases, so does the maximum power out- put from the device. figure 6 shows the maximum output power versus supply voltage at various bridged-tied load resistances. the maximum output power is defined as the point at which the output has 1% thd. supply voltage ? v 0 1.5 5.0 2.0 max p out @ 1% thd ? w 2.5 3.0 3.5 4.0 4.5 1.6 1.0 0.8 0.4 0.2 1.4 1.2 0.6 r l = 4  r l = 8  r l = 16  figure 6. maximum output power vs. v sy to find the minimum supply voltage needed to achieve a speci- fied maximum undistorted output power, simply use figure 6. for example, an application requires only 500 mw to be output for an 8 w speaker. with the speaker connected in a bridged out- put configuration, the minimum supply voltage required is 3.3 v. shutdown feature the SSM2211 can be put into a low power consumption shut- down mode by connecting pin 1 to 5 v. in shutdown mode, the SSM2211 has an extremely low supply current of less than 10 na. this makes the SSM2211 ideal for battery powered applications. pin 1 should be connected to ground for normal operation. connecting pin 1 to v dd will mute the outputs and put the SSM2211 into shutdown mode. a pull-up or pull-down resistor is not required. pin 1 should always be connected to a fixed poten- tial, either v dd or ground, and never be left floating. leaving pin 1 unconnected could produce unpredictable results. automatic shutdown sensing circuit figure 7 shows a circuit that can be used to automatically take the SSM2211 in and out of shutdown mode. this circuit can be set to turn the SSM2211 on when an input signal of a certain amplitude is detected. the circuit will also put the SSM2211 into its low-power shutdown mode once an input signal is not sensed within a certain amount of time. this can be useful in a variety of portable radio applications where power conservation is critical. SSM2211 v in v dd c2 r5 r6 r1 r3 r2 d1 c1 r4 r7 4 v dd op181 a2 18 5 note additional pins omitted for clarity r8 a1 ? + v dd figure 7. automatic shutdown circuit the input signal to the SSM2211 is also connected to the non- inverting terminal of a2. r1, r2, and r3 set the threshold voltage of when the SSM2211 will be taken out of shutdown m ode. d1 half-wave rectifies the output of a2, discharging c1 to ground when an input signal greater than the set threshold voltage is de tected. r4 controls the charge time of c1, which sets the time until the SSM2211 is put back into shutdown mode after the in put signal is no longer detected. r5 and r6 are used to establish a voltage reference point equal to half of the supply voltage. r7 and r8 set the gain of the SSM2211. d1 should be a 1n914 or equivalent diode and a2 should be a rail-to-rail output amplifier, such as an op181 or equivalent. this will ensure that c1 will discharge sufficiently to bring the SSM2211 out of shutdown mode.
SSM2211 rev. b e12e to find the appropriate component values, first the gain of a2 must be determined by: a v v vmin sy ths , = (12) where, v sy is the single supply voltage and v ths is the threshold voltage. a v should be set to a minimum of 2 for the circuit to work prop- erly. next choose r1 and set r2 to: rr a v 211 2 =- ? ? ? (13) find r3 as: r rr rr a v 3 12 12 1 = + - () (14) c1 can be arbitrarily set but should be small enough to not cause a2 to become capacitively overloaded. r4 and c1 will control the shutdown rate. to prevent intermittent shutdown with low frequency input signals, the minimum time constant should be: rc f low 41 10 u (15) where, f low is the lowest input frequency expected. shutdown circuit design example in this example a portable radio application requires the SSM2211 to be turned on when an input signal greater than 50 mv is detected. the device should return to shutdown mode within 500 ms after the input signal is no longer detected. the lowest frequency of interest is 200 hz, and a 5 v supply is being used. the minimum gain of the shutdown circuit from equation 12 is a v = 100. r1 is set to 100 k w , and using equation 13 and equation 14, r2 = 98 k w and r3 = 4.9 m w . c1 is set to 0.01 m f, and based on equation 15, r4 is set to 10 m w . to minimize power supply current, r5 and r6 are set to 10 m w . the above procedure will provide an adequate starting point for the shutdown circuit. some component values may need to be adjusted empirically to optimize performance. turn on popping noise during power-up or release from shutdown mode, the midrail bypass capacitor, c b , determines the rate at which the SSM2211 starts up. by adjusting the charging time constant of c b , the start-up pop noise can be pushed into the sub-audible range, greatly reducing startup popping noise. on power-up, the midrail bypass capacitor is charged through an effective resis- tance of 25 k w . to minimize start-up popping, the charging time constant for c b should be greater than the charging time constant for the input coupling capacitor, c c . ckcr bci w> 25 (16) for an application where r1 = 10 k w and c c = 0.22 m f, the midrail bypass capacitor, c b , should be at least 0.1 m f to mini- mize start-up popping noise. SSM2211 amplifier design example given: maximum output power 1 w input impedance 20 k w load impedance 8 w input level 1 v rms bandwidth 20 hz ? 20 khz 0.25 db the configuration shown in figure 2 will be used. the first thing to determine is the minimum supply rail necessary to ob- tain the specified maximum output power. from figure 6, for 1w of output power into an 8 w load, the supply voltage must be at least 4.6 v. a supply rail of 5 v can be easily obtained from a voltage reference. the extra supply voltage will also al- low the SSM2211 to reproduce peaks in excess of 1 w without clipping the signal. with v dd =5v and r l =8 w , equation 9 shows that the maximum power dissipation for the SSM2211 is 633 mw. from the power derating curve in tpc 28, the ambi- ent temperature must be less than 85 r c. the required gain of the amplifier can be determined from equation 17: a pr v v ll in rms == , . 28 (17) from equation 1, r r a fv 12 = , or rr f = 14 1 . . since the de sired input impedance is 20 k w , r 1=20k w and r2 = 28 k w . the final design step is to select the input capacitor. because adding an input capacitor, c c , high pass fi lter, the corner frequency needs to be far enough away for the design to meet the bandwidth criteria. for a 1st order filter to achieve a passband response within 0.25 db, the corner frequency should be at least 4.14 times away from the passband frequency. so, (4.14 c k hz c > w () ? ? ? 1 220 20 414 p . (18) so c c > 1.65 m f. using a 2.2 m f is a practical choice for c c . the gain-bandwidth product for each internal amplifier in the SSM2211 is 4 mhz. because 4 mhz is much greater than 4.14  20 khz, the design will meet the upper frequency band- width criteria. the SSM2211 could also be configured for higher differential gains without running into bandwidth limitations. equation 16 shows an appropriate value for c b to reduce start- up popping noise: c fk k f b > m () w () w =m 22 20 25 176 . . (19) selecting c b to be 2.2 m f for a practical value of capacitor will minimize start-up popping noise.
SSM2211 rev. b e13e to summarize the final design: v dd 5v r1 20 k w r f 28 k w c c 2.2 m f c b 2.2 m f max. t a 85 r c single ended applications there are applications where driving a speaker differentially is not practical. an example would be a pair of stereo speakers where the minus terminal of both speakers is connected to ground. figure 8 shows how this can be accomplished. SSM2211 a udio input 250mw speaker (8  ) 5v 2 7 1 8 5 6 4 3 0.1  f 0.47  f 470  f + ? + ? 10k  10k  figure 8. a single ended output application it is not necessary to connect a dummy load to the unused output to help stabilize the output. the 470 m f coupling capacitor cre- ates a high pass frequency cutoff as given in equation 4 of 42 hz, which is acceptable for most computer speaker applications. the overall gain for a single ended output configuration is a v = r f /r1, which for this example is equal to 1. driving two speakers single endedly it is possible to drive two speakers single endedly with both out- puts of the SSM2211. SSM2211 a udio input right speaker (8  ) 5v 2 7 1 8 5 6 4 3 0.1  f 1  f 470  f + ? + ? 20k  20k  left speaker (8  ) 470  f ? + figure 9. SSM2211 used as a dual speaker amplifier each speaker is driven by a single ended output. the trade-off is that only 250 mw sustained power can be put into each speaker. also, a coupling capacitor must be connected in series with each of the speakers to prevent large dc currents from flowing through the 8 w speakers. these coupling capacitors will produce a high pass filter with a corner frequency given by equation 4. for a speaker load of 8 w and a coupling capacitor of 470 m f, this results in a ? 3d b frequency of 42 hz. because the power of a single ended output is one quarter that of a bridged output, both speakers together would still be half as loud ( ? 6 db spl) as a single speaker driven with a bridged output. the polarity of the speakers is important, as each output is 180 r out of phase with the other. by connecting the minus terminal of speaker 1 to pin 5, and the plus terminal of speaker 2 to pin 8, proper speaker phase can be established. the maximum power dissipation of the device can be found by doubling equation 11, assuming both loads are equal. if the loads are different, use equation 11 to find the power dissipa- tion caused by each load, then take the sum to find the total power dissipated by the SSM2211. evaluation board an evaluation board for the SSM2211 is available. contact your local sales representative or call 1-800-analogd for more in- formation. a udio input v+ 8 4 SSM2211 5 3 2 1 v 02 6 j1 j2 c 1 0.1  f 7 c in 1  f vol ume 20k  pot. cw on shutdown r1 51k  + + r in 20k  r f 20k  v 01 r l 1w 8  c 2 10  f c 1 0.1  f figure 10. evaluation board schematic the voltage gain of the SSM2211 is given by equation 20 below: a r r v f in = 2 (20) if desired, the input signal may be attenuated by turning the 10 k w potentiometer in the cw direction. c in isolates the input common mode voltage (v+/2) present at pin 2 and 3. with v +=5v, there is 2.5 v common-mode voltage present at both output terminals v o1 and v o2 as well. caution: the ground lead of the oscilloscope probe, or any other instrument used to measure the output signal, must not be connected to either output, as this would short out one of the amplifier ? s outputs and possibly damage the device. a safe method of displaying the differential output signal using a grounded scope is shown in figure 11. simply connect the chan- nel a probe to v o2 terminal post, connect the channel b probe to v o1 post, invert channel b and add the two channels together. most multichannel oscilloscopes have this feature built in. if you must connect the ground lead of the test instrument to either out- put signal pins, a power line isolation transformer must be used to isolate the instrument ground from power supply ground.
SSM2211 rev. b e14e recall that vpr = , so for p o =1w and r l =8 w , v= 2.8 v rm s, or 8 v p-p. if the available input signal is 1.4 v rm s or more, use the board as is, with r f =r i =20k w . if more gain is needed, increase the value of r f to obtain the desired gain. when you have determined the closed-loop gain required by your source level, and can develop 1 w across the 8 w load re- sistor with the normal input signal level, replace the resistor with your speaker. your speaker may be connected across the v o1 and v o2 posts for bridged mode operation only after the 8 w load resistor is removed. for no phase inversion, v o2 should be connected to the (+) terminal of the speaker. 8 SSM2211 5 v o2 gnd ch a ch b probes ch b inv. on display a+b oscilloscope 2.5v common mode v o1 8  1w figure 11. using an oscilloscope to display the bridged output voltage to use the SSM2211 in a single ended output configuration, replace j1 and j2 jumpers with electrolytic capacitors of a suit- able value, with the negative terminals to the output termi- nals v o1 and v o2 . the single ended loads may then be returned to ground. note that the maximum output power is reduced to 250 mw, one quarter of the rated maximum, due to the maxi- mum swing in the non-bridged mode being one-half, and power being proportional to the square of the voltage. for frequency response down 3 db at 100 hz, a 200 m f capacitor is required with 8 w speakers. the SSM2211 evaluation board also comes with a shut- down switch which allows the user to switch between on (normal operation) and the power conserving shutdown mode. printed circuit board layout consideration?soic all surface mount packages rely on the traces of the pc board to conduct heat away from the package. in standard packages, the dominant component of the heat re- sistance path is the plastic between the die attach pad and the individual leads. in typical thermally enhanced packages, one or more of the leads are fused to the die attach pad, significantly decreasing this component. to make the improvement mean- ingful, however, a significant copper area on the pcb must be attached to these fused pins. the patented thermal coastline lead frame design used in the SSM2211 (figure 12) uniformly minimizes the value of the dominant portion of the thermal resistance. it ensures that heat is conducted away by all pins of the package. this yields a very low, 98 r c/w, thermal resistance for an so-8 package, without any special board layer requirements, relying on the normal traces connected to the leads. the thermal resistance can be de- creased by approximately an additional 10% by attaching a few square cm of copper area to the ground pins. it is recommended that the solder mask and/or silk screen on the pcb traces adja- cent to the SSM2211 pins be deleted, thus reducing further the junction to ambient thermal resistance of the package. copper paddle 1 2 3 4 8 7 6 5 copper lead-frame figure 12. thermal coastline printed circuit board layout consideration?lfcsp the lfcsp is a plastic encapsulated package with a copper leadframe substrate. this is a leadless package with solder lands on the bottom surface of the package instead of conventional formed perimeter leads. a key feature that allows the user to r eac h the quoted micro leadframe (mlf) packages. ? this can be downloaded from the amkor technology website, www.amkor.com, as a product application note.
SSM2211 rev. b ?5 outline dimensions 8-lead standard small outline package [soic] narrow body (rn-8) dimensions shown in millimeters and (inches) 0.25 (0.0098) 0.19 (0.0075) 1.27 (0.0500) 0.41 (0.0160) 0.50 (0.0196) 0.25 (0.0099) 45 8 0 1.75 (0.0688) 1.35 (0.0532) seating plane 0.25 (0.0098) 0.10 (0.0040) 85 4 1 5.00 (0.1968) 4.80 (0.1890) 4.00 (0.1574) 3.80 (0.1497) 1.27 (0.0500) bsc 6.20 (0.2440) 5.80 (0.2284) 0.51 (0.0201) 0.33 (0.0130) coplanarity 0.10 controlling dimensions are in millimeters; inch dimensions (in parentheses) are rounded-off millimeter equivalents for reference only and are not appropriate for use in design compliant to jedec standards ms-012aa 8-lead frame chip scale package [lfcsp] 3 x 3 mm body (cp-8) dimensions shown in millimeters 1 bottom view 0.50 bsc 0.60 max pin 1 indicator 1.50 ref 0.50 0.40 0.30 0.25 min 0.45 2.75 bsc sq top view 12 max 0.70 max 0.65 nom seating plane pin 1 indicator 0.90 max 0.85 nom 0.30 0.23 0.18 0.05 max 0.01 nom 0.20 ref 1.90 1.75 1.60 2 1.60 1.45 1.30 3.00 bsc sq dimensions shown are in millimeters
c00358e0e10/02(b) printed in u.s.a. e16e revision history location page 10/02edata sheet changed from rev. a to rev. b deleted 8-lead pdip . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . universal updated outline dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 5/02edata sheet changed from rev. 0 to rev. a edits to general description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 edits to package type . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 edits to ordering guide . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 edits to product overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 edits to printed circuit board layout consideration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 added section printed circuit board layout consideration ? lfcsp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 SSM2211 rev. b


▲Up To Search▲   

 
Price & Availability of SSM2211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X