Part Number Hot Search : 
ML120 INTERNA LTC372 MB905 KSP94 1206H SMCJ33C TM6203
Product Description
Full Text Search
 

To Download SSA34 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  30v-40v 3.0a ssa33l and SSA34 1 of 2 web site: www.taychipst.com features e-mail: sales@taychipst.com maximum ratings and electrical characteristics m e c h a n i c a l d a t a ? low power loss, high efficiency ? low profile surface mount package ? built-in strain relief ? for use in low voltage high frequency inverters, free wheeling, and polarity protection applications ? guardring for overvoltage protection ? plastic package has underwriters laboratory flammability classification 94v-0 case: jedec do-214ac molded plastic body terminals: solder plated, solderable per mil-std750, method 2026 high temperature soldering guaranteed: 250c/10 seconds at terminals polarity: color band denotes cathode end weight: 0.002 ounce, 0.064 gram high-current density surface mount schottky rectifier maximum ratings and thermal characteristics (t a = 25? unless otherwise noted) parameter symbol ssa33l SSA34 unit device marking code 33l s34 v maximum repetitive peak reverse voltage v rrm 30 40 v maximum rms voltage v rms 21 28 v maximum dc blocking voltage v dc 30 40 v maximum average forward rectified current at t l (see fig. 1) i f(av) 3.0 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 75 a typical thermal resistance (2) r ja 110 r jl 28 ?/w voltage rate of change (rated v r ) dv/dt 10,000 v/s operating junction temperature range t j -65 to +150 ? storage temperature range t stg -65 to +150 ? electrical characteristics (t a = 25? unless otherwise noted) parameter symbol typ. max. typ. max. unit maximum instantaneous t j =25? v f 0.43 0.45 0.46 0.49 v forward voltage at 3.0a (1) t j =125? 0.34 0.38 0.38 0.42 maximum dc reverse current t j =25? 0.5 0.2 at rated dc blocking voltage (1) t j =125? i r 20 35 17 30 ma notes : (1) pulse test: 300 s pulse width, 1% duty cycle (2) aluminum substrate mounted
ssa33l and SSA34 ratings and characteristic curves ssa33l and SSA34 2 of 2 e-mail: sales@taychipst.com web site: www.taychipst.com 1 10 100 0 20 40 60 80 fig. 3 ?typical instantaneous forward characteristics fig. 5 ?typical junction capacitance number of cycles at 60 h z reverse voltage (v) peak forward surge current (a) 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 025 50 75 100 125 150 fig. 1 ?forward current derating curve average forward current (a) lead temperature ( c) fig. 2 ?maximum non-repetitive peak forward surge current 0.01 0.1 0.2 0.4 0.6 0.8 1.0 0 1 10 100 instantaneous forward voltage (v) instantaneous forward current (a) 020 60 40 100 80 0.001 0.01 1 0.1 10 100 fig. 4 ?typical reverse characteristics instantaneous reverse current (ma) percent of rated peak reverse voltage (%) pf - junction capacitance 1 10 100 100 1000 10 ssa33l SSA34 ssa33l SSA34 ssa33l SSA34 ssa33l SSA34 t j = 150 c t j = 150 c t j = 125 c t j = 25 c t j = 125 c t j = 25 c t j = 25 c f = 1.0 mh z vsig = 50mvp-p 30v-40v 3.0a high-current density surface mount schottky rectifier


▲Up To Search▲   

 
Price & Availability of SSA34

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X