Part Number Hot Search : 
TS3V339 1E330 03GEEG3E DSPIC33 P4000TA SR205 220M4 1N4128D
Product Description
Full Text Search
 

To Download SMF507C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente smf501c ~ SMF507C 50 v ~ 1000 v 5.0 amp surface mount silicon fast recovery rectifiers 24-may-2011 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. a b e g d f c h rohs compliant product a suffix of ?-c? specifies halogen-free and rohs compliant features ? surface mount device ? high surge current capability ? low reverse current ? component in accordance to rohs 2002/95/ec mechanical data ? cases do-214ab(smc) ? case material molded plastic. ul flammability classification rating 94v-0 ? terminals lead free plating(tin finish) solderable per mil-std-202, method 208 ? polarity cathode band ? weight 0.231 grams(approximate) package information package mpq leader size smc 3k 13? inch maximum ratings and electrical characteristics (rating 25 c ambient temperature unless otherwise specified. singl e phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) part number parameter symbol smf 501c smf 502c smf 503c smf 504c smf 505c smf 506c smf 507c unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current i f 5 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 100 a maximum instantaneous forward voltage @ 5.0a v f 1.3 v t a =25c 10 maximum dc reverse current at rated dc blocking voltage t a =100c i r 100 a typical junction capacitance 1 c j 50 pf maximum reverse recovery time 2 trr 150 250 500 ns thermal resistance, junction to ambient r ja 50 c / w storage and operating temperature range t stg , t j -55~150 c notes: 1. measured at 1.0mhz and applied reverse voltage of 4.0v d.c. 2. measured with if=0.5a, ir=1a, irr=0.25a. smc millimete r millimete r ref. min. max. ref. min. max. a 2.750 3.250 e - 0.203 b 6.520 7.110 f 7.750 8.130 c 5.590 6.220 g 0.760 1.520 d 2.000 2.620 h 0.150 0.305
elektronische bauelemente smf501c ~ SMF507C 50 v ~ 1000 v 5.0 amp surface mount silicon fast recovery rectifiers 24-may-2011 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of SMF507C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X