Part Number Hot Search : 
LPD6803 P756E90 EL3021 MAX1537A 0MFFI01 0MFFI01 74ABT540 00BGI
Product Description
Full Text Search
 

To Download SFR102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) sfr101 - sfr107 1.0 amp. soft fast recovery rectifiers do-41 features  low forward voltage drop  high current capability  high reliability  high surge current capability  fast switching for high efficiency mechanical data  cases: molded plastic  epoxy: ul 94v-0 rate flame retardant  polarity: color band denotes cathode end  high temperature soldering guaranteed: 260 o c /10 seconds/.375?,(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension  maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol sfr 101 sfr 102 sfr 103 sfr 104 sfr 105 sfr 106 sfr 107 units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rec tified current .375?(9.5mm) lead length @t a = 55 o c i (av) 1.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 30 a maximum instantaneous forward voltage @ 1.0a v f 1.2 v maximum dc reverse current @ t a =25 o c at rated dc blocking voltage @ t a =125 o c i r 5.0 150 ua ua maximum reverse recovery time ( note 1 ) trr 120 200 350 ns typical junction capacitance ( note 2 ) cj 10 pf typical thermal resistance (note 3) r ja 65 o c/w operating temperature range t j -65 to +150 o c storage temperature range t stg -65 to +150 o c notes: 1. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1 mhz and applied reverse voltage of 4.0 volts d.c. 3. mount on cu-pad size 5mm x 5mm on p.c.b. weight: 0.35 gram http://www.luguang.cn mail:lge@luguang.cn
fig.5- typical forward characteristics instantaneous forward current. (a) 1.6 1.8 0.4 0.6 0.8 1.0 1.2 1.4 10 20 0.1 .01 .03 0.3 1.0 3.0 forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o fig.4- typical junction capacitance junction capacitance.(pf) 1 2 4 6 10 100 6040 20 reverse voltage. (v) tj=25 c 0 fig.3- maximum non-repetitive forward surge current peak forward surge current. (a) 10 8 12 46 40 20 100 8060 10 50 40 30 20 0 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.1- maximum forward current derating curve average forward current amperes 25 0 50 75 100 125 150 175 .50 0 .25 .75 1.0 ambient temperature. ( c) o single phase half wave 60hz resistive or inductive load 0.375"9.5mm) lead length 1 50 30 10 90 20 70 fig.6- reverse recovery time characteristic and test circuit diagram 50 noninductive  non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10 noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm ratings and characteristic curves fig.2- typical reverse characteristics per leg 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage. (%) 1000 100 10 1.0 0.1 tj=125 c 0 tj=25 c 0 tj=75 c 0 instantaneous reverse current .( a) sfr101 - sfr107 1.0 amp. soft fast recovery rectifiers tt.a.c aiea.c


▲Up To Search▲   

 
Price & Availability of SFR102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X