Part Number Hot Search : 
LM3844AD 1N527 ZVN0535A MLL5231B A324506 5962F 100505 2N7002K
Product Description
Full Text Search
 

To Download SA10-11SRWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsad2299 rev no: v.9 date: may/24/2007 page: 1 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000154 26mm (1.02 inch) single digit numeric display part number: SA10-11SRWA super bright red features z 1.02 inch digit height. z low current operation. z excellent character appearance. z high light output. z easy mounting on p.c. boards or sockets. z i.c. compatible. z mechanically rugged. z stanard : gray face, white segment. z rohs compliant. description the super bright red source color devices are made with gallium aluminum arsenide red light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), to lerance is 0.25(0.01")unless otherwise noted. 2. specifications are subject to change without notice.
spec no: dsad2299 rev no: v.9 date: may/24/2007 page: 2 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000154 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. SA10-11SRWA super bright red (gaalas) white diffused 12000 60000 common anode, rt. hand decimal description symbol parameter device typ. max. units test conditions peak peak wavelength super bright red 660 nm i f =20ma d [1] dominant wavelength super bright red 640 nm i f =20ma ? 1/2 spectral line half-width super bright red 20 nm i f =20ma c capacitance super bright red 45 pf v f =0v;f=1mhz v f [2] forward voltage per segment or (dp) super bright red 3.7 (1.85) 5.0 (2.5) v i f =20ma i r reverse current per segment or (dp) super bright red 10 (10) ua v r =10v (v r =5v) parameter super bright red units power dissipation per segment or (dp) 150 (75) mw dc forward current per segment or (dp) 30 (30) ma peak forward current [1] per segment or (dp) 155 (155) ma reverse voltage per segment or (dp) 10 (5) v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsad2299 rev no: v.9 date: may/24/2007 page: 3 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000154 super bright red SA10-11SRWA
spec no: dsad2299 rev no: v.9 date: may/24/2007 page: 4 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000154
spec no: dsad2299 rev no: v.9 date: may/24/2007 page: 5 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000154 packing & label specifications SA10-11SRWA


▲Up To Search▲   

 
Price & Availability of SA10-11SRWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X