Part Number Hot Search : 
2SK1500 7372Q PN5018 IK3052 IK3052 14600 12250 1608X7R
Product Description
Full Text Search
 

To Download RP43737RXXXXGTTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4 high power resistive products resistors mechanical specifications package: surface mount chips, chips, leaded chips, flanged substrate material: aluminum nitride process: thin film resistive material: tantalum terminals: silver cover: alumina mounting flange: 100% cu, ni or ag plated mechanical tolerance: 0.13 (0.005) smt and chip products, supplied on tape and reel non-magnetic (exception rp4 and rp5 style surface mount resistors) rohs compliant 0 20 40 60 80 100% +25?c -25?c 0?c -50?c 150?c 125?c 100?c 75?c +50?c heat sink temperature ( c) power dissipation rated safe operating range power derating avx introduces its line of high power resistive products. all products are designed and manufactured at our iso 9001 facilities. all products are qualified as per mil-prf-55342. electrical specifications resistance: 50 and 100 standard (10 - 200 available) resistance tolerance: 5% standard (2% available) power: 2 watts through 250 watts, 400 watts, 800 watts operating temperature range: -55oc to +150oc temperature coefficient: < 150 ppm/oc low capacitance
5 avx w l t wt lt la capacitance power max** part number* 0.25 (0.010) 0.25 (0.010) 0.13 (0.005) 0.13 (0.005) 0.13 (0.005) 0.13 (0.005) (pf) (watts) rp42010rxxxxgttr 2.54 (0.100) 5.08 (0.200) 1.02 (0.040) 2.29 (0.090) 0.76 (0.030) 2.41 (0.095) .95 pf 10w rp42525rxxxxgttr 6.22 (0.245) 6.22 (0.245) 1.02 (0.040) 3.05 (0.120) 1.02 (0.040) 2.79 (0.110) 1.85 pf 20w rp43725rxxxxgttr 6.35 (0.250) 9.53 (0.375) 1.02 (0.040) 3.05 (0.120) 1.27 (0.050) 4.95 (0.195) 3.0 pf 30w RP43737RXXXXGTTR 9.40 (0.370) 9.40 (0.370) 1.02 (0.040) 9.14 (0.360) 1.27 (0.050) 4.95 (0.195) 3.5 pf 40w rp52010rxxxxgttr 2.54 (0.100) 5.08 (0.200) 1.02 (0.040) 2.29 (0.090) 0.76 (0.030) C C 4w rp52525rxxxxgttr 6.22 (0.245) 6.22 (0.245) 1.02 (0.040) 3.05 (0.120) 1.02 (0.040) C C 6w rp53725rxxxxgttr 6.35 (0.250) 9.53 (0.375) 1.02 (0.040) 3.05 (0.120) 1.27 (0.050) C C 8w rp53737rxxxxgttr 9.40 (0.370) 9.40 (0.370) 1.02 (0.040) 9.14 (0.360) 1.27 (0.050) C C 10w high power resistive products resistors surface mount chip resistors ? rp4 and rp5 series general specifications resistance: 50 and 100 standard (contact factory for custom resistance values) resistive tolerance: 2% standard operating temp range: -55oc to +150oc temperature coefficient: <150 ppm/oc resistive elements: proprietary thin film substrate material: aluminum nitride terminals: silver over nickel rohs compliant reliability: mil-prf-55342 tape and reel specifications: see page 38 * xxxx denotes ohm value. ** test condition: chip soldered to a via patch on a 30-mil-thick rogers ro4350 board; land surfaces at 100oc; maximum rated po wer applied. specification: the resistance of the film shall change no more than 0.5% during and after a 1000-hr. burn-in per mil-prf-55342. wt w l la lt t top view rp4 series rp5 series side view bottom view overcoat wt w lt t l mm (inches) how to order rp4 avx series see chart above 2010 case size see chart above r type r = resistor t terminal t = silver over nickel xxxx value 0050 = 50 0100 = 100 g tolerance j = 5% g = 2% tr packaging tr = tape & reel contact factory for custom ratings and sizes. 0 20 40 60 80 100% +25?c -25?c 0?c -50?c 150?c 125?c 100?c 75?c +50?c heat sink temperature ( c) power dissipation rated safe operating range power derating


▲Up To Search▲   

 
Price & Availability of RP43737RXXXXGTTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X