Part Number Hot Search : 
SDR4430 SDR4430 AT24LC02 MH205 M35101 ILA19002 NSR2N M3501
Product Description
Full Text Search
 

To Download MUR460 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) do-201ad features  ideally suited for use in very high frequency switching power supplies, inverters and as free wheeling diodes  ultrafast recovery time for high efficiency  excellent high temperature switching  glass passivated junction mechanical data  cases: molded plastic  epoxy: ul 94v-0 rate flame retardant  polarity: color band denotes cathode  high temperature soldering guaranteed: 260 o c/10 seconds/.375,(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension  mounting position: any  weight: 1.2 grams, maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol mur420 mur440 MUR460 units maximum recurrent peak reverse voltage v rrm 200 400 600 v maximum rms voltage v rms 140 280 420 v maximum dc blocking voltage v dc 200 400 600 v maximum average forward rectified current .375(9.5mm) lead length (see fig. 1) i (av) 4.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 125 70 a maximum instantaneous forward voltage @ 4.0a v f 0.89 1.28 v maximum dc reverse current @ t c =25 o c at rated dc blocking voltage @ t c =125 o c (note 4) i r 5.0 150 10 250 ua ua maximum reverse recovery time ( note 2 ) trr 25 50 ns typical junction capacitance ( note 1 ) tj = 25 o c (fig. 5) cj 65 pf maximum forward recovery time tfr (if=1.0a, di/dt = 100a/us, rev. to 1.0v) t fr 25 50 ns typical thermal resistance (note 3) r ja 28 o c/w operating temperature range t j -65 to +150 o c storage temperature range t stg -65 to +150 o c notes: 1. measured at 1 mhz and applied reverse voltage of 4..0 volts d.c. 2. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 3. thermal resistance from junction to ambient, lead length = 1/2 on p.c. board with 1.5 x 1.5 copper surface. 4. pulse lest: tp = 300 us, duty cycle < 2%. mur420-MUR460 4.0 amp. ultrafast glass passivated rectifiers http://www.luguang.cn mail:lge@luguang.cn
ratings and characteristic curves (mur420 thru MUR460) fig.1- maximum forward current derating curve rofegareva tnerrucdeifitcerdraw )a(. ambient temperature. ( c) o 0 50 100 150 200 0 2.0 4.0 6.0 l = 1/2" pcb with 1.5" x 1.5" copper pads fig.5- typical junction capacitance perleg junction capacitance. (pf) reverse voltage. (v) 11 0 100 10 100 0.1 1000 tj=25 c f=1.0mhz vsig=50m vp-p 0 instantaneous reverse leakage current percent of rated peak reverse voltage. (%) fig.4- typicsl reverse characteristics 0 0.001 0.01 0.1 1 10 100 1000 20 40 60 80 100 (a) tj=100 c 0 tj=25 c 0 instantaneous forward current. (a) fig.3- typical instantaneous forward characteristics instantaneous forward voltage. (v) 0 0.4 0.8 1.2 2.0 0.01 10 100 1.6 0.1 1 tj=25 c 0 mur420 mur440-60 fig.2- maximum non-repetitive forward surge current peak forward surge current. (a) number of cycles at 60hz 1 10 150 125 100 75 50 25 100 mur420 mur440-60 fig.6- reverse recovery time characteristic and test circuit diagram 50 noninductive  non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10 noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm mur420-MUR460 4.0 amp. ultrafast glass passivated rectifiers


▲Up To Search▲   

 
Price & Availability of MUR460

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X