Part Number Hot Search : 
KSM540 TM5136 RPGBII00 NUMAKER SD103R LA7605M MM1564A LY62L
Product Description
Full Text Search
 

To Download MP1010M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m p 1 0 m s e r i e s 10 a mp s ep ox y br idg e re ct ifi er 10 a mp s ep ox y br idg e re ct ifi er m a x i m u m r a t i n g s a n d e l e c t r i c a l c h a r a c t e r i s t i c s 0 r a t i n g s a t 2 5 c a m b i e n t t e m p e r a t u r e u n l e s s o t h e r w i s e s p e c i f i e d . s i n g l e p h a s e , h a l f w a v e , 6 0 h z , r e s i s t i v e o r i n d u c t i v e l o a d . f o r c a p a c i t i v e l o a d , d e r a t e c u r r e n t b y 2 0 % . features 0 10 amps forward current at tc+80 c 100 amps peak one half cycle surge current 2000 volts minimum circuit-to-case insulation case:moldedd plastic with heatsink interally mounted in the bridge encapsulation eletrically isolated metal case for maximum heat dissipation mounting: thru hole for #6 screw ul recognized file # e149311 c h e n g - y i c h e n g - y i el ec t r o n ic volt age range 50 to 1000 vol ts prv current 10 amperes mp1005 m mp101 m mp102 m mp104 m mp106m mp108m MP1010M maximum average forward 0 t output current @ =25 c a maximum recurrent peak reverse voltage v rrm v rms v (av) i fsm v f t j t stg i r maximum rms bridge input voltage operating temperature range storage temperature range peak forward surge current 8.3 ms single half sine-wavesuperimposed on rated load maximum dc forward voltage drop per element at 5.0a dc 0 t maximum dc reverse current at rated @ =25 c a dc blocking voltage per element u n i t s 5 0 1 0 0 2 0 0 4 0 0 6 0 0 8 0 0 1 0 0 0 v v a 0 c 0 c a a v 3 5 7 0 1 4 0 2 8 0 4 2 0 5 6 0 7 0 0 1 0 - 5 5 t o + 1 2 5 - 5 5 t o + 1 5 0 1 0 2 0 0 1 . 1 *(plastic case & metal base)
rating and characteristics curves mp10m series m p 1 0 m s e r i e s 10 a mp s ep ox y br idg e re ct ifi er 10 a mp s ep ox y br idg e re ct ifi er c h e n g - y i c h e n g - y i el ec t r o n ic number of cycles at 60 hz fig.1 - maximum nun-repetitive forward surge current p e a k f o r w a r d s u r g e c u r r e n t . ( a ) 0 case temperature, ( c) a v e r a g e f o r w a r d c u r r e n t . ( a ) 0 2 4 6 8 1 0 50 150 100 fig.2 - typical forward current derating curve 50 0 100 150 200 250 10 1 100 fig.3 - typical instant aneous forward characteristics i n s t a n t a n e o u s f o r w a r d c u r r e n t . ( a ) instant aneous forward volt age, (v) .01 .1 1.0 10 100 0.6 0.8 0.9 0.7 1.0 1.2 1.1 1.3 0 t =2 5 c j pulse width-300 s 1% dety cycle fig.4 - typical reverse characteristics i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( a ) percent of rated peak reverse volt age, (%) .01 0.1 1.0 10 0 20 100 60 140 40 120 80 0 t =2 5 c j


▲Up To Search▲   

 
Price & Availability of MP1010M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X