Part Number Hot Search : 
15015 LT111 6P45S 05D15 05D15 C74HC0 SLA3006M CMPT5401
Product Description
Full Text Search
 

To Download MMBT3904LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m mbt3904 lt1 n pn ep i t a x i al pla n ar t r a n si s t or descrip t i on t h e m m b t 3 9 04 lt1 i s des i g ned f or g e n e r al pu r pose s w i tch i ng a m p l i f i er applications. absolute maximum ratings ? maximum temperatures storage temperature............................................................................................... -65~+150 c junction temperature......................................................................................................+150 c ? maximum power dissipation total power dissipation (ta=25 c) ............................................................................... 250 mw ? maximum voltages and currents (ta=25 c) vcbo collector to base voltage ......................................................................................... 60 v vceo collector to emitter voltage ...................................................................................... 40 v vebo emitter to base voltage .............................................................................................. 6 v ic collector current ....................................................................................................... 200 ma characteristics (ta=25 c) symbol min. typ. max. unit test conditions bvcbo 60 - - v ic=10ua bvceo 40 - - v ic=1ma bvebo 6 - - v ic=10ua icex - - 50 na vce=30v, vbe=-3v vce(sat)1 - - 200 mv ic=10ma, ib=1ma vce(sat)2 - - 300 mv ic=50ma, ib=5ma vbe(sat)1 650 - 850 mv ic=10ma, ib=1ma vbe(sat)2 - - 950 mv ic=50ma, ib=5ma hfe1 40 - - vce=1v, ic=0.1ma hfe2 70 - - vce=1v, ic=1ma hfe3 100 - 300 vce=1v, ic=10ma hfe4 60 - - vce=1v, ic=50ma hfe5 30 - - vce=1v, ic=100ma ft 300 - - mhz vce=20v, ic=10ma, f=100mhz cob - - 4 pf vcb=5v, f=1mhz tiger electronic co.,ltd tiger electronic co.,ltd
characteristics curve current gain & collector current 10 100 1000 0.1 1 10 100 1000 collector current (ma) hfe v ce =1v saturation voltage & collector current 10 100 1000 10000 0.1 1 10 100 1000 collector current (ma) saturation voltage (mv) v ce( s at) @ i c =10i b v be(sat) @ i c =10i b capacitance & reverse-biased voltage 0.1 1 10 0.1 1 10 100 reverse biased voltage (v) capacitance (pf) cob cutoff frequency & collector current 10 100 1000 0.1 1 10 100 collector current (ma) cutoff frequency (mhz) v ce =20v safe operating area 0.001 0.01 0.1 1 10 100 1000 10000 1 10 100 forward biased voltage-v ce (v) collector current-i c (ma) pt=1ms pt=100ms pt=1s tiger electronic co.,ltd tiger electronic co.,ltd
sot-23 dimension *:typical inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.1102 0.118 2.80 3.00 j 0.0035 0.0043 0.09 0.11 b 0.0550 0.0630 1.40 1.60 k 0.0128 0.0266 0.32 0.67 c 0.0354 0.0512 0.90 1.30 l 0.0335 0.0453 0.85 1.15 d 0.0118 0.0197 0.30 0.50 s 0.0886 0.1083 2.25 2.75 g 0.0669 0.0910 1.70 2.30 v 0.0098 0.0256 0.25 0.65 h - 0.0040 - 0.10 h j k d a l g v c b 3 21 s style : pin 1.base 2.emitter 3.collector 3-lead sot-23 plastic surface mounted package marking : 1am tiger electronic co.,ltd tiger electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of MMBT3904LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X