Part Number Hot Search : 
575L10CA 6EEJ8 C0805C1 BUK76 2SA81 HAT2195 ST8016 15EJHS8
Product Description
Full Text Search
 

To Download MB220F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page . 1 march 07,2012-rev.00 MB220F features ? plastic package has underwriters laboratory flammability classification 94v-o ? for surface mounted applications ? low profile package ? built-in strain relief ? metal to silicon rectifier. majority carrier conduction ? low power loss,high efficiency ? high surge capacity ? for use in low voltage high frequency inverters, free wheeling, and polarity protection applications ? lead free in comply with eu rohs 2002/95/ec directives. ? green molding compound as per iec61249 std. . (halogen free) mechanical data ? case: smbf molded plastic ? terminals: solder plated, solderable per mil-std-750,method 2026 ? approx. weight: 0.0018 ounces, 0.05 grams ? polarity : color band denotes cathode end surface mount schottky barrier rectifier notes : 1. mounted on 48cm 2 fr-4 pcb. voltage 200 volts 2 amperes current 1 2 cathode anode maximum ratings (t a =25 o c unless otherwise noted) parameter symbol units re current peak reverse voltage v rrm 200 v rms voltage v rms 140 v dc blocking voltage v r 200 v average forward current i f(av) 2a peak forward surge current : 8.3ms single half sine-wave superimposed on rated load(jedec method) i fsm 50 a typical thermal resistance ,junction to lead (note 1) junction to ambient (note 1) r jl r ja 20 62.5 o c / w operating junction temperature and storage temperature range t j ,t stg -55 to +150 o c 9$/8(
page . 2 march 07,2012-rev.00 MB220F 0.001 0.01 0.1 1 10 100 1000 20 40 60 80 100 i r ,reverse current (ua) t j = 25c t j = 75c t j = 125c t j = 150c fig.3 typical reverse characteristics fig.4 typical forward characteristics fig.2 typical junction capacitance 1 10 100 1000 10000 0.1 1 10 100 v r , reverse bias voltage (v) c j , junction capacitance (pf ) 0.1 1 10 0 0.2 0.4 0.6 0.8 1 1.2 v f , forward voltage (v) i f , forward current (a) t j = 75c t j = 125c t j = 25c percent of rated peak reverse voltage (%) 0 0.5 1 1.5 2 0 25 50 75 100 125 150 t c , case temperature (c) i f , forward current (a) fig.1 forward current derating curve t j = 150c rating and characteristic curves electrical characteristics (t a =25 o c unless otherwise noted) parameter symbol test conditions min. typ. max. unit breakdown voltage v br i r =1ma t a =25 o c 200 - - v instantaneous forward voltage v f i f =0.1a i f =1a i f =2a t a =25 o c - - - 0.57 0.77 0.83 - - 0.9 v i f =0.1a i f =1a i f =2a t a =125 o c - - - 0.43 0.61 0.68 - - - v reverse current i r v r =160v t a =25 o c- 0.11 - a v r =200v t a =25 o c t a =125 o c - - 0.28 140.7 50 - a a
page . 3 mounting pad layout ? packing information order information legal statement copyright panjit international, inc 2012 the information presented in this document is believed to be accurate and reliable. the specifications and information herein are subject to change without notice. pan jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. pan jit products are not authorized for use in life support devices or systems. pan jit does not convey any license under its patent rights or rights of others. t/r - 5k p er 13" plastic reel smbf unit:inch(mm) 0.256 (6.5) 0.110 (2.8) 0.073 (1.85) (0.087) (2.2) 0dufk5(9 MB220F
page . 4 for example : rb500v-40 _ r2 _ 00001 part no. serial number version code means hf packing size code means 13" packing type means t/r packing code xx version code xxxxx packing type 1 st code packing size code 2 nd code hf or rohs 1 st code 2 nd ~5 th code t/b a n/a 0 hf 0 serial number t/r r 7" 1 rohs 1 serial number b/p b 13" 2 t/p t 26mm x trr s 52mm y trl l pbcu u forming f pbcd d part no_packing code_version MB220F_r1_00001 MB220F_r2_00001 MB220F_00001 MB220F march 07,2012-rev.00


▲Up To Search▲   

 
Price & Availability of MB220F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X