Part Number Hot Search : 
P3500 107M0 XXB44 BD8105FV X25650AE D4538 7WU04 CPH3115
Product Description
Full Text Search
 

To Download M81049P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jun. 2009 pin configuration (top view) mitsubishi semiconductor M81049P/sp/fp octal d-type flip-flop driver with clear description m81049 is octal d-type flip-flop driver by 20-pin package. it has 8 same circuit units which is composed of d-type flip-flop logic circuit and high voltage nchmos output transistor. m81049 has a common direct clear input and a common clock input. features lineup with three packages high breakdown voltage (bv dsx 40v) drain output current (i ds(max) = 200ma) with input protection diodes pin assignment of input-output flow through wide operating temperature range (ta = ?0 to +85 c) application led drive function the common direct clear input and common clock input are connected to every circuit unit by the same way. signal at the d inputs is transferred to y outputs by d-type flip-flops on the positive-going edge of the clock pulse. if clr is set to ?? outputs y1-y8 will be altogether set to ? regardless of d1-d8 and clk. the maximum drain current of an output is 200ma. the maximum between drain-source is 40v. logic diagram (positive logic) 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 clr d1 d2 d3 d4 d5 d6 d7 d8 clk v dd gnd input output y1 y2 y3 y4 y5 y6 y7 y8 package type 20p4(p) 20p4b(sp) 20p2n(fp) d2 3 y2 18 d ck r q d3 4 y3 17 d ck r q d4 5 y4 16 d ck r q d5 6 y5 15 d ck r q d6 7 y6 14 d ck r q d7 8 y7 13 d ck r q d8 9 y8 v dd gnd 12 20 11 d ck r q d1 2 1 10 y1 19 clr clk d ck r q
mitsubishi semiconductor M81049P/sp/fp octal d-type flip-flop driver with clear jun. 2009 2 function table (each channel) output : y input clr l h h h h clk x d x l h x x h h l latched latched l timing diagram supply voltage drain-to-source voltage input voltage drain output current power dissipation operating temperature storage temperature v v v ma w c c 7 ?.5 ~ +40 ?.5 ~ v dd 200 1.79 1.47 1.10 ?0 ~ +85 ?5 ~ +125 ratings symbol parameter conditions unit absolute maximum ratings (unless otherwise noted, ta = ?0 ~ +85 c) v dd v ds v i i ds p d t opr t stg M81049P m81049sp m81049fp recommended operating conditions (unless otherwise noted, ta = ?0 ~ +85 c) v v v v parameter 4.5 0 0.7v dd 0 0 0 0 0 0 0 0 0 20 5 40 limits min typ max symbol unit v dd v ds v ih v il supply voltage drain-to-source voltage ??input voltage ??input voltage drain output current (current per 1 circuit when 8 circuits are com- ing on simultaneously) 5.0 5.5 40 v dd 0.3v dd 200 140 200 125 200 115 v dd 500 20 i ds duty cycle no more than 48% duty cycle no more than 100% duty cycle no more than 40% duty cycle no more than 100% duty cycle no more than 33% duty cycle no more than 100% v dd = 4.5v v dd = 4.5v v dd = 4.5v v dd = 4.5v v dd = 4.5v conditions v in t r ,t f t su t h t w f p sp fp input voltage rise time, fall time, drain output setup time before clk hold time, data after clk pulse duration clock frequency ma v ns ns ns ns mhz d clr clk y 5v gnd 5v gnd 5v gnd v oh v ol ta = 25 c, when mounted on board output, h current per circuit output, l : ??to ? : ??to ? h: high level l: low level x: irrelevant
mitsubishi semiconductor M81049P/sp/fp octal d-type flip-flop driver with clear jun. 2009 3 0.002 0.005 0.005 0.005 0.005 0.29 0.59 2.9 40 v (br)dsx i dsx i ih i il v a a a 5 1 ? 5 5 0.44 0.88 4.4 symbol unit parameter test conditions limits min typ max drain-source breakdown voltage drain-source leakage current ??input current ??input current i ds = 1ma v ds = 40v v dd = 5.5v, v i = 5.5v v dd = 5.5v, v i = 0v v dd = 5.5v v i = 5.5v or 0v i ds = 100ma, v dd = 4.5v i ds = 200ma, v dd = 4.5v i ds = 100ma, v dd = 4.5v electrical characteristics (unless otherwise noted, v dd = 5v, ta = 25 c) i cc v ds r ds(on) supply current ??output voltage drain-source on-state resistance a v ? ns ns ns ns ns 11 3 32 26 symbol unit parameter test conditions limits min typ max low-level to high-level and high-level to low-level output transition time t tlh t thl t plh t phl c l = 30pf (note 1) switching characteristics (v dd = 5v, ta = 25 c) low-level to high-level and high-level to low-level output propagation time (clk-y) all outputs off all outputs on low-level to high-level output propagation time (clr-y) t plh(r) 32
mitsubishi semiconductor M81049P/sp/fp octal d-type flip-flop driver with clear jun. 2009 4 timing diagram note 1 test circuit pg r l output c l y clr d gnd v dd v dd v cc clk pg (1) pulse generator (pg) characteristics : prr = 1mhz, duty cycle = 50%, t r = 6ns, t f = 6ns, zo = 50 ? , v i = 5v (2) output conditions : r l = 240 ? , v cc = 24v, v dd = 5v (3) electrostatic capacity c l includes floating capacitance at connections and input capacitance at probes. 50% d clk 50% y 10% 90% 50% 10% 90% t tlh t thl 5v gnd 5v gnd v cc v ol t plh t phl 50% switching times input setup and hold waveforms 50% 50% clk 5v gnd t su d t h t w t r t f 5v 50% 10% 90% 10% 90% gnd 50%
mitsubishi semiconductor M81049P/sp/fp octal d-type flip-flop driver with clear jun. 2009 5 typical characteristics ta=25 ? v dd =4.5v 10 1 10 0 10 2 2 10 3 357 23 57 23 57 200 ??? ??? ? ? ? ? ??? ? ? ? ? ? ??? ? 160 120 80 40 0 080 60 40 20 100 5 4 3 2 1 0 025507 585 100 2.0 1.5 1.0 0.5 0 0.764 0.572 0.931 M81049P m81049sp m81049fp 200 160 120 80 40 0 080 60 40 20 100 200 160 120 80 40 0 080 60 40 20 100 200 160 120 80 40 0 080 60 40 20 100 ta=?0 ? ta=85 ? duty cycle-drain current characteristics (M81049P) drain current i ds (ma) drain current i ds (ma) duty cycle (%) thermal derating factor characteristics drain-source on-state resistance vs drain current characteristics power dissipation pd (w) ambient temperature ta ( c) duty cycle-drain current characteristics (M81049P) drain current i ds (ma) duty cycle (%) duty cycle-drain current characteristics (m81049sp) drain current i ds (ma) duty cycle (%) duty cycle-drain current characteristics (m81049sp) drain current i ds (ma) duty cycle (%) drain-source on-state resistance r ds ( on ) ( ? ) the drain current values represent the current per circuit. repeated frequency 10hz the value the circle represents the value of the simultaneously-operated circuit. ta=85 c the drain current values represent the current per circuit. repeated frequency 10hz the value the circle represents the value of the simultaneously-operated circuit. ta=25 c the drain current values represent the current per circuit. repeated frequency 10hz the value the circle represents the value of the simultaneously-operated circuit. ta=25 c the drain current values represent the current per circuit. repeated frequency 10hz the value the circle represents the value of the simultaneously-operated circuit. ta=85 c
mitsubishi semiconductor M81049P/sp/fp octal d-type flip-flop driver with clear jun. 2009 6 ??? ? ? ? ? ? ? ??? ? ? ? 200 160 120 80 40 0 080 60 40 20 100 200 160 120 80 40 0 080 60 40 20 100 0 10 20 40 30 50 80 ?0 ?0 40 20 100 060 10 0 10 1 2 3 5 7 10 2 2 3 5 7 10 3 2 3 5 7 10 1 2 10 2 2 10 3 33 55 77 t tlh t thl t plh t phl t thl t tlh t plh ,t plh(r) t phl 3 -  ? 7 $$ 7 7 %% 7 7 $$ 7 7 %% 7 5b? ambient temperature ta ( c ) switching time (ns) drain current i ds (ma) switching time (ns) switching time- drain current characteristics switching time-ambient temperature characteristics duty cycle-drain current characteristics (m81049fp) drain current i ds (ma) duty cycle (%) duty cycle-drain current characteristics (m81049fp) drain current i ds (ma) duty cycle (%) the drain current values represent the current per circuit. repeated frequency 10hz the value the circle represents the value of the simultaneously-operated circuit. ta=85 c the drain current values represent the current per circuit. repeated frequency 10hz the value the circle represents the value of the simultaneously-operated circuit. ta=25 c
mitsubishi semiconductor M81049P/sp/fp octal d-type flip-flop driver with clear jun. 2009 7 dip20-p-300-2.54 weigh t(g) ?.3 jedec code eiaj package code lead material alloy 42/cu alloy 20p4 plastic 20pin 300mil dip symbol min nom max a a 2 b b 1 b 2 c e d l dimension in millimeters a 1 0.51 ?.3 0.4 0.5 0.6 1.4 1.5 1.8 0.9 1.0 1.3 0.22 0.27 0.34 23.8 24.0 24.2 6.15 6.3 6.45 ?.54 ?.62 3.0 0 ?5 4.5 e e 1 20 11 10 1 e c e 1 d a 2 a 1 b 2 b b 1 e la seating plane sdip20-p-300-1.78 weigh t(g) jedec code 1.0 eiaj package code 20p4b plastic 20pin 300mil sdip symbol min nom max a a 2 b b 1 c e d l dimension in millimeters a 1 0.51 ?.3 0.38 0.48 0.58 0.9 1.0 1.3 0.22 0.27 0.34 18.8 19.0 19.2 6.15 6.3 6.45 ?. 778 ?.62 3.0 0 ?5 4.5 e e 1 20 11 10 1 e c e 1 a 2 a 1 b b 1 e la seating plane d lead material alloy 42/cu alloy
mitsubishi semiconductor M81049P/sp/fp octal d-type flip-flop driver with clear jun. 2009 8 sop20-p-300-1.27 weigh t(g) jedec code 0.26 eiaj package code lead material cu alloy 20p2n-a plastic 20pin 300mil sop symbol min nom max a a 2 b c d e l l 1 y dimension in millimeters h e a 1 i 2 .35 0 0 .18 0 .5 12 .2 5 .5 7 .4 0 .27 1 .1 0 .8 1 .4 0 .2 0 .6 12 .3 5 .27 1 .8 7 .6 0 .25 1 .62 7 .2 0 .1 2 .5 0 .25 0 .7 12 .4 5 .1 8 .8 0 .1 0 b 2 ?76 0 0 ? e e 1 20 11 10 1 h e e d e y f a a 2 a 1 l 1 l c e b 2 e 1 i 2 recommended mount pad detail f detail g z z 1 x z 1 0.585 0.735 0.25 z b x m g


▲Up To Search▲   

 
Price & Availability of M81049P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X