Part Number Hot Search : 
UB232R NTE931 74HCT3 GBPC4005 AME7107 3SMC110A RF620T 03515
Product Description
Full Text Search
 

To Download M41TC8025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for further information contact your local stmicroelectronics sales office. september 2012 doc id 023561 rev 2 1/8 8 M41TC8025 highly accurate, temperature-compensated serial real-time clock (rtc) with embedded crystal data brief features embedded high-stability 32 khz dtcxo temperature-compensated serial real-time clock ? 5.0 ppm max from -40 to 85 c ? 3.8 ppm max from 0 to 50 c supply voltage ? clock operating & timekeeping: 1.6 to 5.5 v ?i 2 c interface operating: 1.8 to 5.5 v ? temperature compensation: 2.2 to 5.5 v 0.8 a typical current at 3.0 v supply voltage 400 khz i 2 c interface time-of-day alarm (with interrupt) fixed-cycle timer interrupt function time update interrupt function programmable frequency output ? fout = 1 hz, 1 khz and 32 khz registers for seconds, minutes, hours, day-of- week, date (day of month), month and year with automatic leap year compensation programmable temperature compensation intervals (0.5 s, 2 s default, 10 s, 30 s) applications power meters industrial applications description the M41TC8025 is a serial i 2 c real-time clock (rtc) incorporating temperature compensation to maintain accurate timekeeping over the industrial temperature range of -40 to +85 c. in addition to providing date and time (seconds, minutes, hours, day-of-week, date (day of month), month and year), the device also provides an alarm function, fixed-cycle timer, time update interrupt and programmable frequency outputs (1 hz, 1 khz and 32 khz). the M41TC8025 is provided in a 200 mil, 14-pin soic package. so14 14-pin soic table 1. device summary order code accuracy package M41TC8025amc6f 5.0 ppm (-40 to 85 c) 3.8 ppm (0 to 50 c) so14 www.st.com
device overview M41TC8025 2/8 doc id 023561 rev 2 1 device overview figure 1. logic diagram 1. irq is an open-drain output 2. fout is a cmos output figure 2. pinout note: be sure to connect a 0.1 f to 1 f bypass capacitor between v cc and v ss . table 2. pin description pin name description 1 nc no connect. the nc pin can be connected to v cc , gnd or left floating. 2 scl serial clock input 3 fout programmable frequency output (cmos) . the fout pin is hi-z if foe is low. 4 nf no function. the nf pin can be connected to v cc , gnd or left floating. 5 du do not use externally. the du pin must be left floating. 6v cc power supply 7 foe frequency output enable, contro ls the frequency output on fout pin 8 nc no connect. the nc pin can be connected to v cc , gnd or left floating. 9 nf no function. the nf pin can be connected to v cc , gnd or left floating. 10 irq interrupt output (open drain) 11 v ss ground supply 12 nf no function. the nf pin can be connected to v cc , gnd or left floating. 13 sda serial data input/output 14 nc no connect. the nc pin can be connected to v cc , gnd or left floating. &/% 6 33 6 ## )21  3#, 3$! !-v &/54                .& )21 3#, 3$! 6 33 .# 6 ## .& .# .& !-v $5 &/54 &/% .#
M41TC8025 device overview doc id 023561 rev 2 3/8 figure 3. block diagram figure 4. hardware hookup divide by 32768 1 hz i 2 c sda interf ace year month da te day -of-week hours minutes seconds counter counter counter counter counter counter counter non-clock registers temp sensor 32khz temp-compensated osc & capacitor array compensation control alarm timer counter 0 extension reg flag register control reg fout (sqw) 32khz aie irq v cc v ss tie uie scl 32khz 1khz 1hz clock registers day/week alarm hour alarm min alarm date alarm alarm registers timer counter 1 compare 0 - 59 0 - 59 0 - 23 1 - 7 1 - 3 1 1 - 1 2 0 - 99 fixed-cycle timer time update foe interrupt control am045299v2 9 && 6&/ 6'$ 07& 6&/ 6'$ 9 vv 9 && 0&8 !-v %$7 )2( )287 ,54 *3,2
package mechanical data M41TC8025 4/8 doc id 023561 rev 2 2 package mechanical data in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. figure 5. so14 - 14-lead small outline (200 mils body width) package mechanical drawing 83 4 883 2_b
M41TC8025 package mechanical data doc id 023561 rev 2 5/8 table 3. so14 - 14-lead small outline (200 mils body width) package mechanical data symbol mm in min typ max min typ max a - - 2.25 - - 0.089 a1 0.15 0.20 0.25 0.006 0.008 0.010 a2 1.80 1.90 2.00 0.071 0.075 0.079 a3 0.85 0.95 1.05 0.033 0.037 0.041 b 0.41 - 0.54 0.016 - 0.021 b1 0.40 0.45 0.50 0.016 0.018 0.020 c 0.14 - 0.21 0.006 - 0.008 c1 0.13 0.15 0.17 0.005 0.006 0.007 d1 9.80 9.90 10.00 0.386 0.390 0.394 d (1) 10.05 10.15 10.25 0.396 0.400 0.404 e 7.30 7.45 7.60 0.287 0.293 0.299 e1 5.20 5.30 5.40 0.205 0.209 0.213 e1.27 0.050 l 0.30 0.50 0.70 0.012 0.020 0.028 l1 1.07 ref. 0.042 ref. r 0.07 - - 0.003 - - r1 0.07 - - 0.003 - - 10 - 8 0 - 8 2 13 15 17 13 15 17 3 6 8 10 6 8 10 4 9.5 11.5 13.5 9.5 11.5 13.5 5 6 8 10 6 8 10 1. dimension ?d? includes mold flash.
part numbering M41TC8025 6/8 doc id 023561 rev 2 3 part numbering table 4. ordering information scheme for other options, or for more information on any aspect of this device, please contact the st sales office nearest you. example: m41tc 8025 a mc 6 f device family m41tc device type 8025 accuracy a = 5.0 ppm (-40 to 85 c) 3.8 ppm (0 to 50 c) package mc = so14 temperature range 6 = ?40 c to 85 c shipping method f = ecopack ? package, tape & reel
M41TC8025 revision history doc id 023561 rev 2 7/8 4 revision history table 5. document revision history date revision changes 21-aug-2012 1 initial release. 21-sep-2012 2 modified title of document; updated figure 3: block diagram .
M41TC8025 8/8 doc id 023561 rev 2 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by two authorized st representatives, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2012 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of M41TC8025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X