Part Number Hot Search : 
1N5913 ALN2046 72920 CMO3ECC C1334 AX9311 54F25 XXXSP
Product Description
Full Text Search
 

To Download KT2520F26000ACU18TXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  temperature compensated crystal oscillators (tcxo) surface mount type tcxo (lsi type) kt2520 series for gps 2.5 2.0mm rohs compliant features ? miniature smd type (2.5 2.0 0.8mm) ? freq. temp. characteristics. : 0.5 10 - 6 / - 30 to + 85 c ? 1.68 to 3.6v drive available ? reflow compatible ? temperature sensor output (option) ? disable function (option) ? lower operating temp. - 40 c (option) applications ? gps units how to order kt2520f 26000 a c w 18 t xx series output frequency freq. temp. chrst. a 0.5 10 - 6 lower operating temp. c - 30 c e - 20 c g - 10 c upper operating temp. w + 85 c v + 80 c u + 75 c  supply voltage 18 1.8v 28 2.8v voltage control range t tcxo  option code packaging (tape & reel 3000 pcs./ reel)  specifications item symbol conditions min. max. units output frequency range fo standard frequency: 16.368, 16.369, 19.2, 23.104, 26, 27.456, 33.6, 38.4, 52 13 52 mhz frequency tolerance f _tol vs temperature - 0.5 + 0.5 10 - 6 vs load - 0.1 + 0.1 vs voltage - 0.2 + 0.2 frequency aging f _age per year - 1 + 1 10 - 6 storage temperature range t _stg - 40 + 85 c operating temperature range t _use - 30 + 85 c supply voltage v cc 1.68 3.6 v output level vpp clipped sine * , load: 10k ohm / / 10pf 0.8 vp-p current consumption i cc 2 ma harmonics - 5 dbc * : a dc-cut capacitor is not embedded in this crystal oscillator. connect a dc-cut capacitor ( 1nf) to the line-out terminal of the oscillator. dimensions (unit: mm)  pin configuration #1pin gnd/ e/ d function #3pin gnd #4pin output #6pin vcc #2/ 5pin n.c. 2.500.15 2.000.15 0.8 max. 0.675 0.65 0.675 0.35 0.35 0.65 0.50 0.65 #1 #2 #3 #6 #5 #4 #6 #5 #4 #1 #2 #3 marking area marking area test circuit rl=10k?10% cl=10pf10% ? cl include probe capacitance co: dc cut capacitance spectrum analyzer & counter, oscilloscope a v 1 3 6 4 2 5 tcxo cl co power supply vcc fet probe rl e/ d test circuit 1 non enable/ disable function ? enable/ disable function please inquire details spectrum analyzer & counter, oscilloscope a v 1 3 6 4 2 5 tcxo cl co power supply vcc fet probe rl test circuit 2 with enable/ disable function recommended land pattern (unit: mm) 0.825 0.825 0.650 0.43 0.55 0.55 0.7 0.50 0.50 1.80 note: a capacitor of value 0.01 f between v cc and gnd is recommended.


▲Up To Search▲   

 
Price & Availability of KT2520F26000ACU18TXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X