Part Number Hot Search : 
78L08A 2SC52 4HCT0 B1201 124EC H2N7000 TSCDA12L LA1837M
Product Description
Full Text Search
 

To Download KBU1010-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silicon bridge rectifiers page 1 rev :a kbu10005-g thru. KBU1010-G pa ra m et er sy mb ol un it d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) qw -bbr62 maximum reverse peak repetitive v oltage maximum rms bridge input v oltage maximum dc blocking v oltage maximum a verage forward (with heatsink note2) rectified current @t c=100c (without hestsink) peak forward surage current , 8.3ms single half sine-w ave super imposed on rated load operating t emperature range storage t emperature range reverse v oltage: 50 to 1000v forward current: 10.0a rohs device maximum ratings and electrical characteristics rating at 25c ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% 50 35 50 v rrm v rms v dc i (a v) i fsm v f i r t j t stg 10.0 240 1.0 10.0 -55 to +125 -55 to +150 v v v a a v a o c o c kbu 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 comchip t echnology co., l td. notes: features -surge overload rating - 240 amperes peak. mechanical data maximum forward v oltage at 5.0a -ideal for printed circuit board. 3.0 500 o c dc blocking v oltage @t j =125c maximum reverse current at rate @t j =25c 1. device mounted on 100mm*100mm*1.6mm cu plate heatsink. kbu 10005-g kbu 1001-g kbu 1002-g kbu 1004-g kbu 1006-g kbu 1008-g kbu 1010-g -epoxy: u/l 94-v0 rate flame retardant. -mounting position: any -case: molded plastic, kbu -w eight: 7.40grams 0 . 9 3 5 ( 2 3 . 7 ) 0 . 8 9 5 ( 2 2 . 7 ) 0 . 6 0 0 ( 1 6 . 8 ) 0 . 7 0 0 ( 1 7 . 8 ) 3 0 0 ( 7 . 5 ) ( 2 5 . 4 ) 1 . 0 0 m i n . . 0 7 1 ( 1 . 8 ) . 0 8 7 ( 2 . 2 ) 0 . 2 2 0 ( 5 . 6 ) 0 . 2 5 6 ( 6 . 5 ) 0 . 2 7 6 ( 7 . 0 ) 0 . 1 5 x 2 3 l h o l e t h r u 0 . 1 5 7 ( 4 . 0 ) * 4 5 c 0 . 1 8 0 ( 4 . 6 ) 0 . 0 4 8 ( 1 . 2 ) t y p. 0 . 0 5 2 ( 1 . 3 ) d i a . 0 . 7 8 0 ( 1 9 . 8 ) 0 . 7 4 0 ( 1 8 . 8 ) ( 3 . 8 x 5 . 7 l )
page 2 rev : a rating and characteristics curves (kbu10005-g thru. KBU1010-G) qw -bbr62 comchip t echnology co., l td. 0 5 0 1 0 0 1 5 0 0 . 0 1 0 3 0 4 0 c a s e t e m p e r a t u r e , ( c ) a v e r a g e f o r w a r d o u t p u t c u r r e n t , ( a ) 2 0 f i g . 1 - d e r a t i n g c u r v e o u t p u t r e c t i f i e d f i g . 3 - m a x i m u m f o r w a r d s u r g e 1 1 0 1 0 0 n u m b e r o f c y c l e a t 6 0 h z p e a k f o r w a r d s u r g e c u r r e n t , ( a ) 0 1 0 0 1 5 0 3 5 0 3 0 0 s in g l e h a l f - s in e - wa v e ( j e d e c m e t h o d ) p u l s e w id t h 8 .3 m s c u r r e n t 4 0 0 5 0 2 0 0 2 5 0 f i g . 4 - t y p i c a l r e v e r s e c h a r a c t e r i s t i c s 0 4 0 8 0 1 0 0 1 4 0 0 . 0 1 p e r c e n t o f r a t e d p e a k r e v e r s e v o l t a g e , ( v ) 0 . 1 1 . 0 1 0 . 0 1 2 0 6 0 2 0 f i g . 2 - t y p i c a l f o r w a r d c h a r a c t e r i s t i c s i n s t a n t a n e o u s f o r w a r d v o l t a g e , ( v ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) 0 . 4 1 . 0 1 0 1 0 0 0 . 1 0 . 0 1 0 . 6 1 . 2 1 . 4 1 . 6 0 . 8 1 . 0 i n s t a n t a n e o u s r e v e r s e c u r r e n t , ( a ) t j = 2 5 c c u r r e n t silicon bridge rectifiers
marking code xxxx / xxxxx = product type marking code page 3 rev : a qw -bbr62 comchip t echnology co., l td. silicon bridge rectifiers kbu xxxx - + ac c c = compchip logo standard packaging c a s e t y p e k b u 4 0 0 b o x ( p c s ) b u l k p a c k c a r t o n ( p c s ) 2 , 4 0 0 kbu10005-g kbu1001 -g kbu1002 -g kbu1004 -g kbu1006 -g kbu1008 -g kbu1010 -g part number marking code kbu10005 kbu1001 kbu1002 kbu1004 kbu1006 kbu1008 kbu1010


▲Up To Search▲   

 
Price & Availability of KBU1010-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X