Part Number Hot Search : 
00WZ2 101KT C5806 H50N6 RFM84 39F1G 431AC APED3528
Product Description
Full Text Search
 

To Download IMBD4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  IMBD4148 vishay semiconductors formerly general semiconductor document number 88203 www.vishay.com 14-may-02 1 small-signal diode maximum ratings and thermal characteristics (t a = 25? unless otherwise noted) parameter symbol value unit reverse voltage v r 75 v peak reverse voltage v rm 100 v rectified current (average) half wave rectification with i f(av) 150 (1) ma resist. load at t amb = 25 c and f 50hz surge forward current at t < 1s and t j = 25 c i fsm 500 ma power dissipation up to t amb = 25 cp tot 350 (1) mw thermal resistance junction to ambient air r ja 450 (1) c/w junction temperature t j 150 c storage temperature range t s 65 to +150 c note: (1) device on fiberglass substrate, see layout on next page. .016 (0.4) .056 (1.43 ) .037(0.95) .037(0.95) max. .004 (0.1) .122 (3.1) .016 (0.4) .016 (0.4) 1 2 3 top view .102 (2.6) .007 (0.175) .045 (1.15) .110 (2.8) .052 (1.33 ) .005 (0.125) .094 (2.4) .037 (0.95) features silicon epitaxial planar diodes fast switching diode in case sot-23, especially suited for automatic insertion. this diodes are also available in other case styles including: the do-35 case with the type designation 1n4148, the mini-melf case with the type designation ll4148, and the sod-123 case with the type designation 1n4148w. mechanical data case: sot-23 plastic package weight: approx. 0.008g packaging codes/options: e8/10k per 13 reel (8mm tape), 30k/box e9/3k per 7 reel (8mm tape), 30k/box to-236ab (sot-23) dimensions in inches and (millimeters) mounting pad layout 0.079 (2.0) 0.037 (0.95) 0.035 (0.9) 0.031 (0.8) 0.037 (0.95) marking a2 top view
IMBD4148 vishay semiconductors formerly general semiconductor www.vishay.com document number 88203 2 14-may-02 electrical characteristics (t j = 25 c unless otherwise noted) parameter symbol test condition min typ max unit forward voltage v f i f = 10 ma 1.0 v v r = 70 v 2.5 a leakage current i r v r = 70 v, t j = 150 c 50 a v r = 25 v, t j = 150 c 30 a capacitance c tot v f = v r = 0 4pf reverse recovery time (see figures) t rr i f = 10 ma, i r = 10 ma 4ns v r =6 v, r l = 100 ? (1)device on fiberglass substrate, see layout (sot-23). 0.59 (15) 0.2 (5) 0.03 (0.8) 0.30 (7.5) 0.12 (3) .04 (1) 0.06 (1.5) 0.20 (5.1) .08 (2) .08 (2) .04 (1) 0.47 (12) dimensions in inches (millimeters) layout for r thja test thickness: fiberglass 0.059 in. (1.5 mm) copper leads 0.012 in. (0.3 mm)
IMBD4148 vishay semiconductors formerly general semiconductor document number 88203 www.vishay.com 14-may-02 3 ratings and characteristic curves (t a = 25 c unless otherwise noted) 500 400 300 200 100 0
IMBD4148 vishay semiconductors formerly general semiconductor www.vishay.com document number 88203 4 14-may-02 ratings and characteristic curves (t a = 25 c unless otherwise noted)


▲Up To Search▲   

 
Price & Availability of IMBD4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X